Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SP809EK-L-3-1TR Datasheet(PDF) 6 Page - Exar Corporation

Part # SP809EK-L-3-1TR
Description  3 Pin Microprocessor Supervisor Circuit
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

SP809EK-L-3-1TR Datasheet(HTML) 6 Page - Exar Corporation

  SP809EK-L-3-1TR Datasheet HTML 1Page - Exar Corporation SP809EK-L-3-1TR Datasheet HTML 2Page - Exar Corporation SP809EK-L-3-1TR Datasheet HTML 3Page - Exar Corporation SP809EK-L-3-1TR Datasheet HTML 4Page - Exar Corporation SP809EK-L-3-1TR Datasheet HTML 5Page - Exar Corporation SP809EK-L-3-1TR Datasheet HTML 6Page - Exar Corporation SP809EK-L-3-1TR Datasheet HTML 7Page - Exar Corporation SP809EK-L-3-1TR Datasheet HTML 8Page - Exar Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
S
SP
P8
80
09
9 /
/ S
SP
P8
81
10
0
3
3 P
Piin
n M
Miiccrro
op
prro
occe
es
ss
so
orr S
Su
up
pe
errv
viis
so
orr C
Ciirrccu
uiitt
© 2011 Exar Corporation
6/8
Rev. 2.0.0
THEORY OF OPERATION
μP will be activated at a valid reset state.
These μP supervisory circuits assert reset to
prevent code execution errors during power-
up, power-down, or brownout conditions.
Reset is guaranteed to be a logic low for
VTH>VCC>0.9V. Once VCC exceeded the reset
threshold, an internal timer keeps RESET low
for the reset timeout period; after this interval,
RESET goes high.
If a brownout condition occurs (VCC drops
below the reset threshold), RESET goes low.
Any time VCC goes below the reset threshold,
the internal timer resets to zero, and RESET
goes low. The internal timer is activated after
VCC returns above the reset threshold, and
RESET remains low for the reset timeout
period.
BENEFIT OF HIGHLY ACCURATE RESET
THRESHOLD
SP809/810 with specified voltage as 5V±10%
or 3V±10% are ideal for systems using a
5V±5% or 3V±5% power supply. The reset is
guaranteed to assert after the power supply
falls below the minimum specified operating
voltage range of the system ICs. The pre-
trimmed thresholds are reducing the range
over which an undesirable reset may occur.
APPLICATION INFORMATION
NEGATIVE GOING VCC TRANSIENTS
In addition to issuing a reset to the µP during
power-up,
power-down,
and
brownout
conditions,
SP809
series
are
relatively
resistant to short-duration negative-going VCC
transient.
ENSURING A VALID RESET OUTPUT DOWN
TO
VCC=0
When VCC falls below 0.9V, SP809 RESET
output no longer sinks current; it becomes an
open circuit. In this case, high-impedance
CMOS logic inputs connecting to RESET can
drift to undetermined voltages. Therefore,
SP809/810 with CMOS is perfect for most
applications of VCC down to 0.9V.
However in applications where RESET must be
valid down to 0V, adding a pull-down resistor
to RESET causes any leakage currents to flow
to ground, holding RESET low.
INTERFACING TO µP WITH BIDIRECTIONAL
RESET PINS
The RESET output on the SP809N is open
drain, this device interfaces easily with μPs
that have bidirectional reset pins. Connecting
the μP supervisor's RESET output directly to
the microcontroller's RESET pin with a single
pull-up resistor allows either device to assert
reset.
TEST CIRCUIT
Fig. 10: Test Circuit


Similar Part No. - SP809EK-L-3-1TR

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP809EK-2-3 SIPEX-SP809EK-2-3 Datasheet
181Kb / 8P
   3 Pin Microprocessor Supervisor Circuit
SP809EK-2-3/TR SIPEX-SP809EK-2-3/TR Datasheet
181Kb / 8P
   3 Pin Microprocessor Supervisor Circuit
SP809EK-2-6 SIPEX-SP809EK-2-6 Datasheet
181Kb / 8P
   3 Pin Microprocessor Supervisor Circuit
SP809EK-2-6/TR SIPEX-SP809EK-2-6/TR Datasheet
181Kb / 8P
   3 Pin Microprocessor Supervisor Circuit
SP809EK-2-9 SIPEX-SP809EK-2-9 Datasheet
181Kb / 8P
   3 Pin Microprocessor Supervisor Circuit
More results

Similar Description - SP809EK-L-3-1TR

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP809 SIPEX-SP809 Datasheet
181Kb / 8P
   3 Pin Microprocessor Supervisor Circuit
logo
Micrel Semiconductor
MIC803 MICREL-MIC803_15 Datasheet
612Kb / 12P
   3-Pin Microprocessor Supervisor Circuit with Open-Drain Reset Output
MIC803 MICREL-MIC803 Datasheet
258Kb / 10P
   3-Pin Microprocessor Supervisor Circuit with Open-Drain Reset Output
logo
Fairchild Semiconductor
FMFFM1233AC FAIRCHILD-FMFFM1233AC Datasheet
66Kb / 7P
   3-Pin uC Supervisor Circuit
logo
Diodes Incorporated
APX803-29SAG-7 DIODES-APX803-29SAG-7 Datasheet
201Kb / 10P
   3-PIN MICROPROCESSOR RESET CIRCUIT
logo
Fairchild Semiconductor
FM1233E FAIRCHILD-FM1233E Datasheet
31Kb / 7P
   3-Pin 關C Supervisor Circuit
logo
Diodes Incorporated
APX803S DIODES-APX803S Datasheet
356Kb / 9P
   3-PIN MICROPROCESSOR RESET CIRCUIT
January 2017
logo
EM Microelectronic - MA...
V6309 EMMICRO-V6309 Datasheet
709Kb / 6P
   3-Pin Microprocessor Reset Circuit
logo
BCD Semiconductor Manuf...
AZ809A BCDSEMI-AZ809A Datasheet
234Kb / 11P
   3-PIN MICROPROCESSOR RESET CIRCUIT
AZ809A BCDSEMI-AZ809A_10 Datasheet
742Kb / 11P
   3-PIN MICROPROCESSOR RESET CIRCUIT
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com