Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SML-Z14P4T Datasheet(PDF) 10 Page - Rohm

Part # SML-Z14P4T
Description  20/50mA guaranteed specifications
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

SML-Z14P4T Datasheet(HTML) 10 Page - Rohm

Back Button SML-Z14P4T Datasheet HTML 3Page - Rohm SML-Z14P4T Datasheet HTML 4Page - Rohm SML-Z14P4T Datasheet HTML 5Page - Rohm SML-Z14P4T Datasheet HTML 6Page - Rohm SML-Z14P4T Datasheet HTML 7Page - Rohm SML-Z14P4T Datasheet HTML 8Page - Rohm SML-Z14P4T Datasheet HTML 9Page - Rohm SML-Z14P4T Datasheet HTML 10Page - Rohm SML-Z14P4T Datasheet HTML 11Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
www.rohm.com
© 2013 ROHM Co., Ltd. All rights reserved.
Data Sheet
SML-Z1 series
5.WASHING
Please note the following points when washing is required after soldering.
5-1) WASHING SOLVENT
Isopropyl alcohol or other alcohol solvent is recommendable.
5-2) TEMPERATURE
Below 30ºC, immersion time ; within 3 minutes.
5-3) ULTRA SONIC WASHING
Below 15/1 litter of solvent tub.
54) COOLING
Below 100ºC within 3 minutes.
6.EROSION GAS
Utilization in erosion gas atmosphere may degenerate the plating surface which might cause deterioration of
solder strength, optical characteristics, or functions.
Please take precautions against occurrence of gas from the surrounding parts on the occasion of custody,
and also after mounted on circuit board.
7.STORAGE
At reflow soldering, the reliability of this product is often influenced by moisture
absorption so we apply the packaging with moisture proof for better condition is use, please also note that
7-1) Not to be opened before using.
7-2) To be kept in our moisture proof packaging with some desiccant (SILICA GEL) after opening it.
To be baked in case the SILICA GEL indicator changed its color from either blue to clear or green to pink.
7-3) Please use within 72 hours after the package was opened. (Condition at 30ºC, max.70%Rh.)
In case it is not used within 72 hours, please put it back into our packaging.
7-4) BAKING
Please bake under reel condition at 60ºC, 40~48 hours (max.20%Rh) after un-sealing.
While baking is done, the reel and emboss tape may be easily deformed.
Please be careful not to give any stress.
7.LIFE TIME
This product will cause reduction of luminous intensity depending on the using conditions and environmental.
Please inquire our sales contact if long life time is required on your application.
10/10
2013.08 - Rev.C


Similar Part No. - SML-Z14P4T

ManufacturerPart #DatasheetDescription
logo
Rohm
SML-Z14P4T ROHM-SML-Z14P4T Datasheet
1Mb / 5P
   High brightness
SML-Z14P4T ROHM-SML-Z14P4T Datasheet
1Mb / 5P
   High brightness
SML-Z14P4T ROHM-SML-Z14P4T Datasheet
1Mb / 5P
   High brightness 20/50mA guaranteed specifications PLCC2 package
More results

Similar Description - SML-Z14P4T

ManufacturerPart #DatasheetDescription
logo
Rohm
SML-Z1 ROHM-SML-Z1_12 Datasheet
1Mb / 5P
   High brightness 20/50mA guaranteed specifications PLCC2 package
logo
STMicroelectronics
ST4485EB STMICROELECTRONICS-ST4485EB Datasheet
392Kb / 18P
   Guaranteed 20 Mbps data rate
September 2013 Rev 2
logo
Xilinx, Inc
XA2C64A-8VQG44Q XILINX-XA2C64A-8VQG44Q Datasheet
423Kb / 16P
   Guaranteed to meet full electrical specifications over
logo
Central Semiconductor C...
CP681 CENTRAL-CP681 Datasheet
620Kb / 2P
   PNP - Silicon RF Transistor Die 50mA, 20 Volt
logo
Maxim Integrated Produc...
MAX662 MAXIM-MAX662 Datasheet
346Kb / 8P
   Guaranteed 30mA Output
1992
logo
STMicroelectronics
LM236-LM336 STMICROELECTRONICS-LM236-LM336 Datasheet
436Kb / 15P
   Guaranteed temperature stability
May 2007 Rev 3
logo
AnaSem Hong Kong Limite...
CSL2050DTA ANASEM-CSL2050DTA Datasheet
214Kb / 8P
   20~50mA Current detection CMOSMR Monolithic Current Sensor Switch
Rev. E09-08
logo
RFHIC
RFC1G21H4-24-S RFHIC-RFC1G21H4-24-S Datasheet
1Mb / 5P
   Guaranteed Broadband Power Gain
logo
Suntan Capacitors
TSS-TC-0402 SUNTAN-TSS-TC-0402 Datasheet
132Kb / 1P
   RATING:DC 12V 50mA
TSS-TC-1102 SUNTAN-TSS-TC-1102 Datasheet
115Kb / 1P
   RATING:DC 12V 50mA
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com