Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SML-Z14VTA Datasheet(PDF) 1 Page - Rohm

Part # SML-Z14VTA
Description  20/50mA guaranteed specifications
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

SML-Z14VTA Datasheet(HTML) 1 Page - Rohm

  SML-Z14VTA Datasheet HTML 1Page - Rohm SML-Z14VTA Datasheet HTML 2Page - Rohm SML-Z14VTA Datasheet HTML 3Page - Rohm SML-Z14VTA Datasheet HTML 4Page - Rohm SML-Z14VTA Datasheet HTML 5Page - Rohm SML-Z14VTA Datasheet HTML 6Page - Rohm SML-Z14VTA Datasheet HTML 7Page - Rohm SML-Z14VTA Datasheet HTML 8Page - Rohm SML-Z14VTA Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
Datasheet
www.rohm.com
© 2013 ROHM Co., Ltd. All rights reserved.
lFeatures
lOutline
• High brightness
• PLCC2 package
lSize
lDimensions
lRecommended Solder Pattern
lSpecifications
Typ.
IF
Max.
VR Min.*3 Typ. Max.*3 IF
Min. Typ.
IF
(V)
(mA) (mA)
(V)
(nm) (nm) (nm) (mA) (mcd) (mcd) (mA)
SML-Z14VT(A)
625 630 635
56 112
SML-Z14UT(A)
615 620 625
112 224
SML-Z14DT(A)
602 605 608
SML-Z14YT(A)
586 589 592
SML-Z14MT(A)
568 571 574
45
90
SML-Z14FT(A)
561.5
564 566.5
22.4 45
SML-Z14PT(A)
557 560 563
11.2 22.4
SML-Z14V4T
625 630 635
140 280
SML-Z14U4T
615 620 625
280 560
SML-Z14D4T
602 605 608
SML-Z14Y4T
587 590 593
SML-Z14M4T
569 572 575
112 224
SML-Z14F4T
562 565 568
71 120
SML-Z14P4T
558 561 564
22.4 56
SMLZ14EGT(A)
3.3
519 528 536
710 1100
SMLZ14BGT(A)
3.2
464 470 476
140 280
1800 2200
2200 3200
*1:Duty1/10, 1kHz *2:Duty1/5, 200Hz *3:Reference
20
20
12
(x, y) (0.34, 0.34)
20
50
12
50
355 710
140 280
50
(x, y) (0.30, 0.28)
10
100
10
20
5
Absolute Maximum Ratings (Ta=25ºC)
Power
Forward
Current
Dissipation
Operating Temp.
Tstg(ºC)
InGaN
70
200*1
Blue
Red
Orange
Yellow
Yellowish
Green
114
30
100*2
5
-
40 to +100
Orange
Yellow
AIGaInP
Green
SML-Z1 series
Red
70
200*1
Color
Emitting
Current
Peak Forward
20/50mA guaranteed specifications
Part No.
Chip
Structure
IFP(mA) VR(V)
Topr(ºC)
PD(mW) IF(mA)
Electrical and Optical Characteristics (Ta=25ºC)
Voltage
Reverse
Forward Voltag VF Reverse Current IR
Dominant Wavelength lD Luminous Intensity IV
Storage Temp.
Green
White
168
175
189
Bluish
Green
120
Yellowish
Green
1.9
2.0
2.0
2.1
12
12
-
40 to +100
-
40 to +100
-
40 to +100
-
40 to +100
-
40 to +100
SMLZ14WBGCW(A)
SMLZ14WBGDW(A)
20
20
20
5
20
20
100
3.3
30
100*2
5
-
40 to +100 -40 to +100
(unit : mm)
Tolerance : 0.2
(unit : mm)
Color
Type
V
U
D
Y
F
P
E
B
WB
M
Actual size
3528 (1411)
3.5×2.8mm (t=1.9mm)
Cathode Index
1/10
2013.08 - Rev.C


Similar Part No. - SML-Z14VTA

ManufacturerPart #DatasheetDescription
logo
Rohm
SML-Z14VT ROHM-SML-Z14VT Datasheet
1Mb / 5P
   High brightness
SML-Z14VT ROHM-SML-Z14VT Datasheet
1Mb / 5P
   High brightness
SML-Z14VT ROHM-SML-Z14VT Datasheet
1Mb / 5P
   High brightness 20/50mA guaranteed specifications PLCC2 package
SML-Z14VT ROHM-SML-Z14VT Datasheet
536Kb / 12P
   High brightness
SML-Z14VT1P ROHM-SML-Z14VT1P Datasheet
1Mb / 5P
   High brightness
More results

Similar Description - SML-Z14VTA

ManufacturerPart #DatasheetDescription
logo
Rohm
SML-Z1 ROHM-SML-Z1_12 Datasheet
1Mb / 5P
   High brightness 20/50mA guaranteed specifications PLCC2 package
logo
STMicroelectronics
ST4485EB STMICROELECTRONICS-ST4485EB Datasheet
392Kb / 18P
   Guaranteed 20 Mbps data rate
September 2013 Rev 2
logo
Xilinx, Inc
XA2C64A-8VQG44Q XILINX-XA2C64A-8VQG44Q Datasheet
423Kb / 16P
   Guaranteed to meet full electrical specifications over
logo
Central Semiconductor C...
CP681 CENTRAL-CP681 Datasheet
620Kb / 2P
   PNP - Silicon RF Transistor Die 50mA, 20 Volt
logo
Maxim Integrated Produc...
MAX662 MAXIM-MAX662 Datasheet
346Kb / 8P
   Guaranteed 30mA Output
1992
logo
STMicroelectronics
LM236-LM336 STMICROELECTRONICS-LM236-LM336 Datasheet
436Kb / 15P
   Guaranteed temperature stability
May 2007 Rev 3
logo
AnaSem Hong Kong Limite...
CSL2050DTA ANASEM-CSL2050DTA Datasheet
214Kb / 8P
   20~50mA Current detection CMOSMR Monolithic Current Sensor Switch
Rev. E09-08
logo
RFHIC
RFC1G21H4-24-S RFHIC-RFC1G21H4-24-S Datasheet
1Mb / 5P
   Guaranteed Broadband Power Gain
logo
Suntan Capacitors
TSS-TC-0402 SUNTAN-TSS-TC-0402 Datasheet
132Kb / 1P
   RATING:DC 12V 50mA
TSS-TC-1102 SUNTAN-TSS-TC-1102 Datasheet
115Kb / 1P
   RATING:DC 12V 50mA
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com