Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IN914B Datasheet(PDF) 2 Page - Continental Device India Limited

Part # IN914B
Description  HIGH SPEED SILICON SWITCHING DIODE
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDIL [Continental Device India Limited]
Direct Link  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

IN914B Datasheet(HTML) 2 Page - Continental Device India Limited

  IN914B Datasheet HTML 1Page - Continental Device India Limited IN914B Datasheet HTML 2Page - Continental Device India Limited IN914B Datasheet HTML 3Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
DO-35 Glass Axial Package
DO-35, 52mm Taping Specification
NOTE: Cathode is marked by Band.
A
B
A
All dimensions are in mm.
DIM
A
B
C
D
MIN
25.40
3.05
0.46
1.70
MAX
4.15
0.56
2.29
52 mm Taping Specification
T & A indicates Axial Tape and Ammo
Packing (52 mm Tape Spacing).
1.
300 mm (min) leader tape on every tape.
2.
No. of empty places allowed 0.25%
without consecutive empty places.
3.
Ends of leads shall preferably not
protrude beyond the tapes.
4.
Components shall be held sufficiently in
the tape or tapes so that they
can not come free in normal handling.
5.
All dimensions are in mm.
1.5 R MAX.
5.50
4.50
52.0
48.0
11 DIODES
DO-35 T&A
5K/ammo box
0.88 kg/5K pcs
10" x 3.2" x 3.2"
5K
12.7" x 12.7" x 20"
125K
25 kgs
PACKAGE
Net Weight/Qty
Details
STANDARD PACK
INNER CARTON BOX
Qty
OUTER CARTON BOX
Qty
Gr Wt
Size
Size
Packing Detail
On request also available
in 26 mm Tape
DO-35:- 5000 pcs./Ammo Pack
DIODE AMMO PACK
LABEL
255
.0
TAPES
LEADER
6.0 ±1.0
±1.0
±2.0
52.0
6.0
FEE
D
80.0
±2.
0
±2.0
Continental Device India Limited
Data Sheet
Page 2 of 3
1N914_B_6 Rev031001
IN916
250mW
DO- 35
Glass Axial Package


Similar Part No. - IN914B

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
IN914 ETC2-IN914 Datasheet
2Mb / 31P
   SEMICONDUCTORS
More results

Similar Description - IN914B

ManufacturerPart #DatasheetDescription
logo
Continental Device Indi...
CD4531 CDIL-CD4531 Datasheet
232Kb / 3P
   HIGH SPEED SILICON SWITCHING DIODE
logo
Zetex Semiconductors
BAS19 ZETEX-BAS19 Datasheet
35Kb / 2P
   SILICON HIGH SPEED SWITCHING DIODE
logo
List of Unclassifed Man...
CD4531 ETC-CD4531 Datasheet
145Kb / 2P
   HIGH SPEED SILICON SWITCHING DIODE
logo
Central Semiconductor C...
CMSD4448 CENTRAL-CMSD4448_15 Datasheet
469Kb / 2P
   HIGH SPEED SILICON SWITCHING DIODE
CMPD914E CENTRAL-CMPD914E_15 Datasheet
469Kb / 2P
    HIGH SPEED SILICON SWITCHING DIODE
logo
TRANSYS Electronics Lim...
1N4150 TEL-1N4150 Datasheet
128Kb / 2P
   HIGH SPEED SILICON SWITCHING DIODE
logo
Continental Device Indi...
1N4148 CDIL-1N4148 Datasheet
180Kb / 4P
   HIGH SPEED SILICON SWITCHING DIODE
1N4150 CDIL-1N4150 Datasheet
223Kb / 3P
   HIGH SPEED SILICON SWITCHING DIODE
logo
Siemens Semiconductor G...
BAR74 SIEMENS-BAR74 Datasheet
107Kb / 4P
   Silicon Switching Diode (For high-speed switching)
BAR99 SIEMENS-BAR99 Datasheet
96Kb / 4P
   Silicon Switching Diode (For high-speed switching)
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com