Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SML-212YTT86 Datasheet(PDF) 3 Page - Rohm

Part # SML-212YTT86
Description  Nomal type and Low current type line-up.
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

SML-212YTT86 Datasheet(HTML) 3 Page - Rohm

  SML-212YTT86 Datasheet HTML 1Page - Rohm SML-212YTT86 Datasheet HTML 2Page - Rohm SML-212YTT86 Datasheet HTML 3Page - Rohm SML-212YTT86 Datasheet HTML 4Page - Rohm SML-212YTT86 Datasheet HTML 5Page - Rohm SML-212YTT86 Datasheet HTML 6Page - Rohm SML-212YTT86 Datasheet HTML 7Page - Rohm SML-212YTT86 Datasheet HTML 8Page - Rohm SML-212YTT86 Datasheet HTML 9Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
www.rohm.com
© 2013 ROHM Co., Ltd. All rights reserved.
Data Sheet
SML-21 series
lElectrical Characteristics Curves
 
0
5
10
0
4
8
12
16
20
0
10
20
30
-40 -20
0
20
40
60
80
100
0.4
0.6
0.8
1
1.2
1.4
1.6
-40
-20
0
20
40
60
80
100
1
10
100
1.4
1.6
1.8
2.0
2.2
2.4
Fig.1 Forward Current - Forward Voltages
FORWARD VOLTAGE : VF [V]
Fig.2 Luminous Intensity -
Atmosphere Temperature
ATMOSPHERE TEMPERATURE : Ta [ºC]
Fig.3 Luminous Intensity - Forward Current
FORWARD CURRENT : IF [mA]
Fig.4 Derating
AMBIENT TEMPERATURE : Ta [ºC]
Ta=25ºC
Ta=25ºC
IF=2mA
SML-211UT
SML-211DT
SML-211WT
SML-211YT
SML-211UT
SML-211DT
SML-211WT
SML-211YT
SML-211UT
SML-211DT
SML-211WT
SML-211YT
SML-211UT
SML-211DT
SML-211WT
SML-211YT
3/8
2013.08 - Rev.C


Similar Part No. - SML-212YTT86

ManufacturerPart #DatasheetDescription
logo
Rohm
SML-212YT ROHM-SML-212YT Datasheet
70Kb / 3P
   Ultra high brightness chip LEDs
logo
List of Unclassifed Man...
SML-212YT ETC1-SML-212YT Datasheet
106Kb / 2P
   LEDs, Surface Mount
logo
Rohm
SML-212YT ROHM-SML-212YT Datasheet
136Kb / 3P
   SML-21 Series
SML-212YT ROHM-SML-212YT Datasheet
1Mb / 4P
   Abundant color variations with diverse luminous intensity types
SML-212YT ROHM-SML-212YT Datasheet
1Mb / 4P
   Abundant color variations with diverse luminous intensity types
More results

Similar Description - SML-212YTT86

ManufacturerPart #DatasheetDescription
logo
Rohm
SML-210DTT86 ROHM-SML-210DTT86 Datasheet
450Kb / 9P
   Nomal type and Low current type line-up.
SML-210PTT86 ROHM-SML-210PTT86 Datasheet
450Kb / 9P
   Nomal type and Low current type line-up.
SML-212DTT86 ROHM-SML-212DTT86 Datasheet
450Kb / 9P
   Nomal type and Low current type line-up.
SML-P11MT ROHM-SML-P11MT Datasheet
127Kb / 3P
   Low Current Type
logo
NIHON DEMPA KOGYO
NZ1612SHB NDK-NZ1612SHB Datasheet
934Kb / 2P
   Low current consumption Type
NZ2520SJ NDK-NZ2520SJ Datasheet
740Kb / 1P
   Low current consumption Type
NZ3225SJ NDK-NZ3225SJ_18 Datasheet
827Kb / 1P
   Low current consumption Type
NZ2520SHB NDK-NZ2520SHB_18 Datasheet
833Kb / 2P
   Low current consumption Type
NZ2016SHB NDK-NZ2016SHB_18 Datasheet
851Kb / 2P
   Low current consumption Type
NZ2016SJ NDK-NZ2016SJ_18 Datasheet
857Kb / 1P
   Low current consumption Type
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com