Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP2993FCT2GEVB Datasheet(PDF) 6 Page - ON Semiconductor

Part # NCP2993FCT2GEVB
Description  1.3 Watt Audio Power Amplifier with Selectable Fast Turn On Time
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP2993FCT2GEVB Datasheet(HTML) 6 Page - ON Semiconductor

Back Button NCP2993FCT2GEVB Datasheet HTML 2Page - ON Semiconductor NCP2993FCT2GEVB Datasheet HTML 3Page - ON Semiconductor NCP2993FCT2GEVB Datasheet HTML 4Page - ON Semiconductor NCP2993FCT2GEVB Datasheet HTML 5Page - ON Semiconductor NCP2993FCT2GEVB Datasheet HTML 6Page - ON Semiconductor NCP2993FCT2GEVB Datasheet HTML 7Page - ON Semiconductor NCP2993FCT2GEVB Datasheet HTML 8Page - ON Semiconductor NCP2993FCT2GEVB Datasheet HTML 9Page - ON Semiconductor NCP2993FCT2GEVB Datasheet HTML 10Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
NCP2993
http://onsemi.com
6
TYPICAL CHARACTERISTICS
Figure 9. THD+N vs. Frequency,
Differential Input
Figure 10. THD+N vs. Frequency,
Differential Input
FREQUENCY (Hz)
Figure 11. THD+N vs. Frequency,
Differential Input
Figure 12. THD+N vs. Frequency,
Differential Input
Figure 13. THD+N vs. Frequency,
Differential Input
Figure 14. THD+N vs. Frequency,
Differential Input
THD+N
VP = 2.5 V
Pout = 100 mW
RL = 8 W
FREQUENCY (Hz)
THD+N
VP = 5 V
Pout = 500 mW
RL = 8 W
FREQUENCY (Hz)
THD+N
VP = 2.5 V
Pout = 100 mW
RL = 4 W
FREQUENCY (Hz)
THD+N
VP = 3 V
Pout = 250 mW
RL = 4 W
FREQUENCY (Hz)
THD+N
VP = 5 V
Pout = 500 mW
RL = 4 W
THD+N
VP = 3 V
Pout = 250 mW
RL = 8 W
100,000
1,000
10
0.001
0.01
1
100
10,000
0.1
100,000
1,000
10
0.001
0.01
1
100
10,000
0.1
FREQUENCY (Hz)
100,000
1,000
10
0.001
0.01
1
100
10,000
0.1
100,000
1,000
10
0.001
0.01
1
100
10,000
0.1
100,000
1,000
10
0.001
0.01
1
100
10,000
0.1
100,000
1,000
10
0.001
0.01
1
100
10,000
0.1


Similar Part No. - NCP2993FCT2GEVB

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP2993 ONSEMI-NCP2993 Datasheet
141Kb / 12P
   1.3 Watt Audio Power Amplifier with Selectable Fast Turn On Time
November, 2011 ??Rev. 1
More results

Similar Description - NCP2993FCT2GEVB

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP2993 ONSEMI-NCP2993 Datasheet
141Kb / 12P
   1.3 Watt Audio Power Amplifier with Selectable Fast Turn On Time
November, 2011 ??Rev. 1
NCP2990 ONSEMI-NCP2990 Datasheet
131Kb / 13P
   1.3 Watt Audio Power Amplifier with Fast Turn On Time
September, 2006 ??Rev. 0
NCP2892 ONSEMI-NCP2892 Datasheet
158Kb / 16P
   1.3 Watt Audio Power Amplifier with Fast Turn On Time
September, 2006 ??Rev. 3
NCP9002 ONSEMI-NCP9002 Datasheet
139Kb / 13P
   1.3 Watt Audio Power Amplifier with Fast Turn On Time
December, 2006 ??Rev. 4
NCP2991 ONSEMI-NCP2991 Datasheet
510Kb / 14P
   1.35 Watt Audio Power Amplifier with Selectable Fast Turn On Time
October, 2008 ??Rev. 0
NCP2991 ONSEMI-NCP2991_09 Datasheet
3Mb / 15P
   1.35 Watt Audio Power Amplifier with Selectable Fast Turn On Time
November, 2009 ??Rev. 2
logo
Unisonic Technologies
PA4894 UTC-PA4894 Datasheet
494Kb / 11P
   1.8 WATT DIFFERENTIAL AUDIO POWER AMPLIFIER WITH SELECTABLE SHUTDOWN
logo
ON Semiconductor
NCP4894 ONSEMI-NCP4894 Datasheet
164Kb / 18P
   1.8 Watt Differential Audio Power Amplifier with Selectable Shutdown
November, 2005 ??Rev. 8
NCP4894 ONSEMI-NCP4894_07 Datasheet
171Kb / 19P
   1.8 Watt Differential Audio Power Amplifier with Selectable Shutdown
January, 2007 ??Rev. 9
logo
National Semiconductor ...
LM4990 NSC-LM4990 Datasheet
728Kb / 19P
   2 Watt Audio Power Amplifier with Selectable Shutdown Logic Level
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com