Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SML-012M8T Datasheet(PDF) 8 Page - Rohm

Part # SML-012M8T
Description  Reflector type (3.0횞2.0mm, t1.3mm)
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

SML-012M8T Datasheet(HTML) 8 Page - Rohm

Back Button SML-012M8T Datasheet HTML 2Page - Rohm SML-012M8T Datasheet HTML 3Page - Rohm SML-012M8T Datasheet HTML 4Page - Rohm SML-012M8T Datasheet HTML 5Page - Rohm SML-012M8T Datasheet HTML 6Page - Rohm SML-012M8T Datasheet HTML 7Page - Rohm SML-012M8T Datasheet HTML 8Page - Rohm SML-012M8T Datasheet HTML 9Page - Rohm SML-012M8T Datasheet HTML 10Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
www.rohm.com
© 2013 ROHM Co., Ltd. All rights reserved.
Data Sheet
SML-01 series
lAttention Points In Handling
This product was developed as a surface mount LED especially suitable for reflow soldering.
Please take care of following points when using this device.
1.DESIGNING OF PCB
As for a recommendable solder pattern, Please refer to Fig-1.
The size and direction of the pad pattern depends on the condition of the PCB,
Thorough design review is recommended before the final designing.
This product of structured with rear/bottom electrode to be soldered.
The formation of solder fillet is not guaranteed due to its electrode shape
2.MOUNTING
This LED was designed to fit various mounting machines.
A round type nozzle is recommended for a hollow lens surface.
3.SOLDERING
LED products do not contain reinforcement
materials such as glass fillers.
Therefore, thermal stress by soldering greatly
influence its reliability.
The temperature conditions for reflow soldering
should therefore be set up according to the
characteristic of this product. (See Fig-2)
Number of reflow process shall be max 2 times
and these processes shall be performed in a row.
Cooling process to normal temperature. Shall be required
between first and second soldering process.
4.WASHING
Please note the following points when washing is required after soldering.
4-1) WASHING SOLVENT
Isopropyl alcohol or other alcohol solvent is recommendable.
4-2) TEMPERATURE
Below 30ºC, immersion time ; within 3 minutes.
4-3) ULTRA SONIC WASHING
Below 15/1 litter of solvent tub.
4-4) COOLING
Below 100ºC within 3 minutes.
5.EROSION GAS
Utilization in erosion gas atmosphere may degenerate the plating surface which might cause deterioration of
solder strength, optical characteristics, or functions.
Please take precautions against occurrence of gas from the surrounding parts on the occasion of custody,
and also after mounted on circuit board.
Min.1 min
Max. 40sec
Max.250ºC, Within
140 to 180ºC
210 to
(Fig-2)
1.5m
1.45
1.45
PCB Bonding Direction
1.6m
(Fig-1)
8/9
2013.08 - Rev.C


Similar Part No. - SML-012M8T

ManufacturerPart #DatasheetDescription
logo
Rohm
SML-012M8T ROHM-SML-012M8T Datasheet
148Kb / 3P
   SML-01 Series Reflector improved the concentration of viewing angle
SML-012M8T ROHM-SML-012M8T Datasheet
104Kb / 2P
   Chip LEDs with Reflector Standard Type
SML-012M8T ROHM-SML-012M8T Datasheet
2Mb / 5P
   Reflector type (3.0 x 2.0mm, t=1.3mm
SML-012M8T ROHM-SML-012M8T Datasheet
1Mb / 5P
   Reflector improved the concentration of viewing angle and luminous intensity to the front direction
SML-012M8T ROHM-SML-012M8T Datasheet
1Mb / 5P
   Reflector improved the concentration of viewing angle and luminous intensity to the front direction
More results

Similar Description - SML-012M8T

ManufacturerPart #DatasheetDescription
logo
Rohm
SML-012P8TT86 ROHM-SML-012P8TT86 Datasheet
441Kb / 11P
   Reflector type (3.0횞2.0mm, t=1.3mm)
logo
OKI electronic componet...
OPU817 OKI-OPU817 Datasheet
52Kb / 6P
   Reflector-Type Photo Interrupter
logo
Lucky Light Electronic
GB-F3128 LUCKY-LIGHT-GB-F3128 Datasheet
55Kb / 1P
   SMD LED REFLECTOR TYPE)
logo
Rohm
SML-013UTT86 ROHM-SML-013UTT86 Datasheet
1Mb / 11P
   Reflector type (3.0x2.0mm, t 1.3mm)
SML-11_1012 ROHM-SML-11_1012 Datasheet
902Kb / 4P
   Side-view with reflector type
SML-C1 ROHM-SML-C1 Datasheet
1Mb / 3P
   Side-view with reflector type
logo
Seoul Semiconductor
SMDB05V SEOUL-SMDB05V Datasheet
1Mb / 19P
   Side View LED Of Reflector Type
SWAA0B SEOUL-SWAA0B Datasheet
1Mb / 17P
   Side View LED of Reflector type
logo
Yellow Stone Corp
GH-2023 YSTONE-GH-2023 Datasheet
1Mb / 6P
   REFLECTOR COATING TYPE HIGH-PERFORMANCE LEDS
logo
Rohm
SML-010YTT86 ROHM-SML-010YTT86 Datasheet
367Kb / 4P
   Standard Type Chip LEDs with reflector
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com