Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMF16A Datasheet(PDF) 6 Page - Vishay Siliconix

Part # SMF16A
Description  Surface Mount ESD Protection Diodes
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SMF16A Datasheet(HTML) 6 Page - Vishay Siliconix

  SMF16A Datasheet HTML 1Page - Vishay Siliconix SMF16A Datasheet HTML 2Page - Vishay Siliconix SMF16A Datasheet HTML 3Page - Vishay Siliconix SMF16A Datasheet HTML 4Page - Vishay Siliconix SMF16A Datasheet HTML 5Page - Vishay Siliconix SMF16A Datasheet HTML 6Page - Vishay Siliconix SMF16A Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
SMF5V0A to SMF51A
www.vishay.com
Vishay Semiconductors
Rev. 2.6, 30-Nov-11
6
Document Number: 85811
For technical questions, contact: ESDprotection@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Pin 1 - Location
Top view
Pad layout - view from top
seen at bottom side
LLP1713
LLP2513
LLP3313
Pin 1 - Location
Pin 1 - Location
Top view
Top view
Pad layout - view from top
seen at bottom side
Pad layout - view from top
seen at bottom side


Similar Part No. - SMF16A

ManufacturerPart #DatasheetDescription
logo
Nanjing International G...
SMF16A DGNJDZ-SMF16A Datasheet
384Kb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
Vishay Siliconix
SMF16A VISHAY-SMF16A Datasheet
92Kb / 6P
   Surface Mount ESD Protection Diodes
Rev. 2.5, 22-Sep-10
logo
UN Semiconducctor INC
SMF16A UNSEMI-SMF16A Datasheet
3Mb / 7P
   3.3 To 190V 200W Surface Mount Transient Voltage Suppressors (TVS)
Revision March 1,2022
logo
Anova Technologies CO.,...
SMF16A ANOVA-SMF16A Datasheet
351Kb / 3P
   Surface Mount Transient Voltage Suppressors
logo
Vishay Siliconix
SMF16A VISHAY-SMF16A Datasheet
108Kb / 7P
   Surface Mount ESD Protection Diodes
Rev. 2.6, 30-Nov-11
More results

Similar Description - SMF16A

ManufacturerPart #DatasheetDescription
logo
Shenzhen Luguang Electr...
SMF100A LUGUANG-SMF100A Datasheet
404Kb / 3P
   Surface Mount ESD Protection Diodes
SMF110A LUGUANG-SMF110A Datasheet
404Kb / 3P
   Surface Mount ESD Protection Diodes
SMF170A LUGUANG-SMF170A Datasheet
404Kb / 3P
   Surface Mount ESD Protection Diodes
SMF130A LUGUANG-SMF130A Datasheet
404Kb / 3P
   Surface Mount ESD Protection Diodes
logo
Galaxy Semi-Conductor H...
SMF5V0A BILIN-SMF5V0A Datasheet
119Kb / 3P
   SURFACE MOUNT ESD PROTECTION DIODES
logo
Vishay Siliconix
SMF5V0A-M VISHAY-SMF5V0A-M_12 Datasheet
111Kb / 7P
   Surface Mount ESD Protection Diodes
Rev. 1.1, 30-Nov-11
logo
Shenzhen Luguang Electr...
SMF85A LUGUANG-SMF85A Datasheet
404Kb / 3P
   Surface Mount ESD Protection Diodes
SMF5V0A LUGUANG-SMF5V0A Datasheet
168Kb / 3P
   Surface Mount ESD Protection Diodes
SMF90A LUGUANG-SMF90A Datasheet
404Kb / 3P
   Surface Mount ESD Protection Diodes
logo
Vishay Siliconix
SMF22A-GS08 VISHAY-SMF22A-GS08 Datasheet
137Kb / 8P
   Surface Mount ESD Protection Diodes
Rev. 1.1, 17-Oct-13
SMF36A-GS08 VISHAY-SMF36A-GS08 Datasheet
108Kb / 7P
   Surface Mount ESD Protection Diodes
Rev. 2.6, 30-Nov-11
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com