Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SML-012U8T Datasheet(PDF) 6 Page - Rohm

Part # SML-012U8T
Description  Reflector type (3.0횞2.0mm, t1.3mm)
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

SML-012U8T Datasheet(HTML) 6 Page - Rohm

Back Button SML-012U8T Datasheet HTML 2Page - Rohm SML-012U8T Datasheet HTML 3Page - Rohm SML-012U8T Datasheet HTML 4Page - Rohm SML-012U8T Datasheet HTML 5Page - Rohm SML-012U8T Datasheet HTML 6Page - Rohm SML-012U8T Datasheet HTML 7Page - Rohm SML-012U8T Datasheet HTML 8Page - Rohm SML-012U8T Datasheet HTML 9Page - Rohm SML-012U8T Datasheet HTML 10Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
www.rohm.com
© 2013 ROHM Co., Ltd. All rights reserved.
Data Sheet
SML-01 series
lViewing Angle
lRank Reference of Brightness
SML-01 series
SCANNING ANGLE (deg)
RELATIVE INTENSITY
Sames for
both directions
Red(V,U)
(Ta=25ºC, IF=20mA)
Rank
J
K
L
M
N
P
Q
R
S
T
U
V
W
X
Iv (mcd)
2.5 to 4.0 4.0 to 6.3 6.3 to 10 10 to 16
16 to 25
25 to 40
40 to 63 63 to 100 100 to 160 160 to 250 250 to 400 400 to 630 630 to 1000 1000 to 1600
SML-012V8T
SML-013UT
SML-012U8T
SML-012UT
SML-011UT
*
Brightness on specification sheet include tolerance of within10%.
(Ta=25ºC, IF=20mA)
Rank
AG
AH
AJ
AK
AL
AM
AN
AP
AQ
AR
AS
AT
AU
AV
AW
AX
AY
AZ
Iv (mcd)
9.0 to 11.2 11.2 to 14 14 to 18 18 to 22.4 22.4 to 28 28 to 35.5 35.5 to 45 45 to 56
56 to 71
71 to 90 90 to 112 112 to 140 140 to 180 180 to 224 224 to 280 280 to 355 355 to 450 450 to 560
SML-012VT(A)
*
Please note that the brightness of some products mayfall between ranks (half rank)
Orange(D)
(Ta=25ºC, IF=20mA)
Rank
J
K
L
M
N
P
Q
R
S
T
U
V
W
X
Iv (mcd)
2.5 to 4.0 4.0 to 6.3 6.3 to 10 10 to 16
16 to 25
25 to 40
40 to 63 63 to 100 100 to 160 160 to 250 250 to 400 400 to 630 630 to 1000 1000 to 1600
SML-011DT
SML-012D8T
SML-012DT
*
Brightness on specification sheet include tolerance of within10%.
Yellow(Y)
(Ta=25ºC, IF=20mA)
Rank
J
K
L
M
N
P
Q
R
S
T
U
V
W
X
Iv (mcd)
2.5 to 4.0 4.0 to 6.3 6.3 to 10 10 to 16
16 to 25
25 to 40
40 to 63 63 to 100 100 to 160 160 to 250 250 to 400 400 to 630 630 to 1000 1000 to 1600
SML-011YT
SML-012Y8T
SML-012YT
SML-013YT
*
Brightness on specification sheet include tolerance of within10%.
Green(M,P)
(Ta=25ºC, IF=20mA)
Rank
J
K
L
M
N
P
Q
R
S
T
U
V
W
X
Iv (mcd)
2.5 to 4.0 4.0 to 6.3 6.3 to 10 10 to 16
16 to 25
25 to 40
40 to 63 63 to 100 100 to 160 160 to 250 250 to 400 400 to 630 630 to 1000 1000 to 1600
SML-012M8T
SML-012P8T
*
Brightness on specification sheet include tolerance of within10%.
(Ta=25ºC, IF=20mA)
Rank
AG
AH
AJ
AK
AL
AM
AN
AP
AQ
AR
AS
AT
AU
AV
AW
AX
AY
AZ
Iv (mcd)
9.0 to 11.2 11.2 to 14 14 to 18 18 to 22.4 22.4 to 28 28 to 35.5 35.5 to 45 45 to 56
56 to 71
71 to 90 90 to 112 112 to 140 140 to 180 180 to 224 224 to 280 280 to 355 355 to 450 450 to 560
SML-012PT(A)
*
Please note that the brightness of some products mayfall between ranks (half rank)
6/9
2013.08 - Rev.C


Similar Part No. - SML-012U8T

ManufacturerPart #DatasheetDescription
logo
Rohm
SML-012U8T ROHM-SML-012U8T Datasheet
148Kb / 3P
   SML-01 Series Reflector improved the concentration of viewing angle
SML-012U8T ROHM-SML-012U8T Datasheet
104Kb / 2P
   Chip LEDs with Reflector Standard Type
SML-012U8T ROHM-SML-012U8T Datasheet
2Mb / 5P
   Reflector type (3.0 x 2.0mm, t=1.3mm
SML-012U8T ROHM-SML-012U8T Datasheet
1Mb / 5P
   Reflector improved the concentration of viewing angle and luminous intensity to the front direction
SML-012U8T ROHM-SML-012U8T Datasheet
1Mb / 5P
   Reflector improved the concentration of viewing angle and luminous intensity to the front direction
More results

Similar Description - SML-012U8T

ManufacturerPart #DatasheetDescription
logo
Rohm
SML-012P8TT86 ROHM-SML-012P8TT86 Datasheet
441Kb / 11P
   Reflector type (3.0횞2.0mm, t=1.3mm)
logo
OKI electronic componet...
OPU817 OKI-OPU817 Datasheet
52Kb / 6P
   Reflector-Type Photo Interrupter
logo
Lucky Light Electronic
GB-F3128 LUCKY-LIGHT-GB-F3128 Datasheet
55Kb / 1P
   SMD LED REFLECTOR TYPE)
logo
Rohm
SML-013UTT86 ROHM-SML-013UTT86 Datasheet
1Mb / 11P
   Reflector type (3.0x2.0mm, t 1.3mm)
SML-11_1012 ROHM-SML-11_1012 Datasheet
902Kb / 4P
   Side-view with reflector type
SML-C1 ROHM-SML-C1 Datasheet
1Mb / 3P
   Side-view with reflector type
logo
Seoul Semiconductor
SMDB05V SEOUL-SMDB05V Datasheet
1Mb / 19P
   Side View LED Of Reflector Type
SWAA0B SEOUL-SWAA0B Datasheet
1Mb / 17P
   Side View LED of Reflector type
logo
Yellow Stone Corp
GH-2023 YSTONE-GH-2023 Datasheet
1Mb / 6P
   REFLECTOR COATING TYPE HIGH-PERFORMANCE LEDS
logo
Rohm
SML-010YTT86 ROHM-SML-010YTT86 Datasheet
367Kb / 4P
   Standard Type Chip LEDs with reflector
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com