Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMAZ39 Datasheet(PDF) 1 Page - Micro Commercial Components

Part # SMAZ39
Description  1 Watt Zener Diode 5.1V - 39V Volts
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

SMAZ39 Datasheet(HTML) 1 Page - Micro Commercial Components

  SMAZ39 Datasheet HTML 1Page - Micro Commercial Components SMAZ39 Datasheet HTML 2Page - Micro Commercial Components SMAZ39 Datasheet HTML 3Page - Micro Commercial Components SMAZ39 Datasheet HTML 4Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
SMAZ5V1
THRU
SMAZ39
1 Watt
Zener Diode
5.1V - 39V Volts
Features
1.0W Power Dissipation
High Surge Capability
Ideally Suited for Automatic Assembly
Standard VZ Tolerance is +/- 5%
Storage Temperature Range(TSTG): -65
to +150
0.070"
0.090”
0.085”
SUGGESTED SOLDER
PAD LAYOUT
DO-214AC
(SMAJ)( LEAD FRAME)





DIMENSIONS
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
A
.079
.096
2.00
2.44
B
.050
.064
1.27
1.63
C
.002
.008
.05
.20
D
---
.02
---
.51
E
.030
.060
.76
1.52
F
.065
.091
1.65
2.32
G
.189
.220
4.80
5.59
H
.157
.181
4.00
4.60
J
.090
.115
2.25
2.92
H
J
E
F
G
A
B
D
C
 omponents
20736 Marilla Street Chatsworth

 !"#
$%    !"#
MCC
TM
Micro Commercial Components
Operating Temperature Range(Tj): -65
to +150
Symbol
Value
Units
Zener Current
IZM
Pd/Vz
mA
Power Dissipation
@TA=50oC
Ptot
1000
m
W
Junction to Terminal
Thermal resistance
125
oC/W
RthJA
Forward Voltage@IF = 200mA
VF
V
1.2
RthJT
30
oC/W
Cathode Band
www.mccsemi.com
1 of 4
Revision:
C
20
13/04/26
MaximumRatings
Lead Free Finish/Rohs Compliant (Note1) ("P"Suffix designates
Compliant. See ordering information)
Note:
1. High Temperature Solder Exemptions Applied, see EU Directive Annex 7.
Epoxy meets UL 94 V-0 flammability rating
Moisture Sensitivity Level 1
Halogen free available upon request by adding suffix "-HF"


Similar Part No. - SMAZ39

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
SMAZ39 DIODES-SMAZ39 Datasheet
60Kb / 3P
   1.0A SURFACE MOUNT ZENER DIODE
DS18015 Rev. 9 - 2
SMAZ39 DIODES-SMAZ39 Datasheet
129Kb / 5P
   1.0W SURFACE MOUNT ZENER DIODE
logo
Micro Commercial Compon...
SMAZ39 MCC-SMAZ39 Datasheet
227Kb / 4P
   1 Watt Zener Diode 5.1V - 39V Volts
logo
Vishay Siliconix
SMAZ39 VISHAY-SMAZ39 Datasheet
171Kb / 3P
   1.0W SURFACE MOUNT ZENER DIODE
Rev.B
logo
Diodes Incorporated
SMAZ39 DIODES-SMAZ39 Datasheet
129Kb / 5P
   1.0W SURFACE MOUNT ZENER DIODE
More results

Similar Description - SMAZ39

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
SMAZ9V1-TP MCC-SMAZ9V1-TP Datasheet
311Kb / 4P
   1 Watt Zener Diode 5.1V - 39V Volts
SMAZ8V2-TP MCC-SMAZ8V2-TP Datasheet
313Kb / 4P
   1 Watt Zener Diode 5.1V - 39V Volts
SMAZ5V1 MCC-SMAZ5V1 Datasheet
227Kb / 4P
   1 Watt Zener Diode 5.1V - 39V Volts
SMAZ20-TP MCC-SMAZ20-TP Datasheet
311Kb / 4P
   1 Watt Zener Diode 5.1V - 39V Volts
logo
List of Unclassifed Man...
SMAZ22-TP ETC2-SMAZ22-TP Datasheet
301Kb / 4P
   1 Watt Zener Diode 5.1V - 39V Volts
logo
Micro Commercial Compon...
SMAZ16-TP MCC-SMAZ16-TP Datasheet
313Kb / 4P
   1 Watt Zener Diode 5.1V - 39V Volts
DFLZ39-TP MCC-DFLZ39-TP Datasheet
341Kb / 4P
   1 Watt Zener Diode 6.2V - 39V Volts
SMAZ10HE3 MCC-SMAZ10HE3 Datasheet
309Kb / 4P
   1 Watt Zener Diode 10V - 39V Volts
DFLZ6V2 MCC-DFLZ6V2 Datasheet
326Kb / 4P
   1 Watt Zener Diode 6.2V - 39V Volts
DFLZ5V1 MCC-DFLZ5V1 Datasheet
366Kb / 4P
   1 Watt Zener Diode 5.1V - 100V Volts
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com