Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMAZ18-TP Datasheet(PDF) 3 Page - Micro Commercial Components

Part # SMAZ18-TP
Description  1 Watt Zener Diode 5.1V - 39V Volts
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

SMAZ18-TP Datasheet(HTML) 3 Page - Micro Commercial Components

  SMAZ18-TP Datasheet HTML 1Page - Micro Commercial Components SMAZ18-TP Datasheet HTML 2Page - Micro Commercial Components SMAZ18-TP Datasheet HTML 3Page - Micro Commercial Components SMAZ18-TP Datasheet HTML 4Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
SMAZ5V1 - SMAZ39
MCC
TM
Micro Commercial Components
0.001
0.01
0.1
1
10
100
1000
2000
1
10
100
500
V , ZENER REGULATION VOLTAGE (V)
ZT
Fig. 4 Leakage Current vs Regulation Voltage
T = 125
°C
j
0.1
1
10
100
1000
1
10
100
500
V , ZENER REGULATION VOLTAGE (V)
ZT
Fig. 5 Differential Resistance vs Regulation Voltage
I
= 5.0mA
ZT
I
= 20mA
ZT
I
= 100m
ZT
A
I
= 10mA
ZT
0
10
100
1000
1
10
100
200
V , REVERSE VOLTAGE (V)
R
Fig. 2 Junction Capacitance vs Reverse Voltage
SMAZ5V6
SMAZ27
SMAZ12
0.1
1
10
20
0
0.5
1.0
1.5
2.0
2.5
V
, PEAK FORWARD VOLTAGE (V)
FM
Fig. 3 Peak Forward Current vs Peak Forward Voltage
T= 25
°C
j
0
0.2
0.4
0.6
0.8
1.0
1.2
0
50
100
150
175
T , AMBIENT TEMPERATURE
°C
A
Fig. 1 Power Dissipation vs Ambient Temperature
www.mccsemi.com
3 of 4
Revision: C
2013/04/26


Similar Part No. - SMAZ18-TP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SMAZ18-13 TI1-SMAZ18-13 Datasheet
436Kb / 17P
[Old version datasheet]   A 0.9-A Constant Current Supply with PFC for 100-W LED
logo
Diodes Incorporated
SMAZ18-13-F DIODES-SMAZ18-13-F Datasheet
90Kb / 4P
   1.0W SURFACE MOUNT ZENER DIODE
DS18015 Rev. 14 - 2
More results

Similar Description - SMAZ18-TP

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
SMAZ9V1-TP MCC-SMAZ9V1-TP Datasheet
311Kb / 4P
   1 Watt Zener Diode 5.1V - 39V Volts
SMAZ8V2-TP MCC-SMAZ8V2-TP Datasheet
313Kb / 4P
   1 Watt Zener Diode 5.1V - 39V Volts
SMAZ5V1 MCC-SMAZ5V1 Datasheet
227Kb / 4P
   1 Watt Zener Diode 5.1V - 39V Volts
SMAZ20-TP MCC-SMAZ20-TP Datasheet
311Kb / 4P
   1 Watt Zener Diode 5.1V - 39V Volts
logo
List of Unclassifed Man...
SMAZ22-TP ETC2-SMAZ22-TP Datasheet
301Kb / 4P
   1 Watt Zener Diode 5.1V - 39V Volts
logo
Micro Commercial Compon...
SMAZ16-TP MCC-SMAZ16-TP Datasheet
313Kb / 4P
   1 Watt Zener Diode 5.1V - 39V Volts
DFLZ39-TP MCC-DFLZ39-TP Datasheet
341Kb / 4P
   1 Watt Zener Diode 6.2V - 39V Volts
SMAZ10HE3 MCC-SMAZ10HE3 Datasheet
309Kb / 4P
   1 Watt Zener Diode 10V - 39V Volts
DFLZ6V2 MCC-DFLZ6V2 Datasheet
326Kb / 4P
   1 Watt Zener Diode 6.2V - 39V Volts
DFLZ5V1 MCC-DFLZ5V1 Datasheet
366Kb / 4P
   1 Watt Zener Diode 5.1V - 100V Volts
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com