Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PO3B33257A Datasheet(PDF) 3 Page - Potato Semiconductor Corporation

Part # PO3B33257A
Description  1.65v-3.6v, 24 to 12 Mux/DeMux
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POTATO [Potato Semiconductor Corporation]
Direct Link  http://www.potatosemi.com
Logo POTATO - Potato Semiconductor Corporation

PO3B33257A Datasheet(HTML) 3 Page - Potato Semiconductor Corporation

  PO3B33257A_14 Datasheet HTML 1Page - Potato Semiconductor Corporation PO3B33257A_14 Datasheet HTML 2Page - Potato Semiconductor Corporation PO3B33257A_14 Datasheet HTML 3Page - Potato Semiconductor Corporation PO3B33257A_14 Datasheet HTML 4Page - Potato Semiconductor Corporation PO3B33257A_14 Datasheet HTML 5Page - Potato Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Power Supply Characteristics
Symbol
Description
Test Conditions (1)
Min
Typ
Max
Unit
Icc
Quiescent Power Supply Current
Vcc=Max, Vin=Vcc or GND
-
0.1
3
uA
Notes:
1. For conditions shown as Max. or Min., use appropriate value specified under Electrical Characteristics for the applicable device type.
2. Typical values are at Vcc = 3.3V, 25
°C ambient.
3. This parameter is guaranteed but not tested.
4. Not more than one output should be shorted at one time. Duration of the test should not exceed one second.
5. VoH = Vcc – 0.6V at rated current
Capacitance (TA = 25°C f = 1 MHz)
Switching Characteristics over 3.3V Operating Range
Parameters
Description
Conditions
Units
Max.
tPLH
tPHL
See Test Diagram
0.3
ns
tPZH
tPZL
See Test Diagram
2.0
tPHZ
tPLZ
3.0
Dynamic Electrical Characteristics Over the Operating Range
(TA = -40º to +85º, VCC = 3.3V ± 10%)
Parameter
Description
Test Condition
Typ.
Units
XTALK
Crosstalk
RL = 100
-60
dB
OIRR
Off-Isolation
RL = 100
-60
BW
-3dB Bandwidth
RL = 100
1.2
GHz
Parameters
Description
Test Conditions
Typical
Units
CIN
Input Capacitance
VIN = 0V
3
pF
COFFYN
YN Capacitance, Switch OFF
8
COFFIN
IN Capacitance, Switch OFF
5
CON
IN/YN Capacitance, Switch ON
13
Propogation Delay
Bus Enable Time
Bus Disable Time
1.65v-3.6v, 24 to 12 Mux/DeMux
High Bandwidth Potato Chip
3
01/01/10
Potato Semiconductor Corporation
PO3B33257A
www.potatosemi.com


Similar Part No. - PO3B33257A_14

ManufacturerPart #DatasheetDescription
logo
Potato Semiconductor Co...
PO3B33257ATR POTATO-PO3B33257ATR Datasheet
952Kb / 6P
   1.65v-3.6v, 24 to 12 Mux/DeMux
PO3B33257ATU POTATO-PO3B33257ATU Datasheet
952Kb / 6P
   1.65v-3.6v, 24 to 12 Mux/DeMux
More results

Similar Description - PO3B33257A_14

ManufacturerPart #DatasheetDescription
logo
Potato Semiconductor Co...
PO3B33257A POTATO-PO3B33257A Datasheet
952Kb / 6P
   1.65v-3.6v, 24 to 12 Mux/DeMux
logo
Pericom Semiconductor C...
PI5C33X257 PERICOM-PI5C33X257 Datasheet
92Kb / 3P
   24:12 MUX/DEMUX BusSwitch
PI3B33X257 PERICOM-PI3B33X257_04 Datasheet
379Kb / 4P
   3.3V, 24:12 Mux/DeMux NanoSwitch
PI3B33X257 PERICOM-PI3B33X257 Datasheet
217Kb / 3P
   3.3V, 24:12 Mux/Demux BusSwitch
PI3B16224 PERICOM-PI3B16224 Datasheet
67Kb / 3P
   3.3V, 12-Bit to 24-Bit DeMux/Mux NanoSwitch
logo
Analog Devices
ADG836YRMZ AD-ADG836YRMZ Datasheet
563Kb / 16P
   0.5 ohm CMOS 1.65V TO 3.6V Dual SPDT/2:1 MUX
REV. A
logo
Pericom Semiconductor C...
PI3B16226 PERICOM-PI3B16226 Datasheet
186Kb / 3P
   3.3V, Low Capacitance 12-Bit to 24-Bit Mux/DeMux NanoSwitch
PI3C16226 PERICOM-PI3C16226 Datasheet
359Kb / 4P
   3.3V, High-Bandwidth, 12-Bit to 24-Bit Mux/Demux Bus Switch
logo
Integrated Device Techn...
IDTQS33X257 IDT-IDTQS33X257 Datasheet
51Kb / 5P
   QUICKSWITCH PRODUCTS HIGH-SPEED CMOS QUICKSWITCH 24:12 MUX/DEMUX
QS33X257Q1G IDT-QS33X257Q1G Datasheet
225Kb / 5P
   QUICKSWITCH PRODUCTS HIGH-SPEED CMOS QUICKSWITCH 24:12 MUX/DEMUX
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com