Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PO3B3125A Datasheet(PDF) 2 Page - Potato Semiconductor Corporation

Part # PO3B3125A
Description  High-Bandwidth, 4-Bit, 2-Port Bus Switch w/ Individual Enables
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POTATO [Potato Semiconductor Corporation]
Direct Link  http://www.potatosemi.com
Logo POTATO - Potato Semiconductor Corporation

PO3B3125A Datasheet(HTML) 2 Page - Potato Semiconductor Corporation

  PO3B3125A_14 Datasheet HTML 1Page - Potato Semiconductor Corporation PO3B3125A_14 Datasheet HTML 2Page - Potato Semiconductor Corporation PO3B3125A_14 Datasheet HTML 3Page - Potato Semiconductor Corporation PO3B3125A_14 Datasheet HTML 4Page - Potato Semiconductor Corporation PO3B3125A_14 Datasheet HTML 5Page - Potato Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Storage Temperature ................................................ –65°C to +150°C
Ambient Temperature with Power Applied ............... –40°C to +85°C
Supply Voltage to Ground Potential ........................... –0.5V to +4.6V
DC Input Voltage ........................................................ –0.5V to +Vcc
DC Output Current................................................................... 120mA
Power Dissipation ....................................................................... 0.5W
Maximum Ratings
(Above which the useful life may be impaired. For user guidelines, not tested.)
DC Electrical Characteristics, 3.3V Supply
(Over the Operating Range, TA = –40°C to +85°C, VCC = 3.3V ±10%)
Parameters
Description
Test Conditions
Min. Typ.
Max. Units
VIH
Input HIGH Voltage
Guaranteed Logic HIGH Level
2.0
V
VIL
Input LOW Voltage
Guaranteed Logic LOW Level
0.8
IIH
Input HIGH Current
VCC = Max., VIN = VCC
±1
A
IIL
Input LOW Current
VCC = Max., VIN = GND
±1
IOZH
High Impedance Output Current 0 Y, In VCC
±1
RON
Switch On-Resistance
VCC = Min., VIN = 0.0V,
ION = -48 mA or -64mA
10
14
VCC = Min., VIN = VCC , ION = -15 mA
12
16
DC Electrical Characteristics, 2.5V Supply
(Over Operating Range, TA = –40°C to +85°C, VCC = 2.5V ± 10%)
Parameters
Description
Test Conditions
Min.
Typ.
Max.
Units
VIH
Input HIGH Voltage
Guaranteed Logic HIGH Level
1.8
VCC + 0.3
V
VIL
Inout LOW Voltage
Guaranteed Logic LOW Level
–0.3
0.8
IIH
Input HIGH Current
VCC = Max., VIN = VCC
±1
A
IIL
Input LOW Current
VCC = Max., VIN = GND
±1
IOZH
High Impedance Current
0 Y, In VCC
±1
RON
Switch On Resistance
VCC = Min., VIN = 0.0V,
ION = –48mA
12
16
VCC = Min., VIN = Vcc,
ION = -15mA
14
18
Note:
Stresses greater than those listed under
MAXIMUM RATINGS may cause permanent
damage to the device. This is a stress rating
only and functional operation of the device at
these or any other conditions above those
indicated in the operational sections of this
specification is not implied. Exposure to
absolute maximum rating conditions for
extended periods may affect reliability.
High-Bandwidth, 4-Bit, 2-Port Bus Switch w/ Individual Enables
High Bandwidth Potato Chip
2
01/01/10
Potato Semiconductor Corporation
PO3B3125A
www.potatosemi.com


Similar Part No. - PO3B3125A_14

ManufacturerPart #DatasheetDescription
logo
Potato Semiconductor Co...
PO3B3125ATR POTATO-PO3B3125ATR Datasheet
551Kb / 6P
   High-Bandwidth, 4-Bit, 2-Port Bus Switch w/ Individual Enables
PO3B3125ATU POTATO-PO3B3125ATU Datasheet
551Kb / 6P
   High-Bandwidth, 4-Bit, 2-Port Bus Switch w/ Individual Enables
More results

Similar Description - PO3B3125A_14

ManufacturerPart #DatasheetDescription
logo
Potato Semiconductor Co...
PO3B3125A POTATO-PO3B3125A Datasheet
551Kb / 6P
   High-Bandwidth, 4-Bit, 2-Port Bus Switch w/ Individual Enables
PO3B3126A POTATO-PO3B3126A_14 Datasheet
1Mb / 5P
   High-Bandwidth, 4-Bit, 2-Port Bus Switch w/ Individual Enables
PO3B3126A POTATO-PO3B3126A Datasheet
550Kb / 6P
   8-Bit, 2-Port Bus Switch w/ Individual Enables
logo
Pericom Semiconductor C...
PI3C3305 PERICOM-PI3C3305 Datasheet
479Kb / 6P
   2.5V/3.3V, High Bandwidth, Hot Insertion, 2-Bit, 2-Port Bus Switch w/ Individual Enables
PI3C3306UEX PERICOM-PI3C3306UEX Datasheet
789Kb / 7P
   2.5V/3.3V, High-Bandwidth, Hot-Insertion, 2-Bit, 2-Port Bus Switch w/ Individual Enables
logo
Potato Semiconductor Co...
PO3B3305A POTATO-PO3B3305A Datasheet
574Kb / 6P
   Hot-Insertion, 2-Bit, 2-Port Bus Switch w/ Individual Enables
PO3B3306A POTATO-PO3B3306A_14 Datasheet
1Mb / 5P
   High-Bandwidth, Hot-Insertion, 2-Bit, 2-Port Bus Switch with Individual Enables
PO3B3305A POTATO-PO3B3305A_14 Datasheet
1Mb / 5P
   High-Bandwidth, Hot-Insertion, 2-Bit, 2-Port Bus Switch with Individual Enables
logo
Pericom Semiconductor C...
PI3C3125 PERICOM-PI3C3125 Datasheet
193Kb / 5P
   2.5V/3.3V, High Bandwidth, Hot Insertion,4-Bit, 2-Port Bus Switch with Individual Enables
PI3C3125QEX PERICOM-PI3C3125QEX Datasheet
764Kb / 7P
   2.5V/3.3V, High Bandwidth, Hot Insertion,4-Bit, 2-Port Bus Switch with Individual Enables
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com