Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PO3B40A Datasheet(PDF) 1 Page - Potato Semiconductor Corporation

Part # PO3B40A
Description  Wide Bandwidth, 8-Channel, 2:1 Mux/DeMux with Single Enable
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POTATO [Potato Semiconductor Corporation]
Direct Link  http://www.potatosemi.com
Logo POTATO - Potato Semiconductor Corporation

PO3B40A Datasheet(HTML) 1 Page - Potato Semiconductor Corporation

  PO3B40A_14 Datasheet HTML 1Page - Potato Semiconductor Corporation PO3B40A_14 Datasheet HTML 2Page - Potato Semiconductor Corporation PO3B40A_14 Datasheet HTML 3Page - Potato Semiconductor Corporation PO3B40A_14 Datasheet HTML 4Page - Potato Semiconductor Corporation PO3B40A_14 Datasheet HTML 5Page - Potato Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
FEATURES:
DESCRIPTION:
• Patented technology
• High signal -3db passing bandwidth at 1GHz(2Gbps)
• Near-Zero propagation delay
• VCC = 1.65V to 3.6V
• Ultra-Low Quiescent Power: 0.1µA typical
• Ideally suited for low power applications
• Industrial operating temperature: -40
°C to +85°C
• Available in 48pin TSSOP package
Potato Semiconductor’s PO3B40A is
designed for world top performance using
submicron CMOS technology to achieve GHz
high bandwidth.
The PO3B40A is a Wide Bandwidth, 8-Channel,
2:1 Mux/DeMux with Single Enable. The switch
introduces no additional ground bounce noise or
propagation delay.
Pin Configuration
Block Diagram
Truth Table
Y0
Y1
0I1
1I1
0I2
1I2
2I1
3I1
2I2
3I2
4I1
5I1
4I2
5I2
6I1
7I1
6I2
7I2
Y2
Y3
Y4
Y5
Y6
Y7
1
0I1
1I1
GND
0I2
1I2
GND
2I1
3I1
GND
2I2
3I2
GND
VDD
4I1
5I1
GND
4I2
5I2
GND
6I1
7I1
GND
6I2
7I2
VDD
Y0
GND
Y1
GND
VDD
GND
Y2
GND
Y3
GND
VDD
GND
NC
Y4
GND
Y5
GND
VDD
GND
Y6
GND
Y7
SEL
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
38
37
36
35
34
48
47
46
45
44
43
33
32
31
30
42
41
40
39
20
21
22
23
24
29
28
27
26
25
Function
SEL
YN to NI1
L
YN to NI2
H
Wide Bandwidth, 8-Channel, 2:1 Mux/DeMux with Single Enable
High Bandwidth Potato Chip
1
01/01/10
Potato Semiconductor Corporation
PO3B40A
www.potatosemi.com


Similar Part No. - PO3B40A_14

ManufacturerPart #DatasheetDescription
logo
Potato Semiconductor Co...
PO3B40ATR POTATO-PO3B40ATR Datasheet
569Kb / 6P
   Wide Bandwidth, 8-Channel, 2:1 Mux/DeMux with Single Enable
PO3B40ATU POTATO-PO3B40ATU Datasheet
569Kb / 6P
   Wide Bandwidth, 8-Channel, 2:1 Mux/DeMux with Single Enable
More results

Similar Description - PO3B40A_14

ManufacturerPart #DatasheetDescription
logo
Potato Semiconductor Co...
PO3B40A POTATO-PO3B40A Datasheet
569Kb / 6P
   Wide Bandwidth, 8-Channel, 2:1 Mux/DeMux with Single Enable
PO3B20A POTATO-PO3B20A_14 Datasheet
1Mb / 5P
   Wide Bandwidth, 4-Channel, 2:1 Mux/DeMux with Single Enable
logo
Pericom Semiconductor C...
PI3DBV40 PERICOM-PI3DBV40 Datasheet
424Kb / 8P
   3.3V, Wide Bandwidth, 4-Channel, 2:1 Mux/DeMux Video Switch with Single Enable
PI3DBV20 PERICOM-PI3DBV20 Datasheet
305Kb / 6P
   3.3V, Wide Bandwidth, 2-Channel, 2:1 Mux/DeMux Video Switch w/ Single Enable
PI3DBV10 PERICOM-PI3DBV10 Datasheet
335Kb / 6P
   3.3V, Wide Bandwidth, 1-Channel, 2:1 Mux/ DeMux Video Switch w/ Single Enable
PI3USB40 PERICOM-PI3USB40 Datasheet
336Kb / 6P
   3.3V, Wide Bandwidth, 9-Channel, 2:1 Mux/DeMux USB 2.0 Switch with Single Enable
logo
Potato Semiconductor Co...
PO3B14A POTATO-PO3B14A_14 Datasheet
1Mb / 6P
   2 channel 4:1 Mux/DeMux with Single Enable
logo
Pericom Semiconductor C...
PI3USB10 PERICOM-PI3USB10 Datasheet
349Kb / 6P
   3.3V, Wide Bandwidth, 2-Channel, 2:1 Mux/DeMux USB 2.0 Switch w/ Single Enable
PI3USB10ZEEX PERICOM-PI3USB10ZEEX Datasheet
489Kb / 6P
   3.3V, Wide Bandwidth, 2-Channel, 2:1 Mux/DeMux USB 2.0 Switch w/ Single Enable
logo
Potato Semiconductor Co...
PO3B22A POTATO-PO3B22A_14 Datasheet
1Mb / 5P
   Wide Bandwidth, Dual 2:1 Mux/DeMux
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com