Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PO3B14A Datasheet(PDF) 6 Page - Potato Semiconductor Corporation

Part # PO3B14A
Description  2 channel 4:1 Mux/DeMux with Single Enable
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POTATO [Potato Semiconductor Corporation]
Direct Link  http://www.potatosemi.com
Logo POTATO - Potato Semiconductor Corporation

PO3B14A Datasheet(HTML) 6 Page - Potato Semiconductor Corporation

  PO3B14A_14 Datasheet HTML 1Page - Potato Semiconductor Corporation PO3B14A_14 Datasheet HTML 2Page - Potato Semiconductor Corporation PO3B14A_14 Datasheet HTML 3Page - Potato Semiconductor Corporation PO3B14A_14 Datasheet HTML 4Page - Potato Semiconductor Corporation PO3B14A_14 Datasheet HTML 5Page - Potato Semiconductor Corporation PO3B14A_14 Datasheet HTML 6Page - Potato Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
Ordering Information
Top-Marking
Ordering Code
Package
Pb-free & Green
PO3B14AQU for Tube
PO3B14AQR for Tape & Reel
PO3B14AQ
PO3B14AQ
-40°C to 85°C
-40°C to 85°C
PO3B14ATU for Tube
PO3B14ATR for Tape & Reel
PO3B14AT
PO3B14AT
-40°C to 85°C
-40°C to 85°C
TA
IC Package Information
PACKAGE
CODE
PACKAGE
TYPE
QTY
PER
TUBE
TAPE
WIDTH
(mm)
TAPE
PITCH
(mm)
PIN 1 LOCATION
TAPE TRAILER
LENGTH
QTY
PER REEL
TAPE LEADER
LENGTH
Q
QSOP 16
12
8
Top Left Corner
39 (12”)
3000
64 (20”)
97
T
TSSOP 16
12
8
Top Left Corner
39 (12”)
3000
64 (20”)
96
2 channel 4:1 Mux/DeMux with Single Enable
High Bandwidth Potato Chip
6
01/01/10
Potato Semiconductor Corporation
PO3B14A
www.potatosemi.com
Pb-free & Green
Pb-free & Green
Pb-free & Green
150mil QSOP 16
173mil TSSOP 16
150mil QSOP 16
173mil TSSOP 16


Similar Part No. - PO3B14A_14

ManufacturerPart #DatasheetDescription
logo
Potato Semiconductor Co...
PO3B14AQR POTATO-PO3B14AQR Datasheet
576Kb / 6P
   4:1 Mux/DeMux with Single Enable
PO3B14AQU POTATO-PO3B14AQU Datasheet
576Kb / 6P
   4:1 Mux/DeMux with Single Enable
PO3B14ATR POTATO-PO3B14ATR Datasheet
576Kb / 6P
   4:1 Mux/DeMux with Single Enable
PO3B14ATU POTATO-PO3B14ATU Datasheet
576Kb / 6P
   4:1 Mux/DeMux with Single Enable
More results

Similar Description - PO3B14A_14

ManufacturerPart #DatasheetDescription
logo
Potato Semiconductor Co...
PO3B14A POTATO-PO3B14A Datasheet
576Kb / 6P
   4:1 Mux/DeMux with Single Enable
PO3B20A POTATO-PO3B20A_14 Datasheet
1Mb / 5P
   Wide Bandwidth, 4-Channel, 2:1 Mux/DeMux with Single Enable
PO3B20A POTATO-PO3B20A Datasheet
548Kb / 6P
   4-Channel, 2:1 Mux/DeMux Switch w/ Single Enable
PO3B10A POTATO-PO3B10A Datasheet
543Kb / 6P
   2-Channel, 2:1 Mux/DeMux Switch w/ Single Enable
PO3B40A POTATO-PO3B40A_14 Datasheet
1Mb / 5P
   Wide Bandwidth, 8-Channel, 2:1 Mux/DeMux with Single Enable
PO3B40A POTATO-PO3B40A Datasheet
569Kb / 6P
   Wide Bandwidth, 8-Channel, 2:1 Mux/DeMux with Single Enable
logo
Pericom Semiconductor C...
PI3DBV40 PERICOM-PI3DBV40 Datasheet
424Kb / 8P
   3.3V, Wide Bandwidth, 4-Channel, 2:1 Mux/DeMux Video Switch with Single Enable
PI3CH281 PERICOM-PI3CH281 Datasheet
490Kb / 9P
   Low Voltage, High Bandwidth, 2-Channel, 4:1 Mux/DeMux, NanoSwitch with Single Enable
PI3L510 PERICOM-PI3L510 Datasheet
392Kb / 6P
   3.3V, 4-Channel, 2:1, Mux/DeMux Fast Ethernet LAN Switch w/ Single Enable
PI3PCIE3415 PERICOM-PI3PCIE3415 Datasheet
498Kb / 2P
   4 Differential Channel, 2:1 Mux/DeMux
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com