Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LC5-A-C8 Datasheet(PDF) 7 Page - PANDUIT CORP.

Part # LC5-A-C8
Description  SELECTION AND USE OF ADHESIVE BACKED MOUNTS AND DEVICES
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANDUIT [PANDUIT CORP.]
Direct Link  http://www.panduit.com
Logo PANDUIT - PANDUIT CORP.

LC5-A-C8 Datasheet(HTML) 7 Page - PANDUIT CORP.

  LC5-A-C8 Datasheet HTML 1Page - PANDUIT CORP. LC5-A-C8 Datasheet HTML 2Page - PANDUIT CORP. LC5-A-C8 Datasheet HTML 3Page - PANDUIT CORP. LC5-A-C8 Datasheet HTML 4Page - PANDUIT CORP. LC5-A-C8 Datasheet HTML 5Page - PANDUIT CORP. LC5-A-C8 Datasheet HTML 6Page - PANDUIT CORP. LC5-A-C8 Datasheet HTML 7Page - PANDUIT CORP. LC5-A-C8 Datasheet HTML 8Page - PANDUIT CORP.  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
7
Part Number
Color
Environment
Used With
Cable Ties
Number of
Cable Ties
Number of
EMS Mounts
Number of
Epoxy Cups
Number of
Mixer Sticks
Std.
Pkg.
Qty.‡
Epoxy Adhesive Only
EMA-X
Gray
Indoors/Outdoors
––
10
10
10
Epoxy Mounting Kit with EMS Mounts
EMSK3-1-X0
Black
Indoors/Outdoors
M, I, S
3
1
1
10
Epoxy Mounting Kit with EMS Mounts and Cable Ties
EMSK3-1-3-0
Black
Indoors/Outdoors
M, I, S
3 PLT2S-0
3
1
1
1
EMSK12-4-12-X0
Black
Indoors/Outdoors
M, I, S
3 PLT2S-0
12
4
4
10
Epoxy Applied Mount Kits
Epoxy Applied Mounts
Adhesive Backed Mounts and Clips (continued)
Contact customer service (800-777-3300) for additional sizes, materials, and acrylic tape availability or visit www.panduit.com.
‡ Order the number of pieces required, in multiples of Standard Package Quantity.
‡ Order the number of pieces required, in multiples of Standard Package Quantity.
g
Lbs.
mm
In.
mm
In.
Std.
Pkg.
Qty.‡
Adhesive Type
Max. Static Load
Width
Length
Material
Part Number
Bevel Entry Clips
BEC38-A-L
Nylon 6.6
1.46
37.1
1.24
31.5
.91
411
Rubber
50
BEC62-A-L
Nylon 6.6
1.46
37.1
1.24
31.5
.91
411
Rubber
50
BEC75-A-L
Nylon 6.6
1.46
37.1
1.49
37.8
1.09
493
Rubber
50
Vertical Cord Clip
VCC25-A-C
Nylon 6.6
1.00
25.4
.50
12.7
.25
113
Rubber
100
Adhesive Backed Latching Clips
LC3-A-C8
PVC
.75
19.0
.75
19.0
.28
127
Rubber
100
LC5-A-C8
PVC
1.01
25.7
1.00
25.4
.50
227
Rubber
100
LC10-A-L8
PVC
1.51
37.9
1.00
25.4
.60
272
Rubber
50
Low Profile Flat Cable Mounts
LPFCM14-A-C14
Nylon 6.6
2.56
65.0
.50
12.7
.25
113
Rubber
100
LPFCM22-A-C14
Nylon 6.6
3.31
84.0
.50
12.7
.25
113
Rubber
100
LPFCM34-A-C14
Nylon 6.6
4.56
115.8
.50
12.7
.25
113
Rubber
100
Latching Flat Cable Mounts
FCM1-A-C14
Nylon 6.6
1.21
30.7
1.00
25.4
.50
227
Rubber
100
FCM1.2-A-C14
Nylon 6.6
1.37
34.8
1.00
25.4
.62
281
Rubber
100
FCM2-A-C14
Nylon 6.6
2.22
56.3
1.00
25.4
1.00
454
Rubber
100
FCM3.25-A-L14
Nylon 6.6
3.38
85.9
1.00
25.4
1.50
681
Rubber
50
Cable Holder – Adhesive Backed
CH105-A-C14
Nylon 6.6
2.50
63.0
2.06
52.0
1.28
581
Rubber
100
Latching Flat Cable Holder
FCH2-A-C14
Nylon 6.6
2.50
63.5
1.03
26.2
1.00
454
Rubber
100
Flat Cable Clips
FCC-A-C8
PVC
1.00
25.4
1.09
27.7
.50
227
Rubber
100
FCC5-A-C8
PVC
1.00
25.4
.56
14.1
.25
113
Rubber
100
BEC
VCC
LC
LPFCM
FCM
CH
FCH2
FCC
EMS
EMS KITS
ASMS
Part Number
Material
Length
Width
Max. Static Load
Adhesive Type
Std.
Pkg.
Qty.‡
In.
mm
In.
mm
Lbs.
g
ASMS-A-X
Aluminum Base/Nylon Mount
1.13
28.6
1.13
28.6
10.00
4540
EMA Epoxy
10
EMS-A-C
Nylon 6.6
1.00
25.4
1.00
25.4
10.00
4540
EMA Epoxy
100
‡ Order the number of pieces required, in multiples of Standard Package Quantity.


Similar Part No. - LC5-A-C8

ManufacturerPart #DatasheetDescription
logo
Roithner LaserTechnik G...
LC5 ROITHNER-LC5 Datasheet
59Kb / 1P
   LC5
logo
Illinois Capacitor, Inc...
LC5 ILLINOISCAPACITOR-LC5 Datasheet
1Mb / 5P
   High AC Voltage - High current
logo
Seoul Semiconductor
LC500Z SEOUL-LC500Z Datasheet
390Kb / 12P
   GREEN OVAL LAMP LED
LC501 SEOUL-LC501 Datasheet
376Kb / 14P
   INFRARED LAMP LED
LC501 SEOUL-LC501 Datasheet
360Kb / 13P
   CYAN LAMP LED
More results

Similar Description - LC5-A-C8

ManufacturerPart #DatasheetDescription
logo
PANDUIT CORP.
FCM1-A-C14 PANDUIT-FCM1-A-C14 Datasheet
488Kb / 8P
   Adhesive Backed Mounts and Devices Features and Benefits
KIMS-H430-C6 PANDUIT-KIMS-H430-C6 Datasheet
81Kb / 2P
   Easy Selection Guide For Adhesive Backed Cable Tie Mounts
ABMM-A PANDUIT-ABMM-A Datasheet
74Kb / 1P
   ADHESIVE BACKED MOUNT
logo
Dialight Corporation
OPTX1006 DIALIGHT-OPTX1006 Datasheet
119Kb / 2P
   ADHESIVE-BACKED LENS
logo
PANDUIT CORP.
ABM3H-A PANDUIT-ABM3H-A Datasheet
69Kb / 1P
   ADHESIVE BACKED MOUNT
logo
List of Unclassifed Man...
561-AWCF32811B ETC2-561-AWCF32811B Datasheet
81Kb / 2P
   Adhesive Backed Wire Clip
561-DP13037 ETC2-561-DP13037 Datasheet
204Kb / 2P
   Adhesive Backed Nylon Cable Clips
561-AWC00125 ETC2-561-AWC00125 Datasheet
89Kb / 2P
   Releasable Adhesive Backed Wire Clips
logo
M/A-COM Technology Solu...
AG314 MA-COM-AG314 Datasheet
473Kb / 70P
   Principles, Applications and Selection of Receiving Diodes
logo
TE Connectivity Ltd
KUP TEC-KUP Datasheet
1Mb / 5P
   Wide selection of termination and mounting styles
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com