Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2MBI150NC-060 Datasheet(PDF) 1 Page - Fuji Electric

Part # 2MBI150NC-060
Description  IGBT MODULE ( N series )
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJI [Fuji Electric]
Direct Link  http://www.fujielectric.co.jp/eng/fdt/scd
Logo FUJI - Fuji Electric

2MBI150NC-060 Datasheet(HTML) 1 Page - Fuji Electric

  2MBI150NC-060 Datasheet HTML 1Page - Fuji Electric 2MBI150NC-060 Datasheet HTML 2Page - Fuji Electric 2MBI150NC-060 Datasheet HTML 3Page - Fuji Electric 2MBI150NC-060 Datasheet HTML 4Page - Fuji Electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
IGBT MODULE ( N series )
n
n Features
• Square RBSOA
• Low Saturation Voltage
• Less Total Power Dissipation
• Improved FWD Characteristic
• Minimized Internal Stray Inductance
• Overcurrent Limiting Function (
~3 Times Rated Current)
n
n Applications
• High Power Switching
• A.C. Motor Controls
• D.C. Motor Controls
• Uninterruptible Power Supply
n
n Outline Drawing
n
n Maximum Ratings and Characteristics
Absolute Maximum Ratings ( T
c=25°C
)
Items
Symbols
Ratings
Units
Collector-Emitter Voltage
VCES
600
V
Gate -Emitter Voltage
VGES
± 20
V
Continuous
IC
150
Collector
1ms
IC PULSE
300
Current
Continuous
-IC
150
1ms
-IC PULSE
300
Max. Power Dissipation
PC
600
W
Operating Temperature
Tj
+150
°C
Storage Temperature
Tstg
-40
∼ +125
°C
Isolation Voltage
A.C. 1min.
Vis
2500
V
Mounting *1
3.5
Terminals *2
3.5
Note: *1:Recommendable Value; 2.5
∼ 3.5 Nm (M5)
Electrical Characteristics ( at T
j=25°C )
Items
Symbols
Test Conditions
Min.
Typ.
Max.
Units
Zero Gate Voltage Collector Current
ICES
VGE=0V VCE=600V
1.0
mA
Gate-Emitter Leackage Current
IGES
VCE=0V VGE=
± 20V
15
µA
Gate-Emitter Threshold Voltage
VGE(th)
VGE=20V IC=150mA
4.5
7.5
V
Collector-Emitter Saturation Voltage
VCE(sat)
VGE=15V IC=150A
2.8
V
Input capacitance
Cies
VGE=0V
9900
Output capacitance
Coes
VCE=10V
2200
pF
Reverse Transfer capacitance
Cres
f=1MHz
1000
tON
VCC=300V
0.6
1.2
tr
IC=150A
0.2
0.6
tOFF
VGE=
± 15V
0.6
1.0
tf
RG=16
0.2
0.35
Diode Forward On-Voltage
VF
IF=150A VGE=0V
3.0
V
Reverse Recovery Time
trr
IF=150A
300
ns
Thermal Characteristics
Items
Symbols
Test Conditions
Min.
Typ.
Max.
Units
Rth(j-c)
IGBT
0.21
Thermal Resistance
Rth(j-c)
Diode
0.47
°C/W
Rth(c-f)
With Thermal Compound
0.05
n
n Equivalent Circuit
Screw Torque
Turn-on Time
Turn-off Time
µs
A
Nm


Similar Part No. - 2MBI150NC-060

ManufacturerPart #DatasheetDescription
logo
Fuji Electric
2MBI150NC-120 FUJI-2MBI150NC-120 Datasheet
99Kb / 4P
   IGBT MODULE ( N series )
More results

Similar Description - 2MBI150NC-060

ManufacturerPart #DatasheetDescription
logo
Fuji Electric
1MBI200NA-120 FUJI-1MBI200NA-120 Datasheet
152Kb / 4P
   IGBT MODULE ( N series )
1MBI300N-120 FUJI-1MBI300N-120 Datasheet
97Kb / 4P
   IGBT MODULE(N series)
1MBI300NP-120 FUJI-1MBI300NP-120 Datasheet
98Kb / 4P
   IGBT MODULE(N series)
1MBI400N-120 FUJI-1MBI400N-120 Datasheet
96Kb / 4P
   IGBT MODULE(N series)
2MBI150NB-120 FUJI-2MBI150NB-120 Datasheet
100Kb / 4P
   IGBT MODULE ( N series )
2MBI150NE-120 FUJI-2MBI150NE-120 Datasheet
129Kb / 4P
   IGBT MODULE ( N series )
2MBI200N-120 FUJI-2MBI200N-120 Datasheet
101Kb / 4P
   IGBT MODULE ( N series )
2MBI200NB-120 FUJI-2MBI200NB-120 Datasheet
136Kb / 4P
   IGBT MODULE ( N series )
1MBI600NP-060 FUJI-1MBI600NP-060 Datasheet
124Kb / 4P
   IGBT MODULE ( N series )
2MBI200NE-120 FUJI-2MBI200NE-120 Datasheet
134Kb / 4P
   IGBT MODULE ( N series )
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com