Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SM312D Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # SM312D
Description  Self-contained DC-operated Diffuse Mode Sensors
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SM312D Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  SM312D Datasheet HTML 1Page - List of Unclassifed Manufacturers SM312D Datasheet HTML 2Page - List of Unclassifed Manufacturers SM312D Datasheet HTML 3Page - List of Unclassifed Manufacturers SM312D Datasheet HTML 4Page - List of Unclassifed Manufacturers SM312D Datasheet HTML 5Page - List of Unclassifed Manufacturers SM312D Datasheet HTML 6Page - List of Unclassifed Manufacturers SM312D Datasheet HTML 7Page - List of Unclassifed Manufacturers SM312D Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
MINI-BEAM
® SM312D
Self-contained DC-operated Diffuse Mode Sensors
Printed in USA
05/01
P/N 03366 rev. D
• Compact, modulated, self-contained diffuse proximity mode
sensors for 10-30V dc operation
• Range to 380 mm (15") (referenced to 90% reflectance
white test card)
• Switch-selectable for light operate or dark operate
• Includes Banner’s exclusive AID™ alignment system*
• Highly repeatable 1 millisecond response
• Both sourcing and sinking outputs (150 mA max. each);
continuous overload and short-circuit protected
• Rugged, epoxy-encapsulated construction: meets NEMA
standards 1, 2, 3, 3S, 4, 4X, 6, 12 and 13; IEC IP67
• Physically and electrically interchangeable with 18 mm
barrel-type photoelectrics
*US patent number 4356393
MINI-BEAM Diffuse Mode Models
375 mm
15.0 in
300 mm
12.0 in
225 mm
9.0 in
150 mm
6.0 in
75 mm
3.0 in
0
0
5 mm
10 mm
15 mm
5 mm
10 mm
15 mm
0
0.2 in
0.4 in
0.6 in
0.2 in
0.4 in
0.6 in
DISTANCE
SM312D
Diffuse Mode
Models
Range
Cable*
Supply
Voltage
Output
Type
Excess Gain
Beam Pattern
SM312D
SM312DQD
380 mm
(15")
2 m (6.5')
4-Pin Euro QD
10-30V dc
Bipolar
NPN/PNP
1
10
100
10 mm
.4 in
100 mm
4 in
1000 mm
40 in
1 mm
.04 in
1000
E
X
C
E
S
S
G
A
I
N
DISTANCE
SM312D
Diffuse Mode
Performance based on 90% reflectance white test card
Infrared, 880 nm
*Notes:
i)
9 m (30') cables are available by adding suffix “W/30” to the model number of any cabled sensor (e.g., SM312D W/30).
ii) A 150 mm (6") long pigtail cable with attached QD connector is available by adding suffix “QDP” to the model number of any
MINI-BEAM sensor (e.g., SM312DQDP). See page 5 for more information.
iii) A model with a QD connector requires an accessory mating cable. See page 8 for more information.
iv) May be ordered with 0.3 millisecond on/off response by adding suffix “MHS” to the model numbers
(e.g., SM312DMHS). This modification reduces sensing range (and excess gain).


Similar Part No. - SM312D

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SM312D ETC2-SM312D Datasheet
607Kb / 6P
   MINI-BEAM dc-Voltage Series
SM312D ETC2-SM312D Datasheet
607Kb / 6P
   MINI-BEAM dc-Voltage Series
SM312D ETC2-SM312D Datasheet
3Mb / 3P
   Self-contained photoelectric sensors
SM312D ETC2-SM312D Datasheet
607Kb / 6P
   MINI-BEAM dc-Voltage Series
logo
Banner Engineering Corp...
SM312D BANNER-SM312D Datasheet
582Kb / 10P
   DC Voltage Series
More results

Similar Description - SM312D

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SM31E ETC2-SM31E Datasheet
353Kb / 8P
   Self-contained DC-operated Opposed Mode Sensors
MQDC-315 ETC2-MQDC-315 Datasheet
257Kb / 8P
   Self-contained AC-operated Convergent Mode Sensors
SM312CVQD ETC2-SM312CVQD Datasheet
3Mb / 3P
   Self-contained photoelectric sensors
SM512 ETC2-SM512 Datasheet
92Kb / 4P
   Diffuse Mode Sensors
QS18VP6RQ8 ETC2-QS18VP6RQ8 Datasheet
709Kb / 10P
   Miniature self-contained photoelectric sensors in universal housing
logo
Banner Engineering Corp...
Q12 BANNER-Q12 Datasheet
458Kb / 8P
   Miniature self-contained photoelectric sensors in universal housing
logo
Analog Devices
AD612 AD-AD612_15 Datasheet
2Mb / 6P
   Self-Contained HighPerformance
AD614 AD-AD614_15 Datasheet
2Mb / 6P
   Self-Contained HighPerformance
SSM2017 AD-SSM2017_15 Datasheet
325Kb / 8P
   Self-Contained Audio Preamplifier
REV. B
logo
Texas Instruments
PT79SR100 TI1-PT79SR100_09 Datasheet
701Kb / 8P
[Old version datasheet]   Self-Contained Inductor
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com