Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MCIMX6S5EVM10AC Datasheet(PDF) 92 Page - Freescale Semiconductor, Inc

Part # MCIMX6S5EVM10AC
Description  Applications Processors for Consumer Products
Download  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MCIMX6S5EVM10AC Datasheet(HTML) 92 Page - Freescale Semiconductor, Inc

Back Button MCIMX6S5EVM10AC Datasheet HTML 88Page - Freescale Semiconductor, Inc MCIMX6S5EVM10AC Datasheet HTML 89Page - Freescale Semiconductor, Inc MCIMX6S5EVM10AC Datasheet HTML 90Page - Freescale Semiconductor, Inc MCIMX6S5EVM10AC Datasheet HTML 91Page - Freescale Semiconductor, Inc MCIMX6S5EVM10AC Datasheet HTML 92Page - Freescale Semiconductor, Inc MCIMX6S5EVM10AC Datasheet HTML 93Page - Freescale Semiconductor, Inc MCIMX6S5EVM10AC Datasheet HTML 94Page - Freescale Semiconductor, Inc MCIMX6S5EVM10AC Datasheet HTML 95Page - Freescale Semiconductor, Inc MCIMX6S5EVM10AC Datasheet HTML 96Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 168 page
background image
i.MX 6Solo/6DualLite Applications Processors for Consumer Products, Rev. 3
92
Freescale Semiconductor
Electrical Characteristics
4.11.8
Switching Characteristics
Table 66 describes switching characteristics for the HDMI 3D Tx PHY. Figure 59 to Figure 63 illustrate
various parameters specified in table.
NOTE
All dynamic parameters related to the TMDS line drivers’ performance
imply the use of assembly guidelines.
TMDS drivers DC specifications
VOFF
Single-ended standby voltage RT = 50
For measurement conditions
and definitions, see the first
two figures above.
Compliance point TP1 as
defined in the HDMI
specification, version 1.3a,
section 4.2.4.
avddtmds ± 10 mV
mV
V
SWING
Single-ended output swing
voltage
400
600
mV
VH
Single-ended output high
voltage
For definition, see the second
figure above
If attached sink supports
TMDSCLK < or = 165 MHz
avddtmds ± 10 mV
mV
If attached sink supports
TMDSCLK > 165 MHz
avddtmds
- 200 mV
avddtmds
+ 10 mV
mV
VL
Single-ended output low
voltage
For definition, see the second
figure above
If attached sink supports
TMDSCLK < or = 165 MHz
avddtmds
- 600 mV
avddtmds
- 400mV
mV
If attached sink supports
TMDSCLK > 165 MHz
avddtmds
- 700 mV
avddtmds
- 400 mV
mV
RTERM
Differential source termination
load (inside HDMI 3D Tx PHY)
Although the HDMI 3D Tx
PHY includes differential
source termination, the
user-defined value is set for
each single line (for
illustration, see the third figure
above).
Note: RTERM can also be
configured to be open and not
present on TMDS channels.
—50
200
Hot plug detect specifications
HPDVH
Hot plug detect high range
2.0
5.3
V
VHPD
VL
Hot plug detect low range
0
0.8
V
HPD
Z
Hot plug detect input
impedance
—10
k
HPD
t
Hot plug detect time delay
100
µs
Table 65. Electrical Characteristics (continued)
Symbol
Parameter
Condition
Min
Typ
Max
Unit


Similar Part No. - MCIMX6S5EVM10AC

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
MCIMX6S5EVM10AC NXP-MCIMX6S5EVM10AC Datasheet
3Mb / 169P
   i.MX 6Solo/6DualLite Applications Processors for Consumer Products
Rev. 9, 11/2018
MCIMX6S5EVM10AC NXP-MCIMX6S5EVM10AC Datasheet
2Mb / 161P
   i.MX 6Solo/6DualLite Applications Processors for Industrial Products
Rev. 9, 11/2018
MCIMX6S5EVM10AC NXP-MCIMX6S5EVM10AC Datasheet
3Mb / 169P
   i.MX 6Solo/6DualLite Automotive and Infotainment Applications Processors
Rev. 9, 11/2018
More results

Similar Description - MCIMX6S5EVM10AC

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
IMX53CEC FREESCALE-IMX53CEC Datasheet
3Mb / 204P
   Applications Processors for Consumer Products
MCIMX50 FREESCALE-MCIMX50 Datasheet
2Mb / 134P
   i.MX50 Applications Processors for Consumer Products
logo
NXP Semiconductors
IMX50CEC NXP-IMX50CEC Datasheet
2Mb / 136P
   i.MX50 Applications Processors for Consumer Products
Rev. 7, 10/2013
IMX28CEC NXP-IMX28CEC Datasheet
817Kb / 74P
   i.MX28 Applications Processors for Consumer Products
Rev. 4, 10/2018
logo
Freescale Semiconductor...
MCIMX53XD FREESCALE-MCIMX53XD Datasheet
1Mb / 204P
   i.MX53xD Applications Processors for Consumer Products
logo
NXP Semiconductors
IMX53CEC NXP-IMX53CEC Datasheet
1Mb / 177P
   i.MX53xD Applications Processors for Consumer Products
Rev. 8, 02/2021
IMX6SXCEC NXP-IMX6SXCEC Datasheet
4Mb / 207P
   i.MX 6SoloX Applications Processors for Consumer Products
Rev. 4, 11/2018
MCIMX35SR2CEC NXP-MCIMX35SR2CEC Datasheet
2Mb / 147P
   i.MX35 Applications Processors for Industrial and Consumer Products
Rev. 10, 06/2012
IMX6SDLCEC NXP-IMX6SDLCEC Datasheet
3Mb / 169P
   i.MX 6Solo/6DualLite Applications Processors for Consumer Products
Rev. 9, 11/2018
logo
Freescale Semiconductor...
MCIMX35_101 FREESCALE-MCIMX35_101 Datasheet
1Mb / 148P
   i.MX35 Applications Processors for Industrial and Consumer Products
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com