Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MCIMX6S5DVM10AC Datasheet(PDF) 20 Page - Freescale Semiconductor, Inc

Part # MCIMX6S5DVM10AC
Description  Applications Processors for Consumer Products
Download  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MCIMX6S5DVM10AC Datasheet(HTML) 20 Page - Freescale Semiconductor, Inc

Back Button MCIMX6S5DVM10AC Datasheet HTML 16Page - Freescale Semiconductor, Inc MCIMX6S5DVM10AC Datasheet HTML 17Page - Freescale Semiconductor, Inc MCIMX6S5DVM10AC Datasheet HTML 18Page - Freescale Semiconductor, Inc MCIMX6S5DVM10AC Datasheet HTML 19Page - Freescale Semiconductor, Inc MCIMX6S5DVM10AC Datasheet HTML 20Page - Freescale Semiconductor, Inc MCIMX6S5DVM10AC Datasheet HTML 21Page - Freescale Semiconductor, Inc MCIMX6S5DVM10AC Datasheet HTML 22Page - Freescale Semiconductor, Inc MCIMX6S5DVM10AC Datasheet HTML 23Page - Freescale Semiconductor, Inc MCIMX6S5DVM10AC Datasheet HTML 24Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 168 page
background image
i.MX 6Solo/6DualLite Applications Processors for Consumer Products, Rev. 3
20
Freescale Semiconductor
Modules List
3.1
Special Signal Considerations
Table 4 lists special signal considerations for the i.MX 6Solo/6DualLite processors. The signal names are
listed in alphabetical order.
The package contact assignments can be found in Section 6, “Package Information and Contact
Assignments.” Signal descriptions are provided in the i.MX 6Solo/6DualLite Reference Manual
(IMX6SDLRM)
.
Table 4. Special Signal Considerations
Signal Name
Remarks
CLK1_P/CLK1_N
CLK2_P/CLK2_N
Two general purpose differential high speed clock Input/outputs are provided.
Any or both of them could be used:
• To feed external reference clock to the PLLs and further to the modules inside SoC, for example
as alternate reference clock for PCIe, Video/Audio interfaces, etc.
• To output internal SoC clock to be used outside the SoC as either reference clock or as a
functional clock for peripherals, for example it could be used as an output of the PCIe master
clock (root complex use)
See the i.MX 6Solo/6DualLite reference manual for details on the respective clock trees.
The clock inputs/outputs are LVDS differential pairs compatible with TIA/EIA-644 standard, the
maximum frequency range supported is 0...600 MHz.
Alternatively one may use single ended signal to drive CLKx_P input. In this case corresponding
CLKx_N input should be tied to the constant voltage level equal 1/2 of the input signal swing.
Termination should be provided in case of high frequency signals.
See LVDS pad electrical specification for further details.
After initialization, the CLKx inputs/outputs could be disabled (if not used). If unused any or both of
the CLKx_N/P pairs may be left floating.
XTALOSC_RTC_XTALI/
RTC_XTALO
If the user wishes to configure XTALOSC_RTC_XTALI and RTC_XTALO as an RTC oscillator, a
32.768 kHz crystal, (
100 k ESR, 10 pF load) should be connected between
XTALOSC_RTC_XTALI and RTC_XTALO. Remember that the capacitors implemented on either
side of the crystal are about twice the crystal load capacitor. To hit the exact oscillation frequency,
the board capacitors need to be reduced to account for board and chip parasitics. The integrated
oscillation amplifier is self biasing, but relatively weak. Care must be taken to limit parasitic leakage
from XTALOSC_RTC_XTALI and RTC_XTALO to either power or ground (>100 M
). This will
debias the amplifier and cause a reduction of startup margin. Typically XTALOSC_RTC_XTALI and
RTC_XTALO should bias to approximately 0.5 V.
If it is desired to feed an external low frequency clock into XTALOSC_RTC_XTALI the RTC_XTALO
pin should be left floating or driven with a complimentary signal. The logic level of this forcing clock
should not exceed VDD_SNVS_CAP level and the frequency should be <100 kHz under typical
conditions.
XTALI/XTALO
A 24.0 MHz crystal should be connected between XTALI and XTALO. level and the frequency
should be <32 MHz under typical conditions.
The crystal must be rated for a maximum drive level of 250
W. An ESR (equivalent series
resistance) of typical 80
 is recommended. Freescale BSP (board support package) software
requires 24 MHz on XTALI/XTALO.
The crystal can be eliminated if an external 24 MHz oscillator is available in the system. In this
case, XTALI must be directly driven by the external oscillator and XTALO is floated. The XTALI
signal level must swing from ~0.8 x NVCC_PLL_OUT to ~0.2 V.
If this clock is used as a reference for USB and PCIe, then there are strict frequency tolerance and
jitter requirements. See OSC24M chapter and relevant interface specifications chapters for details.


Similar Part No. - MCIMX6S5DVM10AC

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
MCIMX6S5DVM10AC NXP-MCIMX6S5DVM10AC Datasheet
3Mb / 169P
   i.MX 6Solo/6DualLite Applications Processors for Consumer Products
Rev. 9, 11/2018
MCIMX6S5DVM10AC NXP-MCIMX6S5DVM10AC Datasheet
2Mb / 161P
   i.MX 6Solo/6DualLite Applications Processors for Industrial Products
Rev. 9, 11/2018
MCIMX6S5DVM10AC NXP-MCIMX6S5DVM10AC Datasheet
3Mb / 169P
   i.MX 6Solo/6DualLite Automotive and Infotainment Applications Processors
Rev. 9, 11/2018
More results

Similar Description - MCIMX6S5DVM10AC

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
IMX53CEC FREESCALE-IMX53CEC Datasheet
3Mb / 204P
   Applications Processors for Consumer Products
MCIMX50 FREESCALE-MCIMX50 Datasheet
2Mb / 134P
   i.MX50 Applications Processors for Consumer Products
logo
NXP Semiconductors
IMX50CEC NXP-IMX50CEC Datasheet
2Mb / 136P
   i.MX50 Applications Processors for Consumer Products
Rev. 7, 10/2013
IMX28CEC NXP-IMX28CEC Datasheet
817Kb / 74P
   i.MX28 Applications Processors for Consumer Products
Rev. 4, 10/2018
logo
Freescale Semiconductor...
MCIMX53XD FREESCALE-MCIMX53XD Datasheet
1Mb / 204P
   i.MX53xD Applications Processors for Consumer Products
logo
NXP Semiconductors
IMX53CEC NXP-IMX53CEC Datasheet
1Mb / 177P
   i.MX53xD Applications Processors for Consumer Products
Rev. 8, 02/2021
IMX6SXCEC NXP-IMX6SXCEC Datasheet
4Mb / 207P
   i.MX 6SoloX Applications Processors for Consumer Products
Rev. 4, 11/2018
MCIMX35SR2CEC NXP-MCIMX35SR2CEC Datasheet
2Mb / 147P
   i.MX35 Applications Processors for Industrial and Consumer Products
Rev. 10, 06/2012
IMX6SDLCEC NXP-IMX6SDLCEC Datasheet
3Mb / 169P
   i.MX 6Solo/6DualLite Applications Processors for Consumer Products
Rev. 9, 11/2018
logo
Freescale Semiconductor...
MCIMX35_101 FREESCALE-MCIMX35_101 Datasheet
1Mb / 148P
   i.MX35 Applications Processors for Industrial and Consumer Products
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com