Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MCIMX6S8DVM10AC Datasheet(PDF) 99 Page - Freescale Semiconductor, Inc

Part # MCIMX6S8DVM10AC
Description  Applications Processors for Consumer Products
Download  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MCIMX6S8DVM10AC Datasheet(HTML) 99 Page - Freescale Semiconductor, Inc

Back Button MCIMX6S8DVM10AC Datasheet HTML 95Page - Freescale Semiconductor, Inc MCIMX6S8DVM10AC Datasheet HTML 96Page - Freescale Semiconductor, Inc MCIMX6S8DVM10AC Datasheet HTML 97Page - Freescale Semiconductor, Inc MCIMX6S8DVM10AC Datasheet HTML 98Page - Freescale Semiconductor, Inc MCIMX6S8DVM10AC Datasheet HTML 99Page - Freescale Semiconductor, Inc MCIMX6S8DVM10AC Datasheet HTML 100Page - Freescale Semiconductor, Inc MCIMX6S8DVM10AC Datasheet HTML 101Page - Freescale Semiconductor, Inc MCIMX6S8DVM10AC Datasheet HTML 102Page - Freescale Semiconductor, Inc MCIMX6S8DVM10AC Datasheet HTML 103Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 99 / 168 page
background image
Electrical Characteristics
i.MX 6Solo/6DualLite Applications Processors for Consumer Products, Rev. 3
Freescale Semiconductor
99
4.11.10.3 Electrical Characteristics
Figure 67 depicts the sensor interface timing. IPUx_CSIx_PIX_CLK signal described here is not
generated by the IPU. Table 69 lists the sensor interface timing characteristics.
Figure 67. Sensor Interface Timing Diagram
4.11.10.4 IPU Display Interface Signal Mapping
The IPU supports a number of display output video formats. Table 70 defines the mapping of the Display
Interface Pins used during various supported video interface formats.
Table 69. Sensor Interface Timing Characteristics
ID
Parameter
Symbol
Min
Max
Unit
IP1
Sensor output (pixel) clock frequency
Fpck
0.01
180
MHz
IP2
Data and control setup time
Tsu
2
ns
IP3
Data and control holdup time
Thd
1
ns
Table 70. Video Signal Cross-Reference
i.MX 6Solo/6DualLite
LCD
Comment1,2
Port Name
(x=0, 1)
RGB,
Signal
Name
(General)
RGB/TV Signal Allocation (Example)
16-bit
RGB
18-bit
RGB
24 Bit
RGB
8-bit
YCrCb3
16-bit
YCrCb
20-bit
YCrCb
IPUx_DISPx_DAT00
DAT[0]
B[0]
B[0]
B[0]
Y/C[0]
C[0]
C[0]
IPUx_DISPx_DAT01
DAT[1]
B[1]
B[1]
B[1]
Y/C[1]
C[1]
C[1]
IPUx_DISPx_DAT02
DAT[2]
B[2]
B[2]
B[2]
Y/C[2]
C[2]
C[2]
IPUx_DISPx_DAT03
DAT[3]
B[3]
B[3]
B[3]
Y/C[3]
C[3]
C[3]
IPUx_DISPx_DAT04
DAT[4]
B[4]
B[4]
B[4]
Y/C[4]
C[4]
C[4]
IPUx_DISPx_DAT05
DAT[5]
G[0]
B[5]
B[5]
Y/C[5]
C[5]
C[5]
IPUx_DISPx_DAT06
DAT[6]
G[1]
G[0]
B[6]
Y/C[6]
C[6]
C[6]
IP3
IPUx_CSIx_DATA_EN,
IPUx_CSIx_VSYNC,
IP2
1/IP1
IPUx_CSIx_PIX_CLK
(Sensor Output)
IPUx_CSIx_HSYNC


Similar Part No. - MCIMX6S8DVM10AC

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
MCIMX6S8DVM10AC NXP-MCIMX6S8DVM10AC Datasheet
3Mb / 169P
   i.MX 6Solo/6DualLite Applications Processors for Consumer Products
Rev. 9, 11/2018
MCIMX6S8DVM10AC NXP-MCIMX6S8DVM10AC Datasheet
2Mb / 161P
   i.MX 6Solo/6DualLite Applications Processors for Industrial Products
Rev. 9, 11/2018
MCIMX6S8DVM10AC NXP-MCIMX6S8DVM10AC Datasheet
3Mb / 169P
   i.MX 6Solo/6DualLite Automotive and Infotainment Applications Processors
Rev. 9, 11/2018
More results

Similar Description - MCIMX6S8DVM10AC

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
IMX53CEC FREESCALE-IMX53CEC Datasheet
3Mb / 204P
   Applications Processors for Consumer Products
MCIMX50 FREESCALE-MCIMX50 Datasheet
2Mb / 134P
   i.MX50 Applications Processors for Consumer Products
logo
NXP Semiconductors
IMX50CEC NXP-IMX50CEC Datasheet
2Mb / 136P
   i.MX50 Applications Processors for Consumer Products
Rev. 7, 10/2013
IMX28CEC NXP-IMX28CEC Datasheet
817Kb / 74P
   i.MX28 Applications Processors for Consumer Products
Rev. 4, 10/2018
logo
Freescale Semiconductor...
MCIMX53XD FREESCALE-MCIMX53XD Datasheet
1Mb / 204P
   i.MX53xD Applications Processors for Consumer Products
logo
NXP Semiconductors
IMX53CEC NXP-IMX53CEC Datasheet
1Mb / 177P
   i.MX53xD Applications Processors for Consumer Products
Rev. 8, 02/2021
IMX6SXCEC NXP-IMX6SXCEC Datasheet
4Mb / 207P
   i.MX 6SoloX Applications Processors for Consumer Products
Rev. 4, 11/2018
MCIMX35SR2CEC NXP-MCIMX35SR2CEC Datasheet
2Mb / 147P
   i.MX35 Applications Processors for Industrial and Consumer Products
Rev. 10, 06/2012
IMX6SDLCEC NXP-IMX6SDLCEC Datasheet
3Mb / 169P
   i.MX 6Solo/6DualLite Applications Processors for Consumer Products
Rev. 9, 11/2018
logo
Freescale Semiconductor...
MCIMX35_101 FREESCALE-MCIMX35_101 Datasheet
1Mb / 148P
   i.MX35 Applications Processors for Industrial and Consumer Products
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com