Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MCIMX6S8DVM10AC Datasheet(PDF) 85 Page - Freescale Semiconductor, Inc

Part # MCIMX6S8DVM10AC
Description  Applications Processors for Consumer Products
Download  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MCIMX6S8DVM10AC Datasheet(HTML) 85 Page - Freescale Semiconductor, Inc

Back Button MCIMX6S8DVM10AC Datasheet HTML 81Page - Freescale Semiconductor, Inc MCIMX6S8DVM10AC Datasheet HTML 82Page - Freescale Semiconductor, Inc MCIMX6S8DVM10AC Datasheet HTML 83Page - Freescale Semiconductor, Inc MCIMX6S8DVM10AC Datasheet HTML 84Page - Freescale Semiconductor, Inc MCIMX6S8DVM10AC Datasheet HTML 85Page - Freescale Semiconductor, Inc MCIMX6S8DVM10AC Datasheet HTML 86Page - Freescale Semiconductor, Inc MCIMX6S8DVM10AC Datasheet HTML 87Page - Freescale Semiconductor, Inc MCIMX6S8DVM10AC Datasheet HTML 88Page - Freescale Semiconductor, Inc MCIMX6S8DVM10AC Datasheet HTML 89Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 168 page
background image
Electrical Characteristics
i.MX 6Solo/6DualLite Applications Processors for Consumer Products, Rev. 3
Freescale Semiconductor
85
4.11.4.4
Bus Operation Condition for 3.3 V and 1.8 V Signaling
4.11.5
Signaling level of SD/eMMC4.3 and eMMC4.4/4.41 modes is 3.3 V. Signaling level of
SDR104/SDR50 mode is 1.8 V. The DC parameters for the NVCC_SD1, NVCC_SD2 and
NVCC_SD3 supplies are identical to those shown in Table 24, "GPIO DC Parameters," on
page 40.Ethernet Controller (ENET) AC Electrical Specifications
The following timing specs are defined at the chip I/O pin and must be translated appropriately to arrive
at timing specs/constraints for the physical interface.
4.11.5.1
ENET MII Mode Timing
This subsection describes MII receive, transmit, asynchronous inputs, and serial management signal
timings.
4.11.5.1.1
MII Receive Signal Timing (ENET_RX_DATA3,2,1,0, ENET_RX_EN,
ENET_RX_ER, and ENET_RX_CLK)
The receiver functions correctly up to an ENET_RX_CLK maximum frequency of 25 MHz + 1%. There
is no minimum frequency requirement. Additionally, the processor clock frequency must exceed twice the
ENET_RX_CLK frequency.
Figure 48 shows MII receive signal timings. Table 59 describes the timing parameters (M1–M4) shown in
the figure.
Figure 48. MII Receive Signal Timing Diagram
Table 59. MII Receive Signal Timing
ID
Characteristic1
Min.
Max.
Unit
M1
ENET_RX_DATA3,2,1,0, ENET_RX_EN, ENET_RX_ER to
ENET_RX_CLK setup
5—
ns
M2
ENET_RX_CLK to ENET_RX_DATA3,2,1,0, ENET_RX_EN,
ENET_RX_ER hold
5—
ns
M3
ENET_RX_CLK pulse width high
35%
65%
ENET_RX_CLK period
M4
ENET_RX_CLK pulse width low
35%
65%
ENET_RX_CLK period
ENET_RX_CLK (input)
ENET_RX_DATA3,2,1,0
M3
M4
M1
M2
ENET_RX_ER
ENET_RX_EN
(inputs)


Similar Part No. - MCIMX6S8DVM10AC

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
MCIMX6S8DVM10AC NXP-MCIMX6S8DVM10AC Datasheet
3Mb / 169P
   i.MX 6Solo/6DualLite Applications Processors for Consumer Products
Rev. 9, 11/2018
MCIMX6S8DVM10AC NXP-MCIMX6S8DVM10AC Datasheet
2Mb / 161P
   i.MX 6Solo/6DualLite Applications Processors for Industrial Products
Rev. 9, 11/2018
MCIMX6S8DVM10AC NXP-MCIMX6S8DVM10AC Datasheet
3Mb / 169P
   i.MX 6Solo/6DualLite Automotive and Infotainment Applications Processors
Rev. 9, 11/2018
More results

Similar Description - MCIMX6S8DVM10AC

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
IMX53CEC FREESCALE-IMX53CEC Datasheet
3Mb / 204P
   Applications Processors for Consumer Products
MCIMX50 FREESCALE-MCIMX50 Datasheet
2Mb / 134P
   i.MX50 Applications Processors for Consumer Products
logo
NXP Semiconductors
IMX50CEC NXP-IMX50CEC Datasheet
2Mb / 136P
   i.MX50 Applications Processors for Consumer Products
Rev. 7, 10/2013
IMX28CEC NXP-IMX28CEC Datasheet
817Kb / 74P
   i.MX28 Applications Processors for Consumer Products
Rev. 4, 10/2018
logo
Freescale Semiconductor...
MCIMX53XD FREESCALE-MCIMX53XD Datasheet
1Mb / 204P
   i.MX53xD Applications Processors for Consumer Products
logo
NXP Semiconductors
IMX53CEC NXP-IMX53CEC Datasheet
1Mb / 177P
   i.MX53xD Applications Processors for Consumer Products
Rev. 8, 02/2021
IMX6SXCEC NXP-IMX6SXCEC Datasheet
4Mb / 207P
   i.MX 6SoloX Applications Processors for Consumer Products
Rev. 4, 11/2018
MCIMX35SR2CEC NXP-MCIMX35SR2CEC Datasheet
2Mb / 147P
   i.MX35 Applications Processors for Industrial and Consumer Products
Rev. 10, 06/2012
IMX6SDLCEC NXP-IMX6SDLCEC Datasheet
3Mb / 169P
   i.MX 6Solo/6DualLite Applications Processors for Consumer Products
Rev. 9, 11/2018
logo
Freescale Semiconductor...
MCIMX35_101 FREESCALE-MCIMX35_101 Datasheet
1Mb / 148P
   i.MX35 Applications Processors for Industrial and Consumer Products
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com