Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MCIMX6S8DVM10AC Datasheet(PDF) 44 Page - Freescale Semiconductor, Inc

Part # MCIMX6S8DVM10AC
Description  Applications Processors for Consumer Products
Download  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MCIMX6S8DVM10AC Datasheet(HTML) 44 Page - Freescale Semiconductor, Inc

Back Button MCIMX6S8DVM10AC Datasheet HTML 40Page - Freescale Semiconductor, Inc MCIMX6S8DVM10AC Datasheet HTML 41Page - Freescale Semiconductor, Inc MCIMX6S8DVM10AC Datasheet HTML 42Page - Freescale Semiconductor, Inc MCIMX6S8DVM10AC Datasheet HTML 43Page - Freescale Semiconductor, Inc MCIMX6S8DVM10AC Datasheet HTML 44Page - Freescale Semiconductor, Inc MCIMX6S8DVM10AC Datasheet HTML 45Page - Freescale Semiconductor, Inc MCIMX6S8DVM10AC Datasheet HTML 46Page - Freescale Semiconductor, Inc MCIMX6S8DVM10AC Datasheet HTML 47Page - Freescale Semiconductor, Inc MCIMX6S8DVM10AC Datasheet HTML 48Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 168 page
background image
i.MX 6Solo/6DualLite Applications Processors for Consumer Products, Rev. 3
44
Freescale Semiconductor
Electrical Characteristics
4.7.2
DDR I/O AC Parameters
The LPDDR2 interface mode fully complies with JESD209-2B LPDDR2 JEDEC standard release June,
2009. The DDR3/DDR3L interface mode fully complies with JESD79-3D DDR3 JEDEC standard release
April, 2008.
Table 31 shows the AC parameters for DDR I/O operating in LPDDR2 mode.
Table 29. General Purpose I/O AC Parameters 1.8 V Mode
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
Output Pad Transition Times, rise/fall
(Max Drive, ipp_dse=111)
tr, tf
15 pF Cload, slow slew rate
15 pF Cload, fast slew rate
——
2.72/2.79
1.51/1.54
ns
Output Pad Transition Times, rise/fall
(High Drive, ipp_dse=101)
tr, tf
15 pF Cload, slow slew rate
15 pF Cload, fast slew rate
——
3.20/3.36
1.96/2.07
Output Pad Transition Times, rise/fall
(Medium Drive, ipp_dse=100)
tr, tf
15 pF Cload, slow slew rate
15 pF Cload, fast slew rate
——
3.64/3.88
2.27/2.53
Output Pad Transition Times, rise/fall
(Low Drive. ipp_dse=011)
tr, tf
15 pF Cload, slow slew rate
15 pF Cload, fast slew rate
——
4.32/4.50
3.16/3.17
Input Transition Times1
1 Hysteresis mode is recommended for inputs with transition times greater than 25 ns.
trm
25
ns
Table 30. General Purpose I/O AC Parameters 3.3 V Mode
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
Output Pad Transition Times, rise/fall
(Max Drive, ipp_dse=101)
tr, tf
15 pF Cload, slow slew rate
15 pF Cload, fast slew rate
——
1.70/1.79
1.06/1.15
ns
Output Pad Transition Times, rise/fall
(High Drive, ipp_dse=011)
tr, tf
15 pF Cload, slow slew rate
15 pF Cload, fast slew rate
——
2.35/2.43
1.74/1.77
Output Pad Transition Times, rise/fall
(Medium Drive, ipp_dse=010)
tr, tf
15 pF Cload, slow slew rate
15 pF Cload, fast slew rate
——
3.13/3.29
2.46/2.60
Output Pad Transition Times, rise/fall
(Low Drive. ipp_dse=001)
tr, tf
15 pF Cload, slow slew rate
15 pF Cload, fast slew rate
——
5.14/5.57
4.77/5.15
Input Transition Times1
1 Hysteresis mode is recommended for inputs with transition times greater than 25 ns.
trm
25
ns
Table 31. DDR I/O LPDDR2 Mode AC Parameters1
Parameter
Symbol
Test Condition
Min
Max
Unit
AC input logic high
Vih(ac)
Vref + 0.22
OVDD
V
AC input logic low
Vil(ac)
0
Vref - 0.22
V
AC differential input high voltage2
Vidh(ac)
0.44
V
AC differential input low voltage
Vidl(ac)
0.44
V
Input AC differential cross point voltage3
Vix(ac)
Relative to Vref
-0.12
0.12
V


Similar Part No. - MCIMX6S8DVM10AC

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
MCIMX6S8DVM10AC NXP-MCIMX6S8DVM10AC Datasheet
3Mb / 169P
   i.MX 6Solo/6DualLite Applications Processors for Consumer Products
Rev. 9, 11/2018
MCIMX6S8DVM10AC NXP-MCIMX6S8DVM10AC Datasheet
2Mb / 161P
   i.MX 6Solo/6DualLite Applications Processors for Industrial Products
Rev. 9, 11/2018
MCIMX6S8DVM10AC NXP-MCIMX6S8DVM10AC Datasheet
3Mb / 169P
   i.MX 6Solo/6DualLite Automotive and Infotainment Applications Processors
Rev. 9, 11/2018
More results

Similar Description - MCIMX6S8DVM10AC

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
IMX53CEC FREESCALE-IMX53CEC Datasheet
3Mb / 204P
   Applications Processors for Consumer Products
MCIMX50 FREESCALE-MCIMX50 Datasheet
2Mb / 134P
   i.MX50 Applications Processors for Consumer Products
logo
NXP Semiconductors
IMX50CEC NXP-IMX50CEC Datasheet
2Mb / 136P
   i.MX50 Applications Processors for Consumer Products
Rev. 7, 10/2013
IMX28CEC NXP-IMX28CEC Datasheet
817Kb / 74P
   i.MX28 Applications Processors for Consumer Products
Rev. 4, 10/2018
logo
Freescale Semiconductor...
MCIMX53XD FREESCALE-MCIMX53XD Datasheet
1Mb / 204P
   i.MX53xD Applications Processors for Consumer Products
logo
NXP Semiconductors
IMX53CEC NXP-IMX53CEC Datasheet
1Mb / 177P
   i.MX53xD Applications Processors for Consumer Products
Rev. 8, 02/2021
IMX6SXCEC NXP-IMX6SXCEC Datasheet
4Mb / 207P
   i.MX 6SoloX Applications Processors for Consumer Products
Rev. 4, 11/2018
MCIMX35SR2CEC NXP-MCIMX35SR2CEC Datasheet
2Mb / 147P
   i.MX35 Applications Processors for Industrial and Consumer Products
Rev. 10, 06/2012
IMX6SDLCEC NXP-IMX6SDLCEC Datasheet
3Mb / 169P
   i.MX 6Solo/6DualLite Applications Processors for Consumer Products
Rev. 9, 11/2018
logo
Freescale Semiconductor...
MCIMX35_101 FREESCALE-MCIMX35_101 Datasheet
1Mb / 148P
   i.MX35 Applications Processors for Industrial and Consumer Products
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com