Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC13892DJVK Datasheet(PDF) 2 Page - Freescale Semiconductor, Inc

Part # MC13892DJVK
Description  Power Management Integrated Circuit (PMIC) for the i.MX35/51
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC13892DJVK Datasheet(HTML) 2 Page - Freescale Semiconductor, Inc

  MC13892DJVK Datasheet HTML 1Page - Freescale Semiconductor, Inc MC13892DJVK Datasheet HTML 2Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Freescale™ and the Freescale logo are trademarks of Freescale Semiconductor, Inc.
All other product or service names are the property of their respective owners.
© Freescale Semiconductor, Inc., 2009 - 2012. All rights reserved.
Document Number: MC13892FS
Rev. 6.0
Features
• Battery charger system for wall charging
and USB charging
• 10 bit ADC for monitoring battery and other
inputs plus Coulomb Counter support
module
• 4 Adjustable Output Buck Regulators for
direct supply of the processor core and
memory
• 12 Adjustable Output LDOs with internal
and external pass devices
• Boost Regulator for supplying RGB LEDs
• Serial backlight drivers for displays and
keypad plus RGB LED drivers
• Power control logic with processor
interface and event detection
• Real time clock and crystal oscillator
circuitry, with coin cell backup and support
for external secure real time clock on a
companion system processor IC
• Touch screen interface
• SPI/I2C bus interface for control & register
access
Benefits
• Saves design time
• Highly integrated cost-effective solution
• Designed to interface with Freescale’s i.MX
family
• Reduces system costs
• Reduces board space - enables compact,
small designs
• Reduces parts count
Questions
• Are you designing with i.MX processors?
• Do you need flexible, integrated,
programmable power management and I/O
device in one package?
• Are you presently using or considering
other PMICs? The MC13892 has high
performance to price value.
• Do you need a software controlled power -
I/O subsystem for your design?
Learn More: For current information about Freescale products,
please visit www.freescale.com.
Analog, Mixed Signal and Power Management
Ordering Information
Part Number(1)
Package
Temperature Range (TA) Description
MC13892CJVK
139-PIN 7x7 mm MAPBGA
-40 to +85 °C
Global Reset Function
Default ON
MC13892DJVK(2)
Global Reset Function
Default OFF
MC13892CJVL
139-PIN 7x7 mm MAPBGA
Global Reset Function
Default ON
MC13892DJVL(2)
Global Reset Function
Default OFF
Notes
1.
For Tape and Reel product, add an "R2" suffix to the part number.
2.
Backward compatible replacement part for MC13892VK, MC13892JVK, MC13892VL,
MC13892JVL, MC13892BJVK, and MC13892BJVL.
Development Tools
Part Number
Description
KIT13892VKEVBEJ
Evaluation Kit for the MC13892VK PMIC
KIT13892VLEVBEJ
Evaluation Kit for the MC13892VL PMIC
MCIM35LPDKJ
i.MX35 Product Development Kit (PDK)
MCIMX51EVKJ
i.MX51 Evaluation Kit
KIT13892GUI
Graphical User Interface for the KIT13892VKEVBEJ and the KIT13892VLEVBEJ
Documentation
Part Number
Description
MC13892
Data Sheet
KT13892QSG
Quick Start Guide for the KIT13892VKEVBEJ and the KIT13892VLEVBEJ
KT13892UG
EVB Kit User’s Guide supporting the KIT13892VKEVBEJ and the KIT13892VLEVBEJ
MC13892ER
Errata
AN3964
MC13892 Layout Guidelines
Freescale Semiconductor is a leading provider for over 25 years of high-performance
products that use SMARTMOS technology that combines digital, power and standard analog
functions.The company supplies analog and power management ICs for the automotive,
consumer, networking and industrial markets. Freescale’s analog and power ICs complement
our broad portfolio of microcontrollers, microprocessors, ZigBee® technology, digital signal
processors, sensors and development tools. Freescale offers superior support for system
solutions to help customers.
186 Pin
12.0 x 12.0 mm Body
0.8 mm Pitch
139 Pin
0.5 mm Pitch
7.0 x 7.0 mm Body
MAPBGA
MAPBGA
98ASA10820D
98ASA10849D


Similar Part No. - MC13892DJVK

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC13892DJVK FREESCALE-MC13892DJVK Datasheet
5Mb / 158P
   Power Management Integrated
More results

Similar Description - MC13892DJVK

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PF5023 NXP-PF5023 Datasheet
860Kb / 91P
   Power management integrated circuit (PMIC) for high performance applications
Rev. 1-15 April 2020
PF5024 NXP-PF5024 Datasheet
871Kb / 93P
   Power management integrated circuit (PMIC) for high performance applications
Rev. 1-15 April 2020
logo
Freescale Semiconductor...
MC34708 FREESCALE-MC34708 Datasheet
5Mb / 159P
   Power Management Integrated Circuit (PMIC) for i.MX50/53 Families
MC34709 FREESCALE-MC34709 Datasheet
4Mb / 142P
   Power Management Integrated Circuit (PMIC) for i.MX50/53 Families
logo
NXP Semiconductors
PF1550 NXP-PF1550 Datasheet
1Mb / 150P
   Power management integrated circuit (PMIC) for low power application processors
Rev. 5-10 June 2019
PF1550 NXP-PF1550_V01 Datasheet
1Mb / 150P
   Power management integrated circuit (PMIC) for low power application processors
Rev. 7 - 29 September 2021
PF1510 NXP-PF1510 Datasheet
961Kb / 108P
   Power management integrated circuit (PMIC) for low power application processors
Rev. 3-7 April 2020
PF4210 NXP-PF4210 Datasheet
1Mb / 137P
   14-channel power management integrated circuit (PMIC) for audio/video applications
Rev. 2.0-14 November 2018
logo
Rohm
BD71837AMWV ROHM-BD71837AMWV Datasheet
1Mb / 129P
   Power Management Integrated Circuit
16.Mar.2020 Rev.003
BD71837MWV ROHM-BD71837MWV Datasheet
3Mb / 131P
   Power Management Integrated Circuit
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com