Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC79M05BDT Datasheet(PDF) 1 Page - ON Semiconductor

Part # MC79M05BDT
Description  500 mA Negative Voltage Regulators
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC79M05BDT Datasheet(HTML) 1 Page - ON Semiconductor

  MC79M05BDT Datasheet HTML 1Page - ON Semiconductor MC79M05BDT Datasheet HTML 2Page - ON Semiconductor MC79M05BDT Datasheet HTML 3Page - ON Semiconductor MC79M05BDT Datasheet HTML 4Page - ON Semiconductor MC79M05BDT Datasheet HTML 5Page - ON Semiconductor MC79M05BDT Datasheet HTML 6Page - ON Semiconductor MC79M05BDT Datasheet HTML 7Page - ON Semiconductor MC79M05BDT Datasheet HTML 8Page - ON Semiconductor MC79M05BDT Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
© Semiconductor Components Industries, LLC, 2013
July, 2013 − Rev. 15
1
Publication Order Number:
MC79M00/D
MC79M00 Series
500 mA Negative Voltage
Regulators
The MC79M00 series of fixed output negative voltage regulators
are intended as complements to the popular MC78M00 series devices.
Available in fixed output voltage options of −5.0 V, −8.0 V, −12 V
and −15 V, these regulators employ current limiting, thermal
shutdown, and safe−area compensation, making them remarkably
rugged under most operating conditions. With adequate heatsinking
they can deliver output currents in excess of 0.5 A.
Features
No External Components Required
Internal Thermal Overload Protection
Internal Short Circuit Current Limiting
Output Transistor Safe−Area Compensation
Also Available in Surface Mount DPAK (DT) Package
Pb−Free Packages are Available
DEVICE TYPE/NOMINAL OUTPUT VOLTAGE
Device
Nominal Output Voltage
MC79M05
MC79M08
MC79M12
MC79M15
−5.0 V
−8.0 V
−12 V
−15 V
Figure 1. Representative Schematic Diagram
GND
VO
VI
1.1 k
2.0 k
4.0 k
0.3
10 k
10 k
20 k 20 k
20 pF
10 pF
240
750
100
This device contains 31 active transistors.
R1
R2
DPAK−3
DT SUFFIX
CASE 369C
Pin 1. Ground
2. Input
3. Output
TO−220−3
T SUFFIX
CASE 221AB
3
1
2
http://onsemi.com
THREE−TERMINAL
NEGATIVE FIXED
VOLTAGE REGULATORS
See detailed ordering and shipping information in the package
dimensions section on page 6 of this data sheet.
ORDERING INFORMATION
1 2
3
4
MARKING
DIAGRAMS
MC
79MxxyT
AWLYWWG
xx
= 05, 08, 12, or 15
y
= B or C
A
= Assembly Location
WL, L
= Wafer Lot
Y
= Year
WW
= Work Week
G
= Pb−Free Device
STANDARD APPLICATION
MC79MXX
Input
Cin*
0.33
mF
Output
CO**
1.0
mF
A common ground is required between the input
and the output voltages. The input voltage must
remain typically 1.1 V more negative even during
the high point of the input ripple voltage.
XX These two digits of the type number indicate
nominal voltage.
*Cin is required if regulator is located an
appreciable distance from power supply filter.
** CO improve stability and transient response.
9MxxBG
ALYWW
79MxxG
ALYWW


Similar Part No. - MC79M05BDT

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC79M05BDT MOTOROLA-MC79M05BDT Datasheet
118Kb / 8P
   THREE-TERMINAL NEGATIVE FIXED VOLTAGE REGULATORS
logo
ON Semiconductor
MC79M05BDT ONSEMI-MC79M05BDT Datasheet
97Kb / 8P
   500 mA Negative Voltage Regulators
August, 2006 ??Rev. 11
logo
Motorola, Inc
MC79M05BDT-1 MOTOROLA-MC79M05BDT-1 Datasheet
118Kb / 8P
   THREE-TERMINAL NEGATIVE FIXED VOLTAGE REGULATORS
logo
ON Semiconductor
MC79M05BDTG ONSEMI-MC79M05BDTG Datasheet
97Kb / 8P
   500 mA Negative Voltage Regulators
August, 2006 ??Rev. 11
MC79M05BDTRK ONSEMI-MC79M05BDTRK Datasheet
97Kb / 8P
   500 mA Negative Voltage Regulators
August, 2006 ??Rev. 11
More results

Similar Description - MC79M05BDT

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC79M00 ONSEMI-MC79M00 Datasheet
97Kb / 8P
   500 mA Negative Voltage Regulators
August, 2006 ??Rev. 11
MC79L00 ONSEMI-MC79L00_06 Datasheet
105Kb / 11P
   100 mA Negative Voltage Regulators
October, 2006 ??Rev. 8
MC79L00 ONSEMI-MC79L00 Datasheet
78Kb / 8P
   100 mA Negative Voltage Regulators
January, 2002 ??Rev. 4
MC79L12ACDR2G ONSEMI-MC79L12ACDR2G Datasheet
133Kb / 11P
   100 mA Negative Voltage Regulators
May, 2008 ??Rev. 9
logo
Suntac Electronic Corp.
STC79L00 SUNTAC-STC79L00 Datasheet
407Kb / 6P
   100 mA Negative Voltage Regulators
logo
ON Semiconductor
MC79L00A ONSEMI-MC79L00A Datasheet
127Kb / 10P
   100 mA Negative Voltage Regulators
October, 2016 ??Rev. 10
MC78M09BDTRK ONSEMI-MC78M09BDTRK_11 Datasheet
237Kb / 18P
   500 mA Positive Voltage Regulators
December, 2011 ??Rev. 25
MC78M00 ONSEMI-MC78M00_06 Datasheet
154Kb / 16P
   500 mA Positive Voltage Regulators
August, 2006 ??Rev. 18
MC78M00 ONSEMI-MC78M00_16 Datasheet
137Kb / 15P
   500 mA Positive Voltage Regulators
March, 2016 ??Rev. 28
MC78M09BDTG ONSEMI-MC78M09BDTG_11 Datasheet
237Kb / 18P
   500 mA Positive Voltage Regulators
December, 2011 ??Rev. 25
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com