Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PO74G553A Datasheet(PDF) 3 Page - Pomona Electronics

Part # PO74G553A
Description  800MHz Noise Cancellation TTL/CMOS Potato Chip
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POMONA [Pomona Electronics]
Direct Link  http://www.pomonaelectronics.com
Logo POMONA - Pomona Electronics

PO74G553A Datasheet(HTML) 3 Page - Pomona Electronics

  PO74G553A_14 Datasheet HTML 1Page - Pomona Electronics PO74G553A_14 Datasheet HTML 2Page - Pomona Electronics PO74G553A_14 Datasheet HTML 3Page - Pomona Electronics PO74G553A_14 Datasheet HTML 4Page - Pomona Electronics PO74G553A_14 Datasheet HTML 5Page - Pomona Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Power Supply Characteristics
Symbol
Description
Test Conditions (1)
Min
Typ
Max
Unit
IccQ
Quiescent Power Supply Current
Vcc=Max, Vin=Vcc or GND
-
0.1
30
uA
Notes:
1. For conditions shown as Max. or Min., use appropriate value specified under Electrical Characteristics for the applicable device type.
2. Typical values are at Vcc = 3.3V, 25• C ambient.
3. This parameter is guaranteed but not tested.
4. Not more than one output should be shorted at one time. Duration of the test should not exceed one second.
Capacitance (TA= +25°C, f= 1MHz)
Parameters (1)
Description
Test Conditions
Typ
Max
Unit
Cin
Input Capacitance
Vin = 0V
3
4
pF
Cout
Output Capacitance
Vout = 0V
-
6
pF
Notes:
1 This parameter is determined by device characterization but not production tested.
Switching Characteristics
t
i
n
U
x
a
M
s
n
o
i
t
i
d
n
o
C
t
s
e
T
n
o
i
t
p
i
r
c
s
e
D
l
o
b
m
y
S
tPLH & tPHL Propagation Delay INA to OAn, INB to OBn
CL = 15pF
1.7
ns
tPZH or tPZL Output Enable Time
CL = 15pF
2.5
tPHZ or tPLZ Output Disable Time
CL = 15pF
2.5
ns
tr/tf
Rise/Fall Time
0.8V – 2.0V
0.8
ns
tsk(p)
z
H
M
5
2
1
,
F
p
5
1
=
L
C
)
e
g
a
k
c
a
P
e
m
a
S
(
w
e
k
S
e
s
l
u
P
150
tsk(o)
Output Pin to Pin Skew (Same Package)
CL = 15pF, 125MHz
0.25
ns
tsk(pp)
Output Skew (Different Package)
CL = 15pF, 125MHz
0.4
ns
fmax
F
p
0
5
=
L
C
y
c
n
e
u
q
e
r
F
t
u
p
n
I
150
MHz
fmax
F
p
5
1
=
L
C
y
c
n
e
u
q
e
r
F
t
u
p
n
I
300
MHz
fmax
F
p
5
=
L
C
y
c
n
e
u
q
e
r
F
t
u
p
n
I
600
MHz
fmax
F
p
2
=
L
C
y
c
n
e
u
q
e
r
F
t
u
p
n
I
800
MHz
Notes:
1. See test circuits and waveforms.
2. tpLH, tpHL, tsk(p), and tsk(o) are production tested. All other parameters guaranteed but not production tested.
3. Airflow of 1m/s is recommended for frequencies above 133MHz
ns
ps
1.2V - 3.6V 1:4 CMOS Clock Buffered Driver
800MHz Noise Cancellation TTL/CMOS Potato Chip
3
01/01/10
Potato Semiconductor Corporation
PO74G553A
www.potatosemi.com


Similar Part No. - PO74G553A_14

ManufacturerPart #DatasheetDescription
logo
Potato Semiconductor Co...
PO74G553ASR POTATO-PO74G553ASR Datasheet
538Kb / 6P
   3.3V 1:4 CMOS Clock Buffered Driver
PO74G553AST POTATO-PO74G553AST Datasheet
538Kb / 6P
   3.3V 1:4 CMOS Clock Buffered Driver
More results

Similar Description - PO74G553A_14

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
PO49FCT3807B POMONA-PO49FCT3807B_14 Datasheet
1Mb / 6P
   800MHz Noise Cancellation TTL/CMOS Potato Chip
PO49FCT32807G POMONA-PO49FCT32807G_14 Datasheet
1Mb / 6P
   400MHz Noise Cancellation TTL/CMOS Potato Chip
PO49FCT3805B POMONA-PO49FCT3805B_14 Datasheet
1Mb / 6P
   800MHz TTL/CMOS Potato Chip
PO49FCT3804A POMONA-PO49FCT3804A_14 Datasheet
1Mb / 5P
   800MHz TTL/CMOS Potato Chip
logo
Potato Semiconductor Co...
PO49HSTL3807G POTATO-PO49HSTL3807G_14 Datasheet
396Kb / 5P
   400MHz TTL/CMOS Potato Chip
logo
Pomona Electronics
PO74G38074A POMONA-PO74G38074A_14 Datasheet
1Mb / 5P
   900MHz TTL/CMOS Potato Chip
PO49FCT32803G POMONA-PO49FCT32803G_14 Datasheet
1Mb / 6P
   500MHz TTL/CMOS Potato Chip
PO49FCT32805G POMONA-PO49FCT32805G_14 Datasheet
1Mb / 6P
   600MHz TTL/CMOS Potato Chip
PO74G2309A POMONA-PO74G2309A_14 Datasheet
1Mb / 6P
   700MHz TTL/CMOS Potato Chip
PO74G304A POMONA-PO74G304A_14 Datasheet
1Mb / 5P
   700MHz TTL/CMOS Potato Chip
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com