Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PO49FCT3805BQU Datasheet(PDF) 1 Page - Pomona Electronics

Part # PO49FCT3805BQU
Description  800MHz TTL/CMOS Potato Chip
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POMONA [Pomona Electronics]
Direct Link  http://www.pomonaelectronics.com
Logo POMONA - Pomona Electronics

PO49FCT3805BQU Datasheet(HTML) 1 Page - Pomona Electronics

  PO49FCT3805BQU Datasheet HTML 1Page - Pomona Electronics PO49FCT3805BQU Datasheet HTML 2Page - Pomona Electronics PO49FCT3805BQU Datasheet HTML 3Page - Pomona Electronics PO49FCT3805BQU Datasheet HTML 4Page - Pomona Electronics PO49FCT3805BQU Datasheet HTML 5Page - Pomona Electronics PO49FCT3805BQU Datasheet HTML 6Page - Pomona Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
FEATURES:
DESCRIPTION:
. Operating frequency up to 800MHz with 2pf load
. Operating frequency up to 600MHz with 5pf load
. Operating frequency up to 300MHz with 15pf load
. Operating frequency up to 100MHz with 50pf load
. Very low output pin to pin skew < 80ps
. Very low pulse skew < 300ps
. VCC = 1.2V to 3.6V
. Propagation delay < 2.4ns max with 15pf load
. Low input capacitance: 3pf typical
. Dual 1:5 fanout
. Available in 20pin 300mil wide SOIC package
. Available in 20pin 209mil wide SSOP package
. Available in 20pin 150mil wide QSOP package
Potato Semiconductor’s PO49FCT3805B is
designed for world top performance using
submicron
CMOS
technology
to
achieve
800MHz TTL output frequency with less than
80ps output pin to pin skew.
PO49FCT3805B is a 1.2V to 3.6V CMOS
Dual 1 input to 5 outputs Buffered driver to
achieve 800MHz output frequency.
Typical applications are clock and signal distribution.
Pin Configuration
Logic Block Diagram
Pin Description
Pin Name
Description
Inputs
Outputs
INA, INB
Signal or clock Inputs
INA, INB
OAn, OBn
MON
Hi-Z State Output Enable Inputs (Active LOW)
L
L
L
L
H
H
H
L
s
t
u
p
t
u
O
k
c
o
l
c
r
o
l
a
n
g
i
S
n
B
O
,
n
A
O
L
Z
L
H
t
u
p
t
u
O
r
o
ti
n
o
M
N
O
M
Vcc, GND
Power, Ground
H
H
Z
H
Inputs can be driven from either 3.3V or 5V devices.
This feature allows the use of these devices as
translators in a mixed 3.3V/5V system environment.
. Patented technology
1.2V - 3.6V Dual 1:5 CMOS Clock Driver
800MHz TTL/CMOS Potato Chip
1
01/01/10
Potato Semiconductor Corporation
PO49FCT3805B
www.potatosemi.com


Similar Part No. - PO49FCT3805BQU

ManufacturerPart #DatasheetDescription
logo
Potato Semiconductor Co...
PO49FCT3805BQU POTATO-PO49FCT3805BQU Datasheet
660Kb / 7P
   3.3V Dual 1:5 CMOS Clock Buffered Driver
More results

Similar Description - PO49FCT3805BQU

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
PO49FCT3804A POMONA-PO49FCT3804A_14 Datasheet
1Mb / 5P
   800MHz TTL/CMOS Potato Chip
PO49FCT3807B POMONA-PO49FCT3807B_14 Datasheet
1Mb / 6P
   800MHz Noise Cancellation TTL/CMOS Potato Chip
PO74G553A POMONA-PO74G553A_14 Datasheet
1Mb / 5P
   800MHz Noise Cancellation TTL/CMOS Potato Chip
logo
Potato Semiconductor Co...
PO49HSTL3807G POTATO-PO49HSTL3807G_14 Datasheet
396Kb / 5P
   400MHz TTL/CMOS Potato Chip
logo
Pomona Electronics
PO74G38074A POMONA-PO74G38074A_14 Datasheet
1Mb / 5P
   900MHz TTL/CMOS Potato Chip
PO49FCT32803G POMONA-PO49FCT32803G_14 Datasheet
1Mb / 6P
   500MHz TTL/CMOS Potato Chip
PO49FCT32805G POMONA-PO49FCT32805G_14 Datasheet
1Mb / 6P
   600MHz TTL/CMOS Potato Chip
PO74G2309A POMONA-PO74G2309A_14 Datasheet
1Mb / 6P
   700MHz TTL/CMOS Potato Chip
PO74G304A POMONA-PO74G304A_14 Datasheet
1Mb / 5P
   700MHz TTL/CMOS Potato Chip
PO49FCT32806G POMONA-PO49FCT32806G_14 Datasheet
1Mb / 6P
   700MHz TTL/CMOS Potato Chip
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com