Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SP203 Datasheet(PDF) 2 Page - Polyfet RF Devices

Part # SP203
Description  RF POWER VDMOS TRANSISTOR
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POLYFET [Polyfet RF Devices]
Direct Link  http://www.polyfet.com
Logo POLYFET - Polyfet RF Devices

SP203 Datasheet(HTML) 2 Page - Polyfet RF Devices

  SP203_14 Datasheet HTML 1Page - Polyfet RF Devices SP203_14 Datasheet HTML 2Page - Polyfet RF Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
S2A 3 DIE ID & GM Vs VG
0.01
0.10
1.00
10.00
0
2
4
6
8
10
12
14
16
18
Vgs in Volts
Id
gM
S2A 3 DICE CAPACITANCE
0.1
1
10
100
0
4
8
12
1620
2428
VDS IN VOLTS
SP203 POUT VS PIN Freq=1000MHz, VDS=28V, Idq=.6A
0
2
4
6
8
10
12
14
16
00.511.5
2
2.533.544.5
5
PIN IN WATTS
5.00
6.00
7.00
8.00
9.00
10.00
11.00
12.00
13.00
Pout
Gain
Efficiency = 45%
POLYFET RF DEVICES
POUT VS PIN GRAPH
CAPACITANCE VS VOLTAGE
ID & GM VS VGS
IV CURVE
Zin Zout
PACKAGE DIMENSIONS IN INCHES
SP203
S2A 3 DIE IV
0
0.5
1
1.5
2
2.5
3
3.5
4
0
2
4
6
8
10
12
14
16
18
20
VDS IN VOLTS
vg=2v
Vg=4v
Vg=6v
vg=8v
0
vg=12v
1110 Avenida Acaso, Camarillo, Ca 93012 Tel:(805) 484-4210 FAX: (805) 484-3393 EMAIL:Sell@polyfet.com URL:www.polyfet.com
REVISION 10/01/2007
Tolerance .XX +/-0.01
.XXX +/-.005 inches


Similar Part No. - SP203_14

ManufacturerPart #DatasheetDescription
logo
SamHop Microelectronics...
SP2030 SAMHOP-SP2030 Datasheet
96Kb / 7P
   Dual N-Channel Enhancement Mode Field Effect Transistor
More results

Similar Description - SP203_14

ManufacturerPart #DatasheetDescription
logo
Polyfet RF Devices
S8221 POLYFET-S8221 Datasheet
61Kb / 2P
   RF POWER VDMOS TRANSISTOR
SD703 POLYFET-SD703_14 Datasheet
62Kb / 2P
   RF POWER VDMOS TRANSISTOR
SM705 POLYFET-SM705_14 Datasheet
60Kb / 2P
   RF POWER VDMOS TRANSISTOR
SP722 POLYFET-SP722 Datasheet
59Kb / 2P
   RF POWER VDMOS TRANSISTOR
SQ742 POLYFET-SQ742_14 Datasheet
41Kb / 2P
   RF POWER VDMOS TRANSISTOR
SR706 POLYFET-SR706_14 Datasheet
60Kb / 2P
   RF POWER VDMOS TRANSISTOR
P124 POLYFET-P124_14 Datasheet
39Kb / 2P
   RF POWER VDMOS TRANSISTOR
SM401 POLYFET-SM401_14 Datasheet
64Kb / 2P
   RF POWER VDMOS TRANSISTOR
SP721 POLYFET-SP721 Datasheet
60Kb / 2P
   RF POWER VDMOS TRANSISTOR
SP741 POLYFET-SP741_14 Datasheet
39Kb / 2P
   RF POWER VDMOS TRANSISTOR
SR704U POLYFET-SR704U_14 Datasheet
62Kb / 2P
   RF POWER VDMOS TRANSISTOR
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com