Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ACT410 Datasheet(PDF) 14 Page - Active-Semi, Inc

Part # ACT410
Description  ActivePSRTM Quasi-Resonant PWM Controller
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT410 Datasheet(HTML) 14 Page - Active-Semi, Inc

Back Button ACT410_14 Datasheet HTML 8Page - Active-Semi, Inc ACT410_14 Datasheet HTML 9Page - Active-Semi, Inc ACT410_14 Datasheet HTML 10Page - Active-Semi, Inc ACT410_14 Datasheet HTML 11Page - Active-Semi, Inc ACT410_14 Datasheet HTML 12Page - Active-Semi, Inc ACT410_14 Datasheet HTML 13Page - Active-Semi, Inc ACT410_14 Datasheet HTML 14Page - Active-Semi, Inc ACT410_14 Datasheet HTML 15Page - Active-Semi, Inc ACT410_14 Datasheet HTML 16Page - Active-Semi, Inc  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
ACT410
Rev 3, 27-Feb-14
Innovative PowerTM
- 14 -
www.active-semi.com
Copyright © 2014 Active-Semi, Inc.
Active-Semi Proprietary―For Authorized Recipients and Customers
ActivePSR
TM is a trademark of Active-Semi.
TYPICAL PERFORMANCE CHARACTERISTICS
VCOMP Voltage vs. Temperature
4
3
2
1
0
Temperature (°C)
0
40
120
80
-40
VMIN
VMAX


Similar Part No. - ACT410_14

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
ACT41000 QORVO-ACT41000 Datasheet
2Mb / 72P
   Programmable Voltage, Programmable Current, Low Noise RFPoL Step-Down Voltage Regulator
Rev. B, 01-Apr-2022
ACT41000-101 QORVO-ACT41000-101 Datasheet
2Mb / 72P
   Programmable Voltage, Programmable Current, Low Noise RFPoL Step-Down Voltage Regulator
Rev. B, 01-Apr-2022
ACT41000-102 QORVO-ACT41000-102 Datasheet
2Mb / 72P
   Programmable Voltage, Programmable Current, Low Noise RFPoL Step-Down Voltage Regulator
Rev. B, 01-Apr-2022
ACT41000-103 QORVO-ACT41000-103 Datasheet
2Mb / 72P
   Programmable Voltage, Programmable Current, Low Noise RFPoL Step-Down Voltage Regulator
Rev. B, 01-Apr-2022
ACT41000-104 QORVO-ACT41000-104 Datasheet
2Mb / 72P
   Programmable Voltage, Programmable Current, Low Noise RFPoL Step-Down Voltage Regulator
Rev. B, 01-Apr-2022
More results

Similar Description - ACT410_14

ManufacturerPart #DatasheetDescription
logo
Active-Semi, Inc
ACT413US-T ACTIVE-SEMI-ACT413US-T Datasheet
151Kb / 3P
   ActivePSRTM Quasi-Resonant PWM Controller
10-Mar-14
EA411US ACTIVE-SEMI-EA411US Datasheet
383Kb / 15P
   ActivePSRTM Quasi-Resonant PWM Controller
Rev 4, 27-Feb-14
EVK-ACT413US-T ACTIVE-SEMI-EVK-ACT413US-T Datasheet
160Kb / 3P
   ActivePSRTM Quasi-Resonant PWM Controller
10-Mar-14
logo
Infineon Technologies A...
ICE2QS03 INFINEON-ICE2QS03 Datasheet
803Kb / 19P
   Quasi-Resonant PWM Controller
Ver 2.0, December 4, 2009
logo
Diodes Incorporated
AP3302 DIODES-AP3302 Datasheet
624Kb / 17P
   QUASI-RESONANT PWM CONTROLLER
AP3303 DIODES-AP3303 Datasheet
844Kb / 16P
   QUASI-RESONANT PWM CONTROLLER
May 2019
logo
ON Semiconductor
FAN604 ONSEMI-FAN604 Datasheet
1Mb / 23P
    Quasi-Resonant PWM Controller
March 2017- Rev. P0
logo
Infineon Technologies A...
ICE2QS01 INFINEON-ICE2QS01 Datasheet
361Kb / 17P
   Quasi-resonant PWM Controller
Version 2.1, 26 Oct 2007
ICE2QS03 INFINEON-ICE2QS03_11 Datasheet
637Kb / 19P
   Quasi-Resonant PWM Controller
Version 2.1, April 21, 2011
logo
SYNC POWER Crop.
SP6878 SYNC-POWER-SP6878 Datasheet
432Kb / 8P
   Quasi-Resonant PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com