Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ACT365 Datasheet(PDF) 11 Page - Active-Semi, Inc

Part No. ACT365
Description  High Performance ActivePSRTM Primary Switching Regulator
Download  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ACTIVE-SEMI [Active-Semi, Inc]
Homepage  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT365 Datasheet(HTML) 11 Page - Active-Semi, Inc

Back Button ACT365_14 Datasheet HTML 4Page - Active-Semi, Inc ACT365_14 Datasheet HTML 5Page - Active-Semi, Inc ACT365_14 Datasheet HTML 6Page - Active-Semi, Inc ACT365_14 Datasheet HTML 7Page - Active-Semi, Inc ACT365_14 Datasheet HTML 8Page - Active-Semi, Inc ACT365_14 Datasheet HTML 9Page - Active-Semi, Inc ACT365_14 Datasheet HTML 10Page - Active-Semi, Inc ACT365_14 Datasheet HTML 11Page - Active-Semi, Inc ACT365_14 Datasheet HTML 12Page - Active-Semi, Inc  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
ACT365
Rev 2, 10-Jan-13
Innovative Power
TM
- 11 -
www.active-semi.com
Copyright © 2013 Active-Semi, Inc.
PACKAGE OUTLINE
SOP-8 PACKAGE OUTLINE AND DIMENSIONS
SYMBOL
DIMENSION IN
MILLIMETERS
DIMENSION IN
INCHES
MIN
MAX
MIN
MAX
A
1.350
1.750
0.053
0.069
A1
0.100
0.250
0.004
0.010
A2
1.250
1.650
0.049
0.065
B
0.310
0.510
0.012
0.020
C
0.100
0.250
0.004
0.010
D
4.700
5.100
0.185
0.201
E
3.800
4.000
0.150
0.157
E1
5.800
6.200
0.228
0.244
e
1.270 TYP
0.050 TYP
L
0.400
1.270
0.016
0.050
θ
Active-Semi, Inc. reserves the right to modify the circuitry or specifications without notice. Users should evaluate each
product to make sure that it is suitable for their applications. Active-Semi products are not intended or authorized for use
as critical components in life-support devices or systems. Active-Semi, Inc. does not assume any liability arising out of
the use of any product or circuit described in this datasheet, nor does it convey any patent license.
Active-Semi and its logo are trademarks of Active-Semi, Inc. For more information on this and other products, contact
sales@active-semi.com or visit http://www.active-semi.com.
is a registered trademark of Active-Semi.
Note:
1.
Dimension D does not include mold flash, protrusions or gate burrs. Mold flash, protrusions or gate burrs shall not exceed
0.15mm per end.
2.
Dimension E does not include interlead flash or protrusion. Interlead flash or protrusion shall not exceed 0.25mm per side.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn