Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ACT365 Datasheet(PDF) 7 Page - Active-Semi, Inc

Part No. ACT365
Description  High Performance ActivePSRTM Primary Switching Regulator
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT365 Datasheet(HTML) 7 Page - Active-Semi, Inc

Back Button ACT365_14 Datasheet HTML 3Page - Active-Semi, Inc ACT365_14 Datasheet HTML 4Page - Active-Semi, Inc ACT365_14 Datasheet HTML 5Page - Active-Semi, Inc ACT365_14 Datasheet HTML 6Page - Active-Semi, Inc ACT365_14 Datasheet HTML 7Page - Active-Semi, Inc ACT365_14 Datasheet HTML 8Page - Active-Semi, Inc ACT365_14 Datasheet HTML 9Page - Active-Semi, Inc ACT365_14 Datasheet HTML 10Page - Active-Semi, Inc ACT365_14 Datasheet HTML 11Page - Active-Semi, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
ACT365
Rev 2, 10-Jan-13
Innovative Power
TM
- 7 -
www.active-semi.com
Copyright © 2013 Active-Semi, Inc.
V
76
5
8
.
0
40
)
5
.
0
5
(
375
V
V
)
V
V
(
V
V
OUTCV
DREV
DS
OUTCV
INDCMAX
RO
=
×
+
×
=
+
×
=
(5)
110
T
/
nH
80
mH
0
.
1
A
L
N
2
LE
P
P
=
=
=
2
.
2
35
.
0
3
.
0
5
1
25
.
0
11
V
V
V
V
V
V
N
N
CORD
DS
OUTCV
R
DA
DD
S
A
+
+
+
+
=
+
+
+
+
=
16
.
16
N
N
f
9
.
0
N
N
)
V
V
(
I
L
V
I
L
S
P
SW
S
P
DS
OUTCV
PK
P
INDCMIN
PK
P
>
<
×
+
×
+
×
mH
0
.
1
kHz
60
mA
667
%
46
90
f
I
D
V
L
SW
PK
INDCMIN
P
×
×
=
×
×
=
mA
667
%
46
5
.
153
2
D
I
2
I
IN
PK
=
×
=
×
=
mA
5
.
153
%
76
90
1
.
2
5
V
I
V
I
INDCMIN
OUTPL
OUTCV
IN
=
×
×
=
×
×
=
η
(6)
(7)
(8)
(9)
k
15
K
5
.
66
20
.
2
2
.
2
)
45
.
0
5
(
20
.
2
R
V
N
N
)
V
V
(
V
R
1
FB
FB
S
A
DS
OUTCV
FB
2
FB
×
×
+
=
+
=
(16)
F
μ
320
mV
50
kHz
60
46
.
0
1
.
2
V
f
D
I
C
RIPPLE
SW
OUTCC
OUT
=
×
×
=
×
×
=
(17)
(10)
8
110
14
1
N
N
N
N
P
P
S
S
×
=
×
=
(11)
20
9
2
.
2
N
N
N
N
S
S
A
A
=
×
=
×
=
(13)
k
68
200000
52
.
0
0
.
1
110
20
K
R
L
N
N
R
CS
P
P
A
1
FB
×
×
=
×
×
=
(15)
()
()
R
52
.
0
89
.
0
76
.
0
60
0
.
1
3
.
5
5
.
2
1
.
2
396
.
0
9
.
0
f
L
)
V
V
(
I
I
V
9
.
0
R
xfm
system
SW
P
DS
OUT
OUTMAX
OUTFL
CSLIM
CS
=
×
×
×
+
×
=
⎟⎟
⎜⎜
×
×
+
×
+
×
=
η
η
(14)
where η is the estimated circuit efficiency, fL is the
line frequency, tC is the estimated rectifier
conduction time, CIN is empirically selected to be
2 × 10µF electrolytic capacitors based on the
2µF/W rule of thumb.
When the transistor is turned off, the voltage on the
transistor’s collector consists of the input voltage
and the reflected voltage from the transformer’s
secondary winding. There is a ringing on the rising
top edge of the flyback voltage due to the leakage
inductance of the transformer. This ringing is
clamped by a RCD network if it is used. Design this
clamped voltage as 50V below the breakdown of
the NPN transistor. The flyback voltage has to be
considered with selection of the maximum reverse
voltage rating of secondary rectifier diode. If a 40V
Schottky diode is used, then the flyback voltage can
be calculated:
where VDS is the Schottky diode forward voltage,
VDREV is the maximum reverse voltage rating of the
diode and VOUTCV is the output voltage.
The maximum duty cycle is set to be 46% at low
line voltage 85VAC and the circuit efficiency is
estimated to be 76%. Then the full load input
current is:
The maximum input primary peak current at full
load base on duty of 46%:
The primary inductance of the transformer:
ACT365 needs to work in DCM in all conditions,
thus NP/NS should meet
The auxiliary to secondary turns ratio NA/NS:
Where VDA is diode forward voltage of the auxiliary
side and VR is the resister voltage.
An EPC17 transformer gapped core with an
effective inductance ALE of 80nH/T
2 is selected.
The number of turns of the primary winding is:
The number of turns of secondary and auxiliary
windings can be derived when Np/Ns=14:
The current sense resistance (RCS) determines the
current limit value based on the following equation:
The voltage feedback resistors are selected
according to below equation:
In actual application 66.5K is selected.
Where K is IC constant and K = 200000.
When selecting the output capacitor, a low ESR
electrolytic capacitor is recommended to minimize
ripple from the current ripple. The approximate
equation for the output capacitance value is given by:
A 1000µF electrolytic capacitor is used to keep the
ripple small.
PCB Layout Guideline
Good PCB layout is critical to have optimal
performance. Decoupling capacitor (C4), current
sense resistor (R9) and feedback resistor (R5/R6)
should be placed close to VDD, CS and FB pins
respectively. There are two main power path loops.
One is formed by C1/C2, primary winding, NPN
transistor and the ACT365. The other is the
secondary
winding,
rectifier
D8
and
output
capacitors (C5,C6). Keep these loop areas as small
as possible. Connect high current ground returns,
TYPICAL APPLICATION CONT’D
(12)


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn