Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ACT365 Datasheet(PDF) 4 Page - Active-Semi, Inc

Part # ACT365
Description  High Performance ActivePSRTM Primary Switching Regulator
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT365 Datasheet(HTML) 4 Page - Active-Semi, Inc

  ACT365_14 Datasheet HTML 1Page - Active-Semi, Inc ACT365_14 Datasheet HTML 2Page - Active-Semi, Inc ACT365_14 Datasheet HTML 3Page - Active-Semi, Inc ACT365_14 Datasheet HTML 4Page - Active-Semi, Inc ACT365_14 Datasheet HTML 5Page - Active-Semi, Inc ACT365_14 Datasheet HTML 6Page - Active-Semi, Inc ACT365_14 Datasheet HTML 7Page - Active-Semi, Inc ACT365_14 Datasheet HTML 8Page - Active-Semi, Inc ACT365_14 Datasheet HTML 9Page - Active-Semi, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
ACT365
Rev 2, 10-Jan-13
Innovative Power
TM
- 4 -
www.active-semi.com
Copyright © 2013 Active-Semi, Inc.
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Current Limit
SW Current Limit Range
ILIM
100
800
mA
CS Current Limit Threshold
VCSLIM
tOFF_DELAY = 0
380
396
412
mV
Leading Edge Blanking Time
200
300
ns
Driver Outputs
Switch ON-Resistance
RON
ISW = 50mA
1.6
3
SW Off Leakage Current
VSW = VDD = 22V
5
µA
Protection
VDD Latch-Off Voltage
VDDOVP
VDDON
+2
VDDON
+3
VDDON
+4
V
Thermal Shutdown Temperature
135
˚C
Thermal Hysteresis
20
˚C
Line UVLO
IFBUVLO
116
µA
ELECTRICAL CHARACTERISTICS CONT’D
(VDD = 14V, VOUT = 5V, LP = 1.5mH, NP = 140, NS = 7, NA = 19, TA = 25°C, unless otherwise specified.)
FUNCTIONAL BLOCK DIAGRAM
CS
BASE
DRIVER
SIGNAL
FILTER
2.20V
CURRENT
SHAPING
CABLE
COMPENSATION
LOGIC
OSCILLATOR
ON
0.4V
G
FB
VDD
BD
SW
REFERENCE
REGULATOR
&
UVLO
OTP
OVP


Similar Part No. - ACT365_14

ManufacturerPart #DatasheetDescription
logo
Active-Semi, Inc
ACT365 ACTIVE-SEMI-ACT365_12 Datasheet
266Kb / 11P
   High Performance ActivePSR Primary Switching Regulator
Rev 1, 14-Nov-12
More results

Similar Description - ACT365_14

ManufacturerPart #DatasheetDescription
logo
Active-Semi, Inc
ACT334 ACTIVE-SEMI-ACT334_14 Datasheet
287Kb / 12P
   High Performance ActivePSRTM Primary Switching Regulator
Rev 2, 14-Nov-12
ACT361 ACTIVE-SEMI-ACT361_14 Datasheet
330Kb / 14P
   High Performance ActivePSRTM Primary Switching Regulator
Rev 8, 14-Nov-12
EA361US ACTIVE-SEMI-EA361US Datasheet
330Kb / 13P
   High Performance ActivePSRTM Primary Switching Regulator
Rev 8, 14-Nov-12
ACT366 ACTIVE-SEMI-ACT366 Datasheet
132Kb / 3P
   High Performance ActivePSRTM Primary Switching Regulator
15-Apr-11
ACT337 ACTIVE-SEMI-ACT337_14 Datasheet
398Kb / 12P
   High Performance ActivePSRTM Primary Switching Regulator
Rev 2, 14-Nov-12
ACT364 ACTIVE-SEMI-ACT364_14 Datasheet
274Kb / 12P
   High Performance ActivePSRTM Primary Switching Regulator
Rev 4, 14-Nov-12
ACT330US-T ACTIVE-SEMI-ACT330US-T Datasheet
139Kb / 4P
   High Performance ActivePSRTM Primary Switching Regulator
2009
ACT366 ACTIVE-SEMI-ACT366_12 Datasheet
323Kb / 11P
   High Performance ActivePSRTM Primary Switching Regulator
Rev 1, 14-Nov-12
ACT336 ACTIVE-SEMI-ACT336 Datasheet
108Kb / 3P
   High Performance ActivePSR??Primary Switching Regulator
15-Apr-11
ACT337 ACTIVE-SEMI-ACT337 Datasheet
149Kb / 3P
   High Performance ActivePSR??Primary Switching Regulator
15-Apr-11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com