Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ACT365 Datasheet(PDF) 3 Page - Active-Semi, Inc

Part No. ACT365
Description  High Performance ActivePSRTM Primary Switching Regulator
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT365 Datasheet(HTML) 3 Page - Active-Semi, Inc

  ACT365_14 Datasheet HTML 1Page - Active-Semi, Inc ACT365_14 Datasheet HTML 2Page - Active-Semi, Inc ACT365_14 Datasheet HTML 3Page - Active-Semi, Inc ACT365_14 Datasheet HTML 4Page - Active-Semi, Inc ACT365_14 Datasheet HTML 5Page - Active-Semi, Inc ACT365_14 Datasheet HTML 6Page - Active-Semi, Inc ACT365_14 Datasheet HTML 7Page - Active-Semi, Inc ACT365_14 Datasheet HTML 8Page - Active-Semi, Inc ACT365_14 Datasheet HTML 9Page - Active-Semi, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
ACT365
Rev 2, 10-Jan-13
Innovative Power
TM
- 3 -
www.active-semi.com
Copyright © 2013 Active-Semi, Inc.
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
(VDD = 14V, VOUT = 5V, LP = 1.5mH, NP = 140, NS = 7, NA = 19, TA = 25°C, unless otherwise specified.)
: Do not exceed these limits to prevent damage to the device. Exposure to absolute maximum rating conditions for long periods may
affect device reliability.
PARAMETER
VALUE
UNIT
VDD, BD, SW to G
-0.3 to +28
V
Maximum Continuous VDD Current
100
mA
FB, CS to G
-0.3 to +6
V
Continuous SW Current
Internally limited
A
Maximum Power Dissipation (derate 6.7mW/˚C above TA = 50˚C)
0.95
W
Junction to Ambient Thermal Resistance (θJA)
105
˚C/W
Operating Junction Temperature
-40 to 150
˚C
Storage Junction
-55 to 150
˚C
Lead Temperature (Soldering, 10 sec)
300
˚C
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Supply
VDD Turn-On Voltage
VDDON
VDD Rising from 0V
17.6
18.6
19.6
V
VDD Turn-Off Voltage
VDDOFF
VDD Falling after Turn-on
5.25
5.5
5.75
V
Supply Current
IDD
VDD = 14V, after Turn-on
1
2
mA
Start Up Supply Current
IDDST
VDD = 14V, before Turn-on
25
45
µA
BD Current during Startup
IBDST
1
µA
Internal Soft Startup Time
10
ms
Oscillator
Switching Frequency
fSW
100% VOUTCV @ full load
80
kHz
25% VOUTCV @ full load
40
Maximum Switching Frequency
FCLAMP
85
100
110
kHz
Maximum Duty Cycle
DMAX
65
75
85
%
Feedback
Effective FB Voltage
VFB
2.176
2.200
2.224
V
FB Leakage Current
IFBLK
100
nA
Output Cable Resistance
Compensation
DVCOMP
No RCORD between VDD and SW
0
%
RCORD = 300k
3
RCORD = 150k
6
RCORD = 75k
9
RCORD = 33k
12


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn