Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ACT365 Datasheet(PDF) 2 Page - Active-Semi, Inc

Part No. ACT365
Description  High Performance ActivePSRTM Primary Switching Regulator
Download  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ACTIVE-SEMI [Active-Semi, Inc]
Homepage  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT365 Datasheet(HTML) 2 Page - Active-Semi, Inc

  ACT365_14 Datasheet HTML 1Page - Active-Semi, Inc ACT365_14 Datasheet HTML 2Page - Active-Semi, Inc ACT365_14 Datasheet HTML 3Page - Active-Semi, Inc ACT365_14 Datasheet HTML 4Page - Active-Semi, Inc ACT365_14 Datasheet HTML 5Page - Active-Semi, Inc ACT365_14 Datasheet HTML 6Page - Active-Semi, Inc ACT365_14 Datasheet HTML 7Page - Active-Semi, Inc ACT365_14 Datasheet HTML 8Page - Active-Semi, Inc ACT365_14 Datasheet HTML 9Page - Active-Semi, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
ACT365
Rev 2, 10-Jan-13
Innovative Power
TM
- 2 -
www.active-semi.com
Copyright © 2013 Active-Semi, Inc.
PIN CONFIGURATION
PIN DESCRIPTIONS
PART NUMBER
TEMPERATURE RANGE
PACKAGE
PINS
PACKING
METHOD
TOP MARK
ACT365SH-T
-40°C to 85°C
SOP-8
8
TAPE & REEL
ACT365SH
ORDERING INFORMATION
SOP-8
ACT365SH
PIN
NAME
DESCRIPTION
1
SW
Switch Drive. Switch node for the external NPN transistor. Connect this pin to the external power
NPN’s emitter. This pin also supplies current to VDD during startup.
2,4,7
G
Ground.
8
BD
Base Drive. Base driver for the external NPN transistor.
6
VDD
Power Supply. This pin provides bias power for the IC during startup and steady state operation.
5
FB
Feedback Pin. Connect this pin to a resistor divider network from the auxiliary winding.
3
CS
Current Sense Pin. Connect an external resistor (RCS) between this pin and ground to set peak
current limit for the primary switch. The peak current limit is set by (0.396V × 0.9) / RCS. For more
detailed information, see Application Information.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn