Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SG79XXAIG Datasheet(PDF) 1 Page - Microsemi Corporation

Part # SG79XXAIG
Description  Negative Fixed Voltage Regulator
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

SG79XXAIG Datasheet(HTML) 1 Page - Microsemi Corporation

  SG79XXAIG Datasheet HTML 1Page - Microsemi Corporation SG79XXAIG Datasheet HTML 2Page - Microsemi Corporation SG79XXAIG Datasheet HTML 3Page - Microsemi Corporation SG79XXAIG Datasheet HTML 4Page - Microsemi Corporation SG79XXAIG Datasheet HTML 5Page - Microsemi Corporation SG79XXAIG Datasheet HTML 6Page - Microsemi Corporation SG79XXAIG Datasheet HTML 7Page - Microsemi Corporation SG79XXAIG Datasheet HTML 8Page - Microsemi Corporation SG79XXAIG Datasheet HTML 9Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
SG79xxA / SG79xx
PRODUCT DATASHEET
Microsemi
Analog Mixed Signal Group
11861 Western Avenue, Garden Grove, CA. 92841, 714-898-8121, Fax: 714-893-2570
Page 1
Copyright
© 1997
Rev. 1.6, 2010-07-16
Negative Fixed Voltage Regulator
TM
®
DESCRIPTION
The SG79xxA/SG79xx series of negative
regulators
offer
self-contained,
fixed-
voltage capability with up to 1.5A of load
current and input voltage up to -30V. With
a variety of output voltages this regulator
series is an optimum complement to the
SG7800A/SG7800 positive three terminal
regulators.
These units feature a unique band gap
reference which allows the SG79xxA
series to be specified with an output
voltage tolerance of ±1.5%.
The SG79xxA versions also offer much
improved line regulation characteristics.
All
protective
features
of
thermal
shutdown, current limiting, and safe-area
control have been designed into these units
and since these regulators require only a
single output capacitor (SG79xx series) or a
capacitor and 5mA minimum load (SG120
series) for satisfactory performance, ease of
application is assured.
Although
designed
as
fixed-voltage
regulators,
the
output
voltage
can
be
increased through the use of a simple
voltage divider. The low quiescent drain
current of the device insures good regulation
when this method is used.
These
devices
are
available
in
hermetically sealed TO-257 (both case
grounded ‘G’ and isolated ‘IG’), TO-3, TO-
39 and LCC packages.
IMPORTANT: For the most current data, consult MICROSEMI’s website: http://www.microsemi.com
KEY FEA T URES
Output Voltage Set Internally to
±1.5% on SG79xxA
Output Current to 1.5A
Excellent Line and Load Regulation
Foldback Current Limiting
Thermal Overload Protection
Voltages Available: -5V, -12V, -15V
Contact Factory for Other Voltage
Options
Available in Surface Mount Package
HIGH RELIABILITY FEATURES
- SG79xxA/SG79xx
Available to MIL-STD - 883, ¶ 1.2.1
MIL-M38510/11501BXA - JAN7905T
MIL-M38510/11505BYA - JAN7905K
MIL-M38510/11502BXA - JAN7912T
MIL-M38510/11506BYA - JAN7912K
MIL-M38510/11503BXA - JAN7915T
MIL-M38510/11507BYA - JAN7915K
MIL-M38510/11508BYA - JAN7924K
MSC-AMSG level "S" Processing Available
Available to DSCC
– Standard Microcircuit Drawing (SMD)
PRODUCT HIGHLIG HT


Similar Part No. - SG79XXAIG

ManufacturerPart #DatasheetDescription
logo
Micro Electronics
SG79XXAIG MICRO-ELECTRONICS-SG79XXAIG Datasheet
175Kb / 7P
   NEGATIVE FIXED VOLTAGE REGULATOR
logo
Microsemi Corporation
SG79XXAIG MICROSEMI-SG79XXAIG Datasheet
375Kb / 7P
   NEGATIVE FIXED VOLTAGE REGULATOR
SG79xxAIG MICROSEMI-SG79xxAIG Datasheet
417Kb / 9P
   Negative Fixed Voltage Regulator
SG79XXAIG MICROSEMI-SG79XXAIG Datasheet
1Mb / 12P
   Negative Fixed Voltage Regulator
SG79XXAIG-883B MICROSEMI-SG79XXAIG-883B Datasheet
1Mb / 12P
   Negative Fixed Voltage Regulator
More results

Similar Description - SG79XXAIG

ManufacturerPart #DatasheetDescription
logo
AUK corp
S79XXPI AUK-S79XXPI Datasheet
270Kb / 8P
   Fixed-Negative-Voltage Regulator
logo
Micro Electronics
SG7900A MICRO-ELECTRONICS-SG7900A Datasheet
175Kb / 7P
   NEGATIVE FIXED VOLTAGE REGULATOR
logo
AUK corp
S79XXPIC AUK-S79XXPIC_1 Datasheet
301Kb / 8P
   Fixed-Negative-Voltage Regulator
logo
Microsemi Corporation
SG79XXA MICROSEMI-SG79XXA Datasheet
1Mb / 12P
   Negative Fixed Voltage Regulator
SG120 MICROSEMI-SG120 Datasheet
167Kb / 8P
   NEGATIVE FIXED VOLTAGE REGULATOR
logo
AUK corp
S79XXPIC AUK-S79XXPIC Datasheet
271Kb / 8P
   Fixed-Negative-Voltage Regulator
S79XXPI AUK-S79XXPI_1 Datasheet
302Kb / 8P
   Fixed-Negative-Voltage Regulator
logo
Microsemi Corporation
SG7900A MICROSEMI-SG7900A Datasheet
375Kb / 7P
   NEGATIVE FIXED VOLTAGE REGULATOR
SG120 MICROSEMI-SG120_1 Datasheet
379Kb / 8P
   NEGATIVE FIXED VOLTAGE REGULATOR
SG79XXA MICROSEMI-SG79XXA_10 Datasheet
417Kb / 9P
   Negative Fixed Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com