Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SCH53-150 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # SCH53-150
Description  SMD POWER INDUCTORS
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SCH53-150 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  SCH53-150 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SCH53
500 Bayview Avenue, Inwood, NY 11096
Toll Free 866-239-5777 • Tel 516-239-5777 • Fax 516-239-7208
www.signaltransformer.com
Sales@signaltransformer.com • techhelp@signaltransformer.com
62
Click here for
QUANTITY PER REEL & PACKING INFORMATION
SMD POWER INDUCTORS
Features
1. Open frame construction
2 Excellent Power Density
3 Engineered to Provide High Efficiency
ELECTRICAL CHARACTERISTICS
Part Number
Inductance
(uH)
(1)
Test
Frequency
DC Resistance
(
Ω MAX)
(2)
Saturation
Current
(A)
Temperature
Current
(A)
SCH53-2R2
2.2
7.96KHZ
66m
2.03
2.60
SCH53-3R3
3.3
7.96KHZ
88m
1.88
2.30
SCH53-4R7
4.7
7.96KHZ
96m
1.68
2.00
SCH53-100
10
1KHZ
0.16
1.23
1.50
SCH53-120
12
1KHZ
0.18
1.12
1.35
SCH53-150
15
1KHZ
0.25
1.00
1.20
SCH53-180
18
1KHZ
0.28
0.88
1.10
SCH53-220
22
1KHZ
0.39
0.80
1.05
SCH53-270
27
1KHZ
0.42
0.72
0.90
SCH53-330
33
1KHZ
0.49
0.67
0.80
SCH53-390
39
1KHZ
0.55
0.64
0.76
SCH53-470
47
1KHZ
0.77
0.53
0.70
SCH53-560
56
1KHZ
0.87
0.50
0.58
SCH53-680
68
1KHZ
1.21
0.45
0.50
SCH53-820
82
1KHZ
1.34
0.39
0.47
SCH53-101
100
1KHZ
1.57
0.37
0.43
SCH53-121
120
1KHZ
1.80
0.34
0.42
SCH53-151
150
1KHZ
2.40
0.31
0.39
SCH53-181
180
1KHZ
2.66
0.30
0.33
SCH53-221
220
1KHZ
3.73
0.26
0.30
(1). Inductance tolerance
±20% tested at 0.25V, 0ADC and 25℃.
(2). DCR measured at 25
℃.
(3). The DC current at which the inductance decreases by 10% from its initial value.
(4). The DC current that results in a 40
℃ temperature rise from 25℃ ambient.
(3)
(4)
XXX
MARKING
10
100
1000
100
1000
10000
BCH53 I nduct ance decrease by current
100000
DC current (mA)
1
0. 1 10
221
330
2R2
BCH53 Temper at ur e r i se by cur r ent
DC cur r ent ( mA)
80
50
70
40
60
30
20
10
2000
3000
500
1000
1500
3500
2500
4000
0
4500 5000
221
330
2R2
SCH53 Inductance decrease by current
DC current (mA)
DC current (mA)
SCH53 Temperature rise by current
Custom versions available upon request.
©2011 Signal Transformer –Specification subject to change without notice. 07.11


Similar Part No. - SCH53-150

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SCH5000 SEMTECH-SCH5000 Datasheet
111Kb / 3P
   STANDARD RECOVERY HIGH VOLTAGE RECTIFIER ASSEMBLY
logo
SMSC Corporation
SCH5017 SMSC-SCH5017 Datasheet
208Kb / 5P
   Super I/O with Temperature Sensing, Quiet Auto Fan and Glue Logic
logo
Microchip Technology
SCH5017-NW MICROCHIP-SCH5017-NW Datasheet
221Kb / 5P
   Super I/O with Temperature Sensing, Quiet Auto Fan and Glue Logic
Revision 0.5 05-24-07
logo
SMSC Corporation
SCH5027D-NW SMSC-SCH5027D-NW Datasheet
222Kb / 5P
   Super I/O with Temperature Sensing, Quiet Auto Fan and Glue Logic with PECI
SCH5027E SMSC-SCH5027E Datasheet
189Kb / 5P
   Super I/O with Temperature Sensing, Quiet Auto Fan and Glue Logic with PECI
More results

Similar Description - SCH53-150

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
SDR1105 BOURNS-SDR1105 Datasheet
145Kb / 1P
   SMD Power Inductors
SDR1307 BOURNS-SDR1307 Datasheet
202Kb / 2P
   SMD Power Inductors
logo
Abracon Corporation
ASPI-0706HC ABRACON-ASPI-0706HC Datasheet
178Kb / 1P
   SMD POWER INDUCTORS
logo
Taiyo Yuden (U.S.A.), I...
NR5040T220M TAIYO-YUDEN-NR5040T220M Datasheet
148Kb / 1P
   SMD Power Inductors
NR10050T2R9N TAIYO-YUDEN-NR10050T2R9N Datasheet
151Kb / 1P
   SMD Power Inductors
NR10050T330M TAIYO-YUDEN-NR10050T330M Datasheet
151Kb / 1P
   SMD Power Inductors
NS10155T3R3NNA TAIYO-YUDEN-NS10155T3R3NNA Datasheet
168Kb / 2P
   SMD Power Inductors
NS12565T4R2NN TAIYO-YUDEN-NS12565T4R2NN Datasheet
168Kb / 2P
   SMD Power Inductors
NS12565T221MN TAIYO-YUDEN-NS12565T221MN Datasheet
167Kb / 2P
   SMD Power Inductors
NS12565T330MN TAIYO-YUDEN-NS12565T330MN Datasheet
167Kb / 2P
   SMD Power Inductors
NS12565T680MN TAIYO-YUDEN-NS12565T680MN Datasheet
167Kb / 2P
   SMD Power Inductors
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com