Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

F1218HR150V048T Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # F1218HR150V048T
Description  1218 Series High Current Surface Mount Fuses
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

F1218HR150V048T Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  F1218HR150V048T Datasheet HTML 1Page - List of Unclassifed Manufacturers F1218HR150V048T Datasheet HTML 2Page - List of Unclassifed Manufacturers F1218HR150V048T Datasheet HTML 3Page - List of Unclassifed Manufacturers F1218HR150V048T Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
6610 Cobra Way
San Diego, CA 92121
Date of Issue: 10-14-10
Page 3 of 3
Phone: (858) 481-0210
www.aem-usa.com
I Square t vs. Clear Time
F1218HR Series
1
10
100
1000
10000
100000
0.00001
0.0001
0.001
0.01
0.1
1
10
Clear Time (Seconds)
15 A
10 A


Similar Part No. - F1218HR150V048T

ManufacturerPart #DatasheetDescription
logo
Microdc power Technolog...
F1218XMD-1W MICRODC-F1218XMD-1W Datasheet
1,020Kb / 2P
   3KV ISOLATED 1 W UNREGULATED SINGLE OUTPUT DIP8 DC/DC Converter
F1218XMD-1W MICRODC-F1218XMD-1W Datasheet
680Kb / 2P
   3KV ISOLATED 1 W UNREGULATED SINGLE OUTPUT DIP8 DC/DC Converter
More results

Similar Description - F1218HR150V048T

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
SF-0603HIXXXF BOURNS-SF-0603HIXXXF Datasheet
570Kb / 5P
   High Inrush Current Withstand Surface Mount Fuses
logo
List of Unclassifed Man...
F0603HI1000V032T ETC2-F0603HI1000V032T Datasheet
107Kb / 4P
   0603 High Inrush Current Surface Mount Fuses
F1206HI1500V063T ETC2-F1206HI1500V063T Datasheet
108Kb / 5P
   1206 High Inrush Current Surface Mount Fuses
F1206HI1000V063T ETC2-F1206HI1000V063T Datasheet
107Kb / 4P
   1206 High Inrush Current Surface Mount Fuses
logo
Bourns Electronic Solut...
SF-0603HIXXXM BOURNS-SF-0603HIXXXM Datasheet
424Kb / 5P
   High Inrush Current Withstand Surface Mount Fuses
SF-0603HIXXXM BOURNS-SF-0603HIXXXM_19 Datasheet
410Kb / 6P
   High Inrush Current Withstand Surface Mount Fuses
SF-1206HHXXM BOURNS-SF-1206HHXXM Datasheet
552Kb / 6P
   High Current & High Inrush Multilayer Surface Mount Fuses
SF-1206HVXXM BOURNS-SF-1206HVXXM Datasheet
566Kb / 6P
   High Voltage & High Current Multilayer Surface Mount Fuses
logo
Littelfuse
0452.500MRL LITTELFUSE-0452.500MRL Datasheet
190Kb / 3P
   Surface Mount Fuses Surface Mount Fuses
044801.6MR LITTELFUSE-044801.6MR Datasheet
289Kb / 4P
   Surface Mount Fuses Surface Mount Fuses
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com