Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CM29 Datasheet(PDF) 1 Page - Visual Communications Company

Part # CM29
Description  Base
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VCC [Visual Communications Company]
Direct Link  http://vcclite.com
Logo VCC - Visual Communications Company

CM29 Datasheet(HTML) 1 Page - Visual Communications Company

  CM29 Datasheet HTML 1Page - Visual Communications Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
engineered to light up your design
www.vcclite.com
1.800.522.5546
CML and Chicago Miniature Lamp are registered trademarks of Visual Communications Company, LLC.
C -2R
C -2R
C -2R
C -2R
C -2R
C -2R
15
45
10
15
15
10
.90
.52
.42
.70
.70
.70
.500
.350
.270
.500
.500
.600
2.46
2.40
2.33
2.10
2.00
1.90
C M245
C M263
C M233
C M100
C M138
C M196
Number
P art
V oltage
Des ign
A mps
MS C P
Hours
L ife
T ype
F ilament
C M123
C M1439
C M131
C M359
C M1532
C M217
C M458
1.50
1.50
1.35
1.35
1.30
1.25
1.25
.200
.435
.220
.060
.100
.600
.300
.12
.25
.09
.02
.03
.20
.10
30
12
30
50
50
75
10
S -2
S -2
S -2
S -2
S -2
S -2
S -2
S -2
C -2R
50
15
.15
.50
.070
.300
3.00
2.47
C M352
C M14
C M1449
C M52
C M1447
18.0
14.40
14.0
.150
.100
.200
1.5
.75
2.0
250
1,000
250
C -2V
C -2V
C -2V
C -2R
C -2R
C -2R
C -2R
C -2R
C -2R
C -2V
15
15
1
2,000
2,000
1,000
250
1.6
.98
1.6
.32
.55
1.0
1.7
.500
.300
.430
.150
.250
.220
.200
3.69
3.70
3.80
6.30
6.30
7.50
12.0
C M1446
C M50
C M134
C M133
C M1438
C M13
C M365
.940 MAX.
MAX.
.473
Number
P art
V oltage
Des ign
A mps
MS C P
Hours
L ife
T ype
F ilament
C M10
C M12
C M25
C M612
C M29
C M19
14.4
10.0
6.3
6.3
6.3
2.5
.10
.11
.25
.25
.15
.50
.90
.65
.65
.50
.35
.50
1,000
3,000
5,000
5,000
5,000
3,000
C -6
C -2R
C -6
C -6
C -6
C -6
MAX.
.473
.940 MAX.
NO M .
.200
G-3 1/2 Miniature 2 Pin Base
G-3 1/2 Miniature Screw Base


Similar Part No. - CM29

ManufacturerPart #DatasheetDescription
logo
Chicago Miniature Lamp,...
CM29 CML-CM29 Datasheet
227Kb / 1P
   G-3 1/2 Miniature 2 Pin Base
logo
II-VI Marlow, Inc.
CM29-1.9 VIMARLOW-CM29-1.9 Datasheet
237Kb / 3P
   Single-Stage Thermoelectric Cooler
CM29-1.9-01AC VIMARLOW-CM29-1.9-01AC Datasheet
237Kb / 3P
   Single-Stage Thermoelectric Cooler
CM29-1.9-04AC VIMARLOW-CM29-1.9-04AC Datasheet
237Kb / 3P
   Single-Stage Thermoelectric Cooler
CM29-1.9-05AC VIMARLOW-CM29-1.9-05AC Datasheet
237Kb / 3P
   Single-Stage Thermoelectric Cooler
More results

Similar Description - CM29

ManufacturerPart #DatasheetDescription
logo
Visual Communications C...
CM1826 VCC-CM1826 Datasheet
26Kb / 1P
   Bayonet Base, Screw Base
CM7909 VCC-CM7909 Datasheet
58Kb / 1P
   Bayonet Base, Screw Base
CM1855 VCC-CM1855 Datasheet
46Kb / 1P
   Base
G-6 VCC-G-6 Datasheet
30Kb / 1P
   Base
G-4 VCC-G-4 Datasheet
27Kb / 1P
   Base
logo
PHOENIX CONTACT
2316393 PHOENIX-2316393 Datasheet
1Mb / 10P
   Base module - AXL P FBPS BASE
12/24/2021
logo
Visual Communications C...
CM7302 VCC-CM7302 Datasheet
36Kb / 1P
   Midget Flange Base, Bi-Pin Base
CM6502 VCC-CM6502 Datasheet
44Kb / 1P
   Wedge Base
logo
Festo Corporation.
560979 FESTO-560979 Datasheet
71Kb / 1P
   Sub-base
8/1/22
561011 FESTO-561011 Datasheet
74Kb / 1P
   Sub-base
8/1/22
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com