Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HSSR-7110 Datasheet(PDF) 11 Page - AVAGO TECHNOLOGIES LIMITED

Part # HSSR-7110
Description  90 V/1.0, Hermetically Sealed, Power MOSFET Optocoupler
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HSSR-7110 Datasheet(HTML) 11 Page - AVAGO TECHNOLOGIES LIMITED

Back Button HSSR-7110 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HSSR-7110 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HSSR-7110 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HSSR-7110 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HSSR-7110 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HSSR-7110 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HSSR-7110 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED HSSR-7110 Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED HSSR-7110 Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
For product information and a complete list of distributors, please go to our web site:
www.avagotech.com
Avago, Avago Technologies, and the A logo are trademarks of Avago Technologies in the United States and other countries.
Data subject to change. Copyright © 2005-2012 Avago Technologies. All rights reserved. Obsoletes 5989-1944EN
AV02-3835EN - October 2, 2012
Design Considerations for Replacement of Electro-
Mechanical Relays
The HSSR-7110 family can replace electro-mechanical re-
lays with comparable output voltage and current ratings.
The following design issues need to be considered in the
replacement circuit.
Input Circuit: The drive circuit of the electro-mechanical
relay coil needs to be modified so that the average for-
ward current driving the LED of the HSSR- 7110 does not
exceed 20 mA. A nominal forward drive current of 10 mA
is recommended. A recommended drive circuit with 5 volt
VCC and CMOS logic gates is shown in Figure 1. If higher
VCC voltages are used, adjust the current limiting resistor
to a nominal LED forward current of 10 mA. One impor-
tant consideration to note is that when the LED is turned
off, no more than 0.6 volt forward bias should be applied
across the LED. Even a few microamps of current may be
sufficient to turn on the HSSR- 7110, although it may take
a considerable time. The drive circuit should maintain at
least 5 mA of LED current during the ON condition. If the
LED forward current is less than the 5 mA level, it will cause
the HSSR-7110 to turn on with a longer delay. In addition,
the power dissipation in the output power MOSFETs in-
creases, which, in turn, may violate the power dissipation
guidelines and affect the reliability of the device.
Output Circuit: Unlike electromechanical relays, the de-
signer should pay careful attention to the output on-resis-
tance of solid state relays. The previous section, “On- Re-
sistance and Rating Curves” describes the issues that need
to be considered. In addition, for strictly dc applications
the designer has an advantage using Connection B which
has twice the output current rating as Connection A. Fur-
thermore, for dc-only applications, with Connection B the
on-resistance is considerably less when compared to Con-
nection A.
Output over-voltage protection is yet another important
design consideration when replacing electro-mechanical
relays with the HSSR-7110. The output power MOSFETs
can be protected using Metal oxide varistors (MOVs) or
TransZorbs against voltage surges that exceed the 90 volt
output withstand voltage rating. Examples of sources of
voltage surges are inductive load kickbacks, lightning
strikes, and electro-static voltages that exceed the speci-
fications on this data sheet. For more information on out-
put load and protection refer to Application Note 1047.
References:
1. Application Note 1047, “Low On-Resistance Solid State
Relays for High Reliability Applications.”
2. Reliability Data for HSSR-7111, HSSR-7112, and
HSSR-711E.
MOV is a registered trademark of GE/RCA Solid State.
TransZorb is a registered trademark of General Semicon-
ductor.
MIL-PRF-38534 Class H, Class E and DLA SMD Test Pro-
gram
Class H:
Avago Technologies’ s Hi-Rel Optocouplers are in compli-
ance with MIL-PRF-38534 Class H. Class H devices are also
in compliance with DLA drawing 5962-93140.
Testing consists of 100% screening and quality confor-
mance inspection to MIL-PRF-38534.
Class E:
Class E devices are in compliance with DLA drawing 5962-
9314001Exx. Avago Technologies has defined the Class E
device on this drawing to be based on the Class K require-
ments of MIL-PRF-38534 with exceptions. The exceptions
are as follows:
1. Nondestructive Bond Pull, Test method 2023 of MIL-
STD-883 in device screening is not required.
2. Particle Impact Noise Detection (PIND), Test method
2020 of MIL-STD-883 in device screening and group C
testing is not required.
3. Die Shear Strength, Test method 2019 of MIL-STD-883
in group B testing is not required.
4. Internal Water Vapor Content, Test method 1018 of MIL-
STD-883 in group C testing is not required.
5. Scanning Electron Microscope (SEM) inspections, Test
method 2018 of MIL-STD-883 in element evaluation is
not required.


Similar Part No. - HSSR-7110

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HSSR-7110 HP-HSSR-7110 Datasheet
209Kb / 12P
   90 V/1.0 W, Hermetically Sealed, Power MOSFET Optocoupler
logo
AVAGO TECHNOLOGIES LIMI...
HSSR-7110 AVAGO-HSSR-7110 Datasheet
143Kb / 11P
   90 V/1.0 , Hermetically Sealed, Power MOSFET Optocoupler QML-38534
HSSR-7110 AVAGO-HSSR-7110 Datasheet
143Kb / 11P
   90 V/1.0 Ohm, Hermetically Sealed, Power MOSFET Optocoupler
logo
Broadcom Corporation.
HSSR-7110 BOARDCOM-HSSR-7110 Datasheet
935Kb / 13P
   90V/1.0廓, Hermetically Sealed, Power MOSFET Optocoupler
More results

Similar Description - HSSR-7110

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HSSR711X HP-HSSR711X Datasheet
209Kb / 12P
   90 V/1.0 W, Hermetically Sealed, Power MOSFET Optocoupler
logo
AVAGO TECHNOLOGIES LIMI...
5962-9314002HPA AVAGO-5962-9314002HPA Datasheet
143Kb / 11P
   90 V/1.0 Ohm, Hermetically Sealed, Power MOSFET Optocoupler
HSSR-7110 AVAGO-HSSR-7110 Datasheet
143Kb / 11P
   90 V/1.0 , Hermetically Sealed, Power MOSFET Optocoupler QML-38534
logo
Broadcom Corporation.
HSSR-7110 BOARDCOM-HSSR-7110 Datasheet
935Kb / 13P
   90V/1.0廓, Hermetically Sealed, Power MOSFET Optocoupler
logo
Micropac Industries
53259 MICROPAC-53259 Datasheet
130Kb / 6P
   POWER MOSFET OPTOCOUPLER 400V / 50ohm HERMETICALLY SEALED
66024 MICROPAC-66024 Datasheet
94Kb / 3P
   4N55 DUAL CHANNEL, HERMETICALLY SEALED OPTOCOUPLER
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-1930 AVAGO-HCPL-1930_12 Datasheet
742Kb / 12P
   Dual Channel Line Receiver Hermetically Sealed Optocoupler
logo
Micropac Industries
66179 MICROPAC-66179 Datasheet
49Kb / 2P
   GULL WING HERMETICALLY SEALED, SINGLE CHANNEL OPTOCOUPLER
logo
Broadcom Corporation.
HCPL-1930 BOARDCOM-HCPL-1930 Datasheet
1Mb / 13P
   Dual-Channel Line Receiver Hermetically Sealed Optocoupler
logo
Micropac Industries
66186 MICROPAC-66186 Datasheet
79Kb / 2P
   TWO CHANNEL, HERMETICALLY SEALED OPTOCOUPLER PHOTOTRANSISTOR OUTPUT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com