Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DPG15I400PM Datasheet(PDF) 1 Page - IXYS Corporation

Part # DPG15I400PM
Description  High Performance Fast Recovery Diode
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

DPG15I400PM Datasheet(HTML) 1 Page - IXYS Corporation

  DPG15I400PM Datasheet HTML 1Page - IXYS Corporation DPG15I400PM Datasheet HTML 2Page - IXYS Corporation DPG15I400PM Datasheet HTML 3Page - IXYS Corporation DPG15I400PM Datasheet HTML 4Page - IXYS Corporation DPG15I400PM Datasheet HTML 5Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
DPG15I400PM
Low Loss and Soft Recovery
High Performance Fast Recovery Diode
Single Diode
HiPerFRED²
1
3
Part number
DPG15I400PM
Backside: isolated
FAV
rr
tns
45
RRM
15
400
=
V=
V
I=
A
Features / Advantages:
Applications:
Package:
● Planar passivated chips
● Very low leakage current
● Very short recovery time
● Improved thermal behaviour
● Very low Irm-values
● Very soft recovery behaviour
● Avalanche voltage rated for reliable operation
● Soft reverse recovery for low EMI/RFI
● Low Irm reduces:
- Power dissipation within the diode
- Turn-on loss in the commutating switch
● Antiparallel diode for high frequency
switching devices
● Antisaturation diode
● Snubber diode
● Free wheeling diode
● Rectifiers in switch mode power
supplies (SMPS)
● Uninterruptible power supplies (UPS)
TO-220FP
● Industry standard outline
● RoHS compliant
● Epoxy meets UL 94V-0
● Soldering pins for PCB mounting
● Base plate: Plastic overmolded tab
● Reduced weight
● Isolation Voltage:
V~
2500
IXYS reserves the right to change limits, conditions and dimensions.
20131101a
Data according to IEC 60747and per semiconductor unless otherwise specified
© 2013 IXYS all rights reserved


Similar Part No. - DPG15I400PM

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
DPG15I400PM ISC-DPG15I400PM Datasheet
288Kb / 2P
   Fast Recovery Rectifier
More results

Similar Description - DPG15I400PM

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
DPG30I300HA IXYS-DPG30I300HA Datasheet
132Kb / 5P
   High Performance Fast Recovery Diode
DPG10I300PA IXYS-DPG10I300PA Datasheet
125Kb / 5P
   High Performance Fast Recovery Diode
DPG60C200QB IXYS-DPG60C200QB Datasheet
148Kb / 5P
   High Performance Fast Recovery Diode
DPG30C200HB IXYS-DPG30C200HB Datasheet
107Kb / 3P
   High Performance Fast Recovery Diode
DPF30I300PA IXYS-DPF30I300PA Datasheet
136Kb / 5P
   High Performance Fast Recovery Diode Low Loss and Soft Recovery Single Diode
DPG30I400HA IXYS-DPG30I400HA Datasheet
143Kb / 5P
   High Performance Fast Recovery Diode Low Loss and Soft Recovery Single Diode
DPG30IM300PC IXYS-DPG30IM300PC Datasheet
148Kb / 5P
   High Performance Fast Recovery Diode Low Loss and Soft Recovery Single Diode
DHG10I600PA IXYS-DHG10I600PA Datasheet
105Kb / 4P
   High Performance Fast Recovery Diode Low Loss and Soft Recovery Single Diode
DPG10IM300UC IXYS-DPG10IM300UC Datasheet
211Kb / 5P
   High Performance Fast Recovery Diode Low Loss and Soft Recovery Single Diode
DHG60I1200HA IXYS-DHG60I1200HA Datasheet
108Kb / 4P
   High Performance Fast Recovery Diode Low Loss and Soft Recovery Single Diode
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com