Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DD171N12K Datasheet(PDF) 1 Page - Infineon Technologies AG

Part # DD171N12K
Description  Netz-Dioden-Modul Rectifier Diode Module
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

DD171N12K Datasheet(HTML) 1 Page - Infineon Technologies AG

  DD171N12K Datasheet HTML 1Page - Infineon Technologies AG DD171N12K Datasheet HTML 2Page - Infineon Technologies AG DD171N12K Datasheet HTML 3Page - Infineon Technologies AG DD171N12K Datasheet HTML 4Page - Infineon Technologies AG DD171N12K Datasheet HTML 5Page - Infineon Technologies AG DD171N12K Datasheet HTML 6Page - Infineon Technologies AG DD171N12K Datasheet HTML 7Page - Infineon Technologies AG DD171N12K Datasheet HTML 8Page - Infineon Technologies AG DD171N12K Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
N
Netz-Dioden-Modul
Rectifier Diode Module
Datenblatt / Data sheet
DD171N
IFBIP D AEC / 2011-03-01, M.Stelte
A 13/11
1/9
Seite/page
Kenndaten
Elektrische Eigenschaften
Thermische Eigenschaften
Elektrische Eigenschaften / Electrical properties
Höchstzulässige Werte / Maximum rated values
DD171N
DD171N..K..-A
DD171N..K..-K
ND171N
Periodische Spitzensperrspannung
repetitive peak reverse voltages
Tvj = -40°C... Tvj max
VRRM
1200
1600
1400
1800
V
V
Stoßspitzensperrspannung
non-repetitive peak reverse voltage
Tvj = +25°C... Tvj max
VRSM
1300
1700
1500
1900
V
V
Durchlaßstrom-Grenzeffektivwert
maximum RMS on-state current
IFRMSM
270 A
Dauergrenzstrom
average on-state current
TC = 100°C
IFAVM
171 A
Stoßstrom-Grenzwert
surge current
Tvj = 25 °C, tP = 10 ms
Tvj = Tvj max, tP = 10 ms
IFSM
6.600
5.600
A
A
Grenzlastintegral
I²t-value
Tvj = 25 °C, tP = 10 ms
Tvj = Tvj max, tP = 10 ms
I²t
218.000
157.000
A²s
A²s
Charakteristische Werte / Characteristic values
Durchlaßspannung
on-state voltage
Tvj = Tvj max , iF = 500 A
vF
max.
1,26 V
Schleusenspannung
threshold voltage
Tvj = Tvj max
V(TO)
0,75 V
Ersatzwiderstand
slope resistance
Tvj = Tvj max
rT
0,8
Sperrstrom
reverse current
Tvj = Tvj max , vR = VRRM
iR
max.
20 mA
Isolations-Prüfspannung
insulation test voltage
RMS, f = 50 Hz, t = 1 sec
RMS, f = 50 Hz, t = 1 min
VISOL
3,0
2,5
kV
kV
Thermische Eigenschaften / Thermal properties
Innerer Wärmewiderstand
thermal resistance, junction to case
pro Modul / per Module,
Θ = 180° sin
pro Zweig / per arm,
Θ = 180° sin
pro Modul / per Module, DC
pro Zweig / per arm, DC
RthJC
max.
max.
max.
max.
0,130
0,260
0,126
0,252
°C/W
°C/W
°C/W
°C/W
Übergangs-Wärmewiderstand
thermal resistance, case to heatsink
pro Modul / per Module
pro Zweig / per arm
RthCH
max.
max.
0,03
0,06
°C/W
°C/W
Höchstzulässige Sperrschichttemperatur
maximum junction temperature
Tvj max
150 °C
Betriebstemperatur
operating temperature
Tc op
- 40...+150 °C
Lagertemperatur
storage temperature
Tstg
- 40...+150 °C
prepared by: M.Stelte
date of publication:
2011-03-01
approved by: M.Leifeld
revision:
3.0


Similar Part No. - DD171N12K

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
DD171N16K INFINEON-DD171N16K Datasheet
546Kb / 10P
   Netz-Dioden-Modul Rectifier Diode Module
2011-03-01 revision:3.0
More results

Similar Description - DD171N12K

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
DD261N22K INFINEON-DD261N22K Datasheet
261Kb / 11P
   Netz-Dioden-Modul Rectifier Diode Module
14.08.03 revision:2
DD540N22K INFINEON-DD540N22K Datasheet
228Kb / 11P
   Netz-Dioden-Modul Rectifier Diode Module
06.05.03 revision:1
DD390N22S INFINEON-DD390N22S Datasheet
472Kb / 10P
   Netz-Dioden-Modul Rectifier Diode Module
2022-06-27 Revision 3.3
DD171N16K INFINEON-DD171N16K Datasheet
546Kb / 10P
   Netz-Dioden-Modul Rectifier Diode Module
2011-03-01 revision:3.0
DD220N16S INFINEON-DD220N16S Datasheet
448Kb / 10P
   Netz-Dioden-Modul Rectifier Diode Module
2018-03-21 Revision 3.1
logo
eupec GmbH
DD285N EUPEC-DD285N Datasheet
241Kb / 10P
   Netz-Dioden-Modul Rectifier Diode Module
logo
Infineon Technologies A...
DD89N12K INFINEON-DD89N12K Datasheet
231Kb / 11P
   Netz-Dioden-Modul Rectifier Diode Module
29.04.03 revision:1
DD171N INFINEON-DD171N Datasheet
583Kb / 9P
   Netz-Dioden-Modul Rectifier Diode Module
2011-03-01 revision:3.0
DD104N INFINEON-DD104N Datasheet
231Kb / 10P
   Netz-Dioden-Modul Rectifier Diode Module
Ver 1 29.04.03
DD160N INFINEON-DD160N Datasheet
206Kb / 10P
   Netz-Dioden-Modul Rectifier Diode Module
2009-02-11 revision:1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com