Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UC3845D Datasheet(PDF) 6 Page - Fairchild Semiconductor

Part # UC3845D
Description  SMPS Controller
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

UC3845D Datasheet(HTML) 6 Page - Fairchild Semiconductor

Back Button UC3845D Datasheet HTML 2Page - Fairchild Semiconductor UC3845D Datasheet HTML 3Page - Fairchild Semiconductor UC3845D Datasheet HTML 4Page - Fairchild Semiconductor UC3845D Datasheet HTML 5Page - Fairchild Semiconductor UC3845D Datasheet HTML 6Page - Fairchild Semiconductor UC3845D Datasheet HTML 7Page - Fairchild Semiconductor UC3845D Datasheet HTML 8Page - Fairchild Semiconductor UC3845D Datasheet HTML 9Page - Fairchild Semiconductor UC3845D Datasheet HTML 10Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
UC3842/UC3843/UC3844/UC3845
6
Figure 5. Oscillator Waveforms and Maximum Duty Cycle
Oscillator timing capacitor, CT, is charged by VREF through RT and discharged by an internal current source. During the
discharge time, the internal clock signal blanks the output to the low state. Selection of RT and CT therefore determines both
oscillator frequency and maximum duty cycle. Charge and discharge times are determined by the formulas:
tc = 0.55 RT CT
Frequency, then, is: f=(tc + td)
-1
Figure 8. Shutdown Techniques
Figure 6. Oscillator Dead Time & Frequency
Figure 7. Timing Resistance vs Frequency
t
D
R
TCTIn
0.0063R
T
2.7
0.0063R
T
4
----------------------------------------


=
ForRT
5K
Ω f
1.8
R
TCT
---------------
=
,
>
(Deadtime vs CT RT > 5kΩ)


Similar Part No. - UC3845D

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
UC3845D MOTOROLA-UC3845D Datasheet
376Kb / 14P
   HIGH PERFORMANCE CURRENT MODE CONTROLLERS
logo
ON Semiconductor
UC3845D ONSEMI-UC3845D Datasheet
376Kb / 14P
   HIGH PERFORMANCE CURRENT MODE CONTROLLERS
1996 REV 1
logo
STMicroelectronics
UC3845D STMICROELECTRONICS-UC3845D Datasheet
96Kb / 11P
   CURRENTMODE PWM CONTROLLER
logo
Fairchild Semiconductor
UC3845D FAIRCHILD-UC3845D Datasheet
127Kb / 12P
   SMPS Controller
logo
Texas Instruments
UC3845D TI-UC3845D Datasheet
937Kb / 3P
[Old version datasheet]   Current Mode PWM Controller
More results

Similar Description - UC3845D

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
KA7511 FAIRCHILD-KA7511 Datasheet
56Kb / 8P
   SMPS Controller
KA3843AC FAIRCHILD-KA3843AC Datasheet
47Kb / 6P
   SMPS Controller
KA3842B FAIRCHILD-KA3842B_02 Datasheet
125Kb / 10P
   SMPS Controller
UC3842A FAIRCHILD-UC3842A Datasheet
42Kb / 8P
   SMPS Controller
logo
ARTSCHIP ELECTRONICS CO...
MC34063A ARTSCHIP-MC34063A Datasheet
334Kb / 10P
   SMPS Controller
logo
Fairchild Semiconductor
UC3842 FAIRCHILD-UC3842 Datasheet
127Kb / 12P
   SMPS Controller
UC3846 FAIRCHILD-UC3846 Datasheet
67Kb / 10P
   SMPS Controller
KA3525A FAIRCHILD-KA3525A Datasheet
78Kb / 5P
   SMPS CONTROLLER
KA7515 FAIRCHILD-KA7515 Datasheet
36Kb / 6P
   SMPS Controller
logo
ON Semiconductor
KA3525A ONSEMI-KA3525A Datasheet
207Kb / 8P
   SMPS Controller
Rev. 1.0.1
KA3843B ONSEMI-KA3843B Datasheet
243Kb / 12P
   SMPS Controller
Rev. 1.0.2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com