Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PI3HDMI101ZHEX Datasheet(PDF) 1 Page - Pericom Semiconductor Corporation

Part # PI3HDMI101ZHEX
Description  1:1 Active HDMI??ReDriver??with Optimized Equalization & I2C Buffer
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI3HDMI101ZHEX Datasheet(HTML) 1 Page - Pericom Semiconductor Corporation

  PI3HDMI101ZHEX Datasheet HTML 1Page - Pericom Semiconductor Corporation PI3HDMI101ZHEX Datasheet HTML 2Page - Pericom Semiconductor Corporation PI3HDMI101ZHEX Datasheet HTML 3Page - Pericom Semiconductor Corporation PI3HDMI101ZHEX Datasheet HTML 4Page - Pericom Semiconductor Corporation PI3HDMI101ZHEX Datasheet HTML 5Page - Pericom Semiconductor Corporation PI3HDMI101ZHEX Datasheet HTML 6Page - Pericom Semiconductor Corporation PI3HDMI101ZHEX Datasheet HTML 7Page - Pericom Semiconductor Corporation PI3HDMI101ZHEX Datasheet HTML 8Page - Pericom Semiconductor Corporation PI3HDMI101ZHEX Datasheet HTML 9Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
1
PS8924C
10/05/09
ADVANCE INFORMATION - COMPANY CONFIDENTIAL
All trademarks are property of their respective owners.
PI3HDMI101
1:1 Active HDMI™ ReDriver™ with
Optimized Equalization & I2C Buffer
Features
• Supply voltage, VDD = 3.3V ±5%
• Support for both DVI and HDMITM signals
• Supports both AC-coupled and DC-coupled inputs
• Supports Deep ColorTM
• High Performance, up to 2.5 Gbps per channel
• 5V Tolerance on I2C path
• Integrated 50-Ohm (±10%) termination resistors at each high
speed signal input
• Rx Sense Support, CLK-off channel is switched to 250K-Ohm
pull-up vs. 50-Ohm pull-up
• Configurable output swing control
(400mV, 500mV, 600mV, 750mV, 1000mV)
• Configurable Pre-Emphasis levels
(0dB, 1.5dB, 3.5dB, & 6.0dB, 9.0dB)
• Configurable De-Emphasis
(0dB, -3.5dB, -6.0dB, -9.5dB)
• Optimized Equalization
Single default setting will support all cable lengths
• 8kV Contact ESD protection on all input/output data channels
per IEC 61000-4-2
• Hot insertion support on output high speed pins & SCL/SDA
pins only
• Propagation delay ≤ 1ns
• High Impedance Outputs when disabled
• Packaging (Pb-free & Green): 42-contact TQFN (ZH42)
Description
Pericom Semiconductor’s PI3HDMI101 1:1 active ReDriver™
circuit is targeted for high-resolution video networks that are
based on DVI/HDMITM standards and TMDS signal processing.
The PI3HDMI101 is an active ReDriver with Hi-Z outputs.
The device receives differential signals from selected video
components and drives the video display unit. This solution also
provides a unique advanced pre-emphasis technique to increase
rise and fall times which are reduced during transmission across
long distances.
Each complete HDMI/DVI channel also has slower speed, side
band signals, that are required to be switched. Pericom’s solution
provides a complete solution by integrating the side band buffer
together with the high speed buffer in a single solution. Using
Equalization at the input of each of the high speed channels,
Pericom can successfully eliminate deterministic jitter caused by
long cables from the source to the sink. The elimination of the
deterministic jitter allows the user to use much longer cables (up
to 25 meters).
The maximum DVI/HDMI Bandwidth of 2.5 Gbps provides 36-
bit Deep Color™ support, which is offered by HDMI revision
1.3. The PI3HDMI101 also provides enhanced robust ESD/EOS
protection of 8kV, which is required by many consumer video
networks today.
The Optimized Equalization provides the user a single optimal
setting that can provide HDMI compliance for all cable lengths:
1meter to 20meters and color depths of 8bit/ch, or 12bit/ch.
Pericom also offers the ability to fine tune the equalization settings
in situations where cable length is known. For example, if 25meter
cable length is required, Pericom's solution can be adjusted to
16dB EQ to accept 25meter cable length.
09-0055


Similar Part No. - PI3HDMI101ZHEX

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI3HDMI101ZHE PERICOM-PI3HDMI101ZHE Datasheet
491Kb / 12P
   1:1 Active HDMITM Redriver with Optimized Equalization & I2C Buffer
More results

Similar Description - PI3HDMI101ZHEX

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI3HDMI101 PERICOM-PI3HDMI101 Datasheet
491Kb / 12P
   1:1 Active HDMITM Redriver with Optimized Equalization & I2C Buffer
PI3HDMI101-B PERICOM-PI3HDMI101-B Datasheet
940Kb / 16P
   1:1 Active HDMI ReDriver with Optimized Equalization & I2C Buffer and RxTerm detection circuitry
PI3HDMI341AR PERICOM-PI3HDMI341AR Datasheet
528Kb / 12P
   3:1 Active HDMI 1.3 Compatible Switch with Optimized Equalization for Enhanced Signal Integrity
PI3HDMI341ART PERICOM-PI3HDMI341ART Datasheet
740Kb / 11P
   3:1 Active HDMI 1.3 Compatible Switch with Optimized Equalization for Enhanced Signal Integrity
PI3HDMI301 PERICOM-PI3HDMI301 Datasheet
632Kb / 16P
   3:1 Active Switch for HDMI Signals with Optimized Equalization for Enhanced Signal Integrity
logo
Analog Devices
AD8195ACPZ AD-AD8195ACPZ Datasheet
1Mb / 20P
   HDMI/DVI Buffer with Equalization
REV. B
AD8191AASTZ-RL AD-AD8191AASTZ-RL Datasheet
837Kb / 28P
   4:1 HDMI/DVI Switch with Equalization
REV. 0
AD8197 AD-AD8197_15 Datasheet
842Kb / 32P
   4:1 HDMI/DVI Switch with Equalization
REV. 0
ADV3000 AD-ADV3000 Datasheet
781Kb / 28P
   3:1 HDMI/DVI Switch with Equalization
REV. 0
AD8196 AD-AD8196 Datasheet
533Kb / 24P
   2:1 HDMI/DVI Switch with Equalization
PrA
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com