Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LB1843V Datasheet(PDF) 1 Page - Sanyo Semicon Device

Part # LB1843V
Description  Low-saturation, current-controlled bidirectional motor driver
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LB1843V Datasheet(HTML) 1 Page - Sanyo Semicon Device

  LB1843V Datasheet HTML 1Page - Sanyo Semicon Device LB1843V Datasheet HTML 2Page - Sanyo Semicon Device LB1843V Datasheet HTML 3Page - Sanyo Semicon Device LB1843V Datasheet HTML 4Page - Sanyo Semicon Device LB1843V Datasheet HTML 5Page - Sanyo Semicon Device LB1843V Datasheet HTML 6Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Low-saturation, current-controlled
bidirectional motor driver
Overview
The LB1843V is a low-saturation bidirectional motor driver
with output current limitation and detection functions. This
design is ideal for controlling the loading motor in a video
camera.
Features
.
Output current limiter and detector built in
.
Low-saturation voltage bidirectional bridge circuit built in:
VOsat = 0.40 V typ. at 400 mA
.
Practically no current drain (0.1 µA or less) in standby mode
.
Input-linked reference voltage built in
.
Thermal shutdown circuit built in
.
Requires little space, since few external components are
needed and the IC is contained in a small SSOP-20 package
Package Dimensions
unit : mm
3179A-SSOP20
[LB1843V]
SANYO : SSOP20
Specifications
Absolute Maximum Ratings at Ta = 25°C
Parameter
Symbol
Conditions
Ratings
Unit
Maximum supply voltage
VCC max
10.5
V
Maximum output current
Im max
800
mA
Applied input voltage
VIN
–0.3 to +10
V
Allowable power dissipation
Pd max
With board ( 50
× 35 × 1.6 mm3 )
800
mW
Operating temperature
Topr
–20 to +80
°C
Storage temperature
Tstg
–40 to +150
°C
Allowable Operating Ranges at Ta = 25°C
Parameter
Symbol
Conditions
Ratings
Unit
Supply voltage
VCC
3.0 to 9.0
V
VM voltage
VM
2.2 to VCC
V
High-level input voltage
VIH
3.0 to 9.0
V
Low-level input voltage
VIL
–0.3 to +0.7
V
LIR input voltage
VLIR
0.5 to VCC–1.0
V
Output current limitation
Ilimit
50 to 350
mA
Ordering number: EN 4385B
Monolithic Digital IC
LB1843V
SANYO Electric Co.,Ltd. Semiconductor Bussiness Headquarters
TOKYO OFFICE Tokyo Bldg., 1-10, 1 Chome, Ueno, Taito-ku, TOKYO, 110-8534 JAPAN
O3096HA(II) No.4385-1/6


Similar Part No. - LB1843V

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LB1843V SANYO-LB1843V Datasheet
90Kb / 6P
   Low-saturation, current-controlled bidirectional motor driver
LB1843V SANYO-LB1843V Datasheet
116Kb / 6P
   Low-saturation, current-controlled bidirectional motor driver
LB1843V SANYO-LB1843V Datasheet
102Kb / 6P
   Low-saturation, current-controlled bidirectional motor driver
logo
ON Semiconductor
LB1843V ONSEMI-LB1843V Datasheet
331Kb / 10P
   Monolithic Linear IC
February, 2014
logo
Sanyo Semicon Device
LB1843V SANYO-LB1843V_12 Datasheet
102Kb / 6P
   Low-saturation, current-controlled bidirectional motor driver
More results

Similar Description - LB1843V

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LB1843V SANYO-LB1843V Datasheet
90Kb / 6P
   Low-saturation, current-controlled bidirectional motor driver
LB1843V SANYO-LB1843V_98 Datasheet
116Kb / 6P
   Low-saturation, current-controlled bidirectional motor driver
LB1843V SANYO-LB1843V_12 Datasheet
102Kb / 6P
   Low-saturation, current-controlled bidirectional motor driver
logo
ON Semiconductor
LB1838JM ONSEMI-LB1838JM Datasheet
72Kb / 5P
   Low-Saturation Bidirectional Motor Driver
June, 2013
LB1933M ONSEMI-LB1933M Datasheet
60Kb / 5P
   Low-Saturation Bidirectional Motor Driver
June, 2013
logo
Sanyo Semicon Device
LB1841V SANYO-LB1841V Datasheet
55Kb / 7P
   Low-Saturation Current-Controlled Forward/Reverse Motor Driver
LB1838M SANYO-LB1838M_09 Datasheet
92Kb / 5P
   Low-Voltage, Low-Saturation Bidirectional Motor Driver
logo
ON Semiconductor
LB1930MC-AH ONSEMI-LB1930MC-AH Datasheet
74Kb / 5P
   Low-Voltage, Low-Saturation Bidirectional Motor Driver
May, 2013
logo
Sanyo Semicon Device
LB1930M SANYO-LB1930M_11 Datasheet
110Kb / 5P
   Low-Voltage, Low-Saturation Bidirectional Motor Driver
LB1638 SANYO-LB1638_08 Datasheet
85Kb / 4P
   Low-Voltage, Low-Saturation Bidirectional Motor Driver
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com