Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT25DF321A-SH-B Datasheet(PDF) 11 Page - ATMEL Corporation

Part # AT25DF321A-SH-B
Description  32-Mbit 2.7V Minimum Serial Peripheral Interface Serial Flash Memory
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT25DF321A-SH-B Datasheet(HTML) 11 Page - ATMEL Corporation

Back Button AT25DF321A-SH-B Datasheet HTML 7Page - ATMEL Corporation AT25DF321A-SH-B Datasheet HTML 8Page - ATMEL Corporation AT25DF321A-SH-B Datasheet HTML 9Page - ATMEL Corporation AT25DF321A-SH-B Datasheet HTML 10Page - ATMEL Corporation AT25DF321A-SH-B Datasheet HTML 11Page - ATMEL Corporation AT25DF321A-SH-B Datasheet HTML 12Page - ATMEL Corporation AT25DF321A-SH-B Datasheet HTML 13Page - ATMEL Corporation AT25DF321A-SH-B Datasheet HTML 14Page - ATMEL Corporation AT25DF321A-SH-B Datasheet HTML 15Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 52 page
background image
11
3686D–DFLASH–12/09
Atmel AT25DF321A
While the device is programming, the Status Register can be read and will indicate that the device is busy. For faster
throughput, it is recommended that the Status Register be polled rather than waiting the t
BP or tPP time to determine if the
data bytes have finished programming. At some point before the program cycle completes, the WEL bit in the Status
Register will be reset back to the logical “0” state.
The device also incorporates an intelligent programming algorithm that can detect when a byte location fails to program
properly. If a programming error arises, it will be indicated by the EPE bit in the Status Register.
Figure 8-1.
Byte Program
Figure 8-2.
Page Program
8.2
Dual-Input Byte/Page Program
The Dual-Input Byte/Page Program command is similar to the standard Byte/Page Program command and can be used to
program anywhere from a single byte of data up to 256-bytes of data into previously erased memory locations. Unlike the
standard Byte/Page Program command, however, the Dual-Input Byte/Page Program command allows two bits of data to
be clocked into the device on every clock cycle rather than just one.
Before the Dual-Input Byte/Page Program command can be started, the Write Enable command must have been
previously issued to the device (see “Write Enable” on page 18) to set the Write Enable Latch (WEL) bit of the Status
Register to a logical “1” state. To perform a Dual-Input Byte/Page Program command, an opcode of A2h must be clocked
into the device followed by the three address bytes denoting the first byte location of the memory array to begin
programming at. After the address bytes have been clocked in, data can then be clocked into the device two bits at a time
on both the SOI and SI pins.
The data is always input with the MSB of a byte first, and the MSB is always input on the SOI pin. During the first clock
cycle, bit 7 of the first data byte would be input on the SOI pin while bit 6 of the same data byte would be input on the SI
pin. During the next clock cycle, bits 5 and 4 of the first data byte would be input on the SOI and SI pins, respectively. The
sequence would continue with each byte of data being input after every four clock cycles. Like the standard Byte/Page
Program command, all data clocked into the device is stored in an internal buffer.
SCK
CS
SI
SO
MSB
MSB
23
1
0
00000010
67
5
410 11
9
812
39
37 38
33
36
35
34
31 32
29 30
OPCODE
HIGH-IMPEDANCE
AAAA
AAA
A
A
MSB
DDDDDDD
D
ADDRESS BITS A23-A0
DATA IN
SCK
CS
SI
SO
MSB
MSB
23
1
0
00000010
67
5
49
839
37 38
33
36
35
34
31 32
29 30
OPCODE
HIGH-IMPEDANCE
AA
AAA
A
MSB
DDDDDDD
D
ADDRESS BITS A23-A0
DATA IN BYTE 1
MSB
DDDDDDD
D
DATA IN BYTE n


Similar Part No. - AT25DF321A-SH-B

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT25DF321A-SH-B ATMEL-AT25DF321A-SH-B Datasheet
1Mb / 58P
   32-Megabit 2.7-volt Minimum SPI Serial Flash Memory
More results

Similar Description - AT25DF321A-SH-B

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
AT25DF321A RENESAS-AT25DF321A Datasheet
1Mb / 51P
   32-Mbit 2.7V Minimum Serial Peripheral Interface Serial Flash Memory
02/2019
logo
List of Unclassifed Man...
AT25DF321A ETC2-AT25DF321A Datasheet
1Mb / 53P
   32-Mbit 2.7V Minimum Serial Peripheral Interface Serial Flash Memory
logo
ATMEL Corporation
AT25DF641A ATMEL-AT25DF641A Datasheet
1Mb / 57P
   64-Mbit 2.7V Minimum Serial Peripheral Interface Serial Flash Memory
AT25DF081A ATMEL-AT25DF081A Datasheet
1Mb / 53P
   8-Mbit 2.7V Minimum Serial Peripheral Interface Serial Flash Memory
logo
List of Unclassifed Man...
AT25DF641 ETC2-AT25DF641_13 Datasheet
703Kb / 56P
   Minimum Serial Peripheral Interface Serial Flash Memory
AT25DF081A ETC2-AT25DF081A Datasheet
1Mb / 54P
   8-Mbit 2.7V Minimum SPI Serial Flash Memory
logo
Dialog Semiconductor
AT25DF081A DIALOG-AT25DF081A Datasheet
1Mb / 54P
   8-Mbit 2.7V Minimum SPI Serial Flash Memory
logo
Renesas Technology Corp
AT25DF081A RENESAS-AT25DF081A Datasheet
1Mb / 53P
   8-Mbit 2.7V Minimum SPI Serial Flash Memory
2/2022
logo
Texas Instruments
SM28VLT32-HT TI1-SM28VLT32-HT Datasheet
214Kb / 16P
[Old version datasheet]   32-MBIT HIGH-TEMPERATURE FLASH MEMORY WITH SERIAL PERIPHERAL INTERFACE (SPI) BUS
logo
List of Unclassifed Man...
AT25DF641A ETC2-AT25DF641A Datasheet
2Mb / 58P
   64-Mbit, 2.7V Minimum SPI Serial Flash Memory with Dual.I/O Support
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com