Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AF2-3507 Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # AF2-3507
Description  2410 Fast Acting Surface Mount Fuses
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AF2-3507 Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  AF2-3507 Datasheet HTML 1Page - List of Unclassifed Manufacturers AF2-3507 Datasheet HTML 2Page - List of Unclassifed Manufacturers AF2-3507 Datasheet HTML 3Page - List of Unclassifed Manufacturers AF2-3507 Datasheet HTML 4Page - List of Unclassifed Manufacturers AF2-3507 Datasheet HTML 5Page - List of Unclassifed Manufacturers AF2-3507 Datasheet HTML 6Page - List of Unclassifed Manufacturers AF2-3507 Datasheet HTML 7Page - List of Unclassifed Manufacturers AF2-3507 Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Rev. Dec. 11
39
Website: www.aemchina.com & www.aemcomponents.com
AirMatrixTM 2410 Fast Acting Surface Mount Fuses
Product Identification:
AF2 1.00 V125 T M
(
1)
(2)
(3)
(4) (5)
(
1)
Series code: AF2
(
2)
Current rating code: 1.00 - 1.00 A
(
3)
Voltage rating code: V125 - 125 VDC
(
4)
Package code:
T - Tape & Reel
B - Bulk
(
5)
Marking code: M - with mark
Environmental Tests:
Reliability Test
Test Condition and Requirement
Test Reference
Reflow & Bend
3 reflows at 245°C followed by a 2 mm bend,
20% DCR change
max. (10% for ≤ 1 A), no mechanical damage
Refer to
AEM QIQ034 ,QIQ048
IEC60068-2-21
Solderability
245°C, 5 seconds, new solder coverage 90% minimum
MIL-STD-202
Method 208
Soldering Heat Resistance 260°C, 10 seconds, 20% DCR change max. (10% for ≤ 1 A),
new solder coverage 75% minimum
MIL-STD-202
Method 210
Life
25°C, 2000 hours, 80% rated current (75% for < 1 A), voltage
drop change≤ ±20%
Refer to AEM QIQ106
Thermal Shock
-65°C to +125°C, 100 cycles, 10% DCR change max., no
mechanical damage
MIL-STD-202
Method 107
Mechanical Vibration
5 – 3000 Hz, 0.4 inch double amplitude or 30 G peak, 10% DCR
change max., no mechanical damage
MIL-STD-202
Method 204
Mechanical Shock
1500 G, 0.5 milliseconds, half-sine shocks, 10% DCR change
max., no mechanical damage
MIL-STD-202
Method 213
Salt Spray
5% salt solution, 48 hour exposure, 10% DCR change max., no
excessive corrosion
MIL-STD-202
Method 101
Moisture Resistance
10 cycles, 15% DCR change max., no excessive corrosion
MIL-STD-202
Method 106


Similar Part No. - AF2-3507

ManufacturerPart #DatasheetDescription
logo
Altech corporation
AF2 ALTECH-AF2 Datasheet
372Kb / 1P
   30 mm Non-Illuminated Flush Momentary Metal Operator AFx
logo
List of Unclassifed Man...
AF20 ETC2-AF20 Datasheet
85Kb / 1P
   CPRIIRNCTEUDI TCI RICMUPITR BIMOA횋RD
logo
Quectel Wireless Soluti...
AF20 QUECTEL-AF20 Datasheet
682Kb / 2P
   Wi-Fi & BT* Module with Ultra-compact LGA Package
AF20-Q4A QUECTEL-AF20-Q4A Datasheet
682Kb / 2P
   Wi-Fi & BT* Module with Ultra-compact LGA Package
logo
List of Unclassifed Man...
AF2000 ETC1-AF2000 Datasheet
294Kb / 1P
   AF1000 TO 6000
More results

Similar Description - AF2-3507

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
SF-1206F BOURNS-SF-1206F Datasheet
375Kb / 4P
   Fast Acting Surface Mount Fuses
SF0603F BOURNS-SF0603F Datasheet
633Kb / 4P
   Fast Acting Surface Mount Fuses
SF-1206F050-2 BOURNS-SF-1206F050-2 Datasheet
375Kb / 4P
   Fast Acting Surface Mount Fuses
SF-0402F BOURNS-SF-0402F Datasheet
374Kb / 4P
   Fast Acting Surface Mount Fuses
SF-0603F050-2 BOURNS-SF-0603F050-2 Datasheet
366Kb / 4P
   Fast Acting Surface Mount Fuses
logo
Tyco Electronics
0402SFF100F MACOM-0402SFF100F Datasheet
180Kb / 4P
   Raychem Fast Acting Surface-Mount Fuses
logo
List of Unclassifed Man...
F1206FA0500V063T ETC2-F1206FA0500V063T Datasheet
103Kb / 3P
   1206 Fast Acting Surface Mount Fuses
logo
Bourns Electronic Solut...
SF-0603FPXXXF BOURNS-SF-0603FPXXXF Datasheet
496Kb / 5P
   Fast Acting Precision Surface Mount Fuses
SF-0603FPXXXM BOURNS-SF-0603FPXXXM Datasheet
405Kb / 5P
   Fast Acting Precision Surface Mount Fuses
logo
List of Unclassifed Man...
F0402FA0500V024T ETC2-F0402FA0500V024T Datasheet
97Kb / 4P
   0402 Fast Acting Surface Mount Fuses
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com