Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RFP-QD10 Datasheet(PDF) 3 Page - OKI electronic componets

Part # RFP-QD10
Description  Soldering and Rework System
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

RFP-QD10 Datasheet(HTML) 3 Page - OKI electronic componets

  RFP-QD10 Datasheet HTML 1Page - OKI electronic componets RFP-QD10 Datasheet HTML 2Page - OKI electronic componets RFP-QD10 Datasheet HTML 3Page - OKI electronic componets RFP-QD10 Datasheet HTML 4Page - OKI electronic componets RFP-QD10 Datasheet HTML 5Page - OKI electronic componets RFP-QD10 Datasheet HTML 6Page - OKI electronic componets  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
SFP-CN05
Conical Cartridge, 0.5mm (.02")
SFP-CNB04
Conical Cartridge Bent, 0.4mm (.016")
SFP-CNB05
Conical Cartridge Bent, 0.5mm (.02")
SFP-CNL04
Conical Cartridge Long Reach, 0.4mm (.016")
SFP-DRH05
Drag Soldering Cartridge, Hoof 0.5mm (.02")
SFP-DRH15
Drag Soldering Cartridge, Hoof 1.5mm (.06")
SFP-DRH35
Drag Soldering Cartridge, Hoof 3.5mm (.14")
SFP-DRK50
Drag Soldering Cartridge, Knife 5.0mm (.20")
To order specialty versions of the Soldering Tip Cartridges replace the "
F" in the part number with
the appropriate letter designate for your application when ordering:
T = Temperature Sensitive C = Ceramic or Heavy Load
Rework Cartridges
The Rework Cartridges are used with the MFR-HSR Soldering & Rework Hand-piece for conduction
rework of surface mount components. The geometries are compatible with common SMT Chip and
SOIC components.
MFR-SMT in Action


Similar Part No. - RFP-QD10

ManufacturerPart #DatasheetDescription
logo
Anaren Microwave
RFP-050060-15X50-2 ANAREN-RFP-050060-15X50-2 Datasheet
498Kb / 2P
   Chip Terminations 4 Watts, 50ohm
RFP-050100-1X50-2 ANAREN-RFP-050100-1X50-2 Datasheet
498Kb / 2P
   Chip Terminations 5 Watts, 50ohm
RFP-050100-2X50-2 ANAREN-RFP-050100-2X50-2 Datasheet
496Kb / 2P
   Chip Terminations
RFP-050100-2X50-2 ANAREN-RFP-050100-2X50-2 Datasheet
232Kb / 2P
   Chip Termination 5 Watts, 50ohm
RFP-050100-2X50-2 ANAREN-RFP-050100-2X50-2_1 Datasheet
232Kb / 2P
   Chip Termination 5 Watts, 50ohm
More results

Similar Description - RFP-QD10

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MX-5000 OKI-MX-5000 Datasheet
1Mb / 12P
   Soldering, Desoldering and Rework System
logo
List of Unclassifed Man...
MX-500 ETC1-MX-500 Datasheet
624Kb / 2P
   New Metcal MX-500 Soldering and Rework System
MX-500 ETC-MX-500 Datasheet
624Kb / 2P
   New Metcal MX-500 Soldering and Rework System
DP-DSG2 ETC2-DP-DSG2 Datasheet
815Kb / 32P
   SOLDERING, DESOLDERING AND REWORK SYSTEMS
logo
OKI electronic componet...
PCT-1000 OKI-PCT-1000 Datasheet
2Mb / 4P
   Create Your Own Rework System
logo
List of Unclassifed Man...
DX110 ETC2-DX110 Datasheet
1Mb / 24P
   Desoldering & Rework Stations
logo
M/A-COM Technology Solu...
AN3025 MA-COM-AN3025 Datasheet
34Kb / 2P
   Transistor Mounting and Soldering
logo
List of Unclassifed Man...
PT-B7 ETC2-PT-B7 Datasheet
95Kb / 1P
   Soldering Tips and Nozzles
logo
SparkFun Electronics
TOL-14557 SPARKFUN-TOL-14557 Datasheet
148Kb / 2P
   Hot?륚ir Rework Station ??303D
1??1??8
logo
EPCOS
B41691 EPCOS-B41691 Datasheet
522Kb / 14P
   Axial-lead and soldering star capacitors
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com