Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S36SE12001ERFF Datasheet(PDF) 9 Page - Delta Electronics, Inc.

Part # S36SE12001ERFF
Description  Delphi S36SE, 17W 1x1 Brick Series DC/DC Power Modules
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

S36SE12001ERFF Datasheet(HTML) 9 Page - Delta Electronics, Inc.

Back Button S36SE12001ERFF_14 Datasheet HTML 5Page - Delta Electronics, Inc. S36SE12001ERFF_14 Datasheet HTML 6Page - Delta Electronics, Inc. S36SE12001ERFF_14 Datasheet HTML 7Page - Delta Electronics, Inc. S36SE12001ERFF_14 Datasheet HTML 8Page - Delta Electronics, Inc. S36SE12001ERFF_14 Datasheet HTML 9Page - Delta Electronics, Inc. S36SE12001ERFF_14 Datasheet HTML 10Page - Delta Electronics, Inc. S36SE12001ERFF_14 Datasheet HTML 11Page - Delta Electronics, Inc. S36SE12001ERFF_14 Datasheet HTML 12Page - Delta Electronics, Inc. S36SE12001ERFF_14 Datasheet HTML 13Page - Delta Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
DS_S36SE12001_10252013
9
FEATURES DESCRIPTIONS (CON.)
Output Voltage Adjustment
To increase or decrease the output voltage set point,
the modules may be connected with an external
resistor between the TRIM pin and either the Vo(+) or
Vo(-). The TRIM pin should be left open if this feature
is not used.
R
Load
Vo (+)
Trim
Vo (-)
R
trim-down
Vi (+)
Vi (-)
ON/OFF
R
Load
Vo (+)
Trim
Vo (-)
R
trim-down
Vi (+)
Vi (-)
ON/OFF
Vo (+)
Trim
Vo (-)
R
trim-down
Vi (+)
Vi (-)
ON/OFF
Figure 17: Circuit configuration for trim-down (decrease
output voltage)
If the external resistor is connected between the TRIM
and Vo(+) pins, the output voltage set point decreases
(Fig. 17). The external resistor value required to obtain
an output voltage change from 12V to the desired
Vo_adj is defined as:
R trim_down
Vo_adj
2.5
(
) 10000
12
Vo_adj
5110
Ex. When Trim-down -10%
Vo_adj=12V×(1-10%)=10.8V
R trim_down
10.8
2.5
(
) 10000
12
10.8
5110
Rtri m_down
6.406
10
4
ohm
Vo (+)
Trim
Vo (-)
R
Load
R
trim-up
Vi (+)
Vi (-)
ON/OFF
Vo (+)
Trim
Vo (-)
R
Load
R
trim-up
Vi (+)
Vi (-)
ON/OFF
Figure 18: Circuit configuration for trim-up (increase output
voltage)
If the external resistor is connected between the TRIM
and Vo(-) the output voltage set point increases (Fig.
18). The external resistor value required to obtain an
output voltage change from 12V to the desired Vo_adj
is defined as:
R trim_up
2.5 10000
Vo_adj
12
5110
Ex. When Trim-up +10%
Vo_adj=12V×(1+10%)=13.2V
R trim_up
2.5 10000
13.2
12
5110
Rtri m_up
1.572
10
4
ohm
When using trim function, the output voltage of the
module is usually increased, which increases the power
output of the module with the same output current.
Care should be taken to ensure that the maximum
output power of the module remains at or below the
maximum rated power.


Similar Part No. - S36SE12001ERFF_14

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
S36SE12001 DELTA-S36SE12001 Datasheet
205Kb / 3P
   17W Single output DC/DC Converter
S36SE12001 DELTA-S36SE12001 Datasheet
204Kb / 4P
   17W Single output DC/DC Converter
S36SE12001NDFG DELTA-S36SE12001NDFG Datasheet
205Kb / 3P
   17W Single output DC/DC Converter
S36SE12001NKFG DELTA-S36SE12001NKFG Datasheet
205Kb / 3P
   17W Single output DC/DC Converter
S36SE12001NNFG DELTA-S36SE12001NNFG Datasheet
205Kb / 3P
   17W Single output DC/DC Converter
More results

Similar Description - S36SE12001ERFF_14

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
S36SE3R305NRFB DELTA-S36SE3R305NRFB_14 Datasheet
621Kb / 15P
   Delphi S36SE, 17W 1x1 Brick Series DC/DC Power Modules
S36SE12002PRFZ DELTA-S36SE12002PRFZ_14 Datasheet
631Kb / 15P
   Delphi S36SE, 25W 1x1 Brick Series DC/DC Power Modules
S36SE3R305NRFB DELTA-S36SE3R305NRFB Datasheet
691Kb / 14P
   Delphi S36SE, 17W 1x1 Brick Series DC/DC Power Modules: 18~75V in, 3.3V/5A out
S36SE3R305NRFA DELTA-S36SE3R305NRFA Datasheet
652Kb / 13P
   Delphi S36SE, 17W 1x1 Brick Series DC/DC Power Modules: 18~75V in, 3.3V/5A out
S36SE05003NRFA DELTA-S36SE05003NRFA Datasheet
728Kb / 14P
   Delphi S36SE, 17W 1x1 Brick Series DC/DC Power Modules: 18~75V in, 5V/3A out
S36SE12002PRFZ DELTA-S36SE12002PRFZ Datasheet
699Kb / 14P
   Delphi S36SE, 25W 1x1 Brick Series DC/DC Power Modules: 36~75V in, 12V/2A out
S48SP3R310 DELTA-S48SP3R310 Datasheet
677Kb / 14P
   Delphi Series S48SP, 35W 1x1 Brick DC/DC Power Modules: 48V in, 3.3V/10A out
S48SP3R310NRFB DELTA-S48SP3R310NRFB Datasheet
442Kb / 14P
   Delphi Series S48SP, 35W 1x1 Brick DC/DC Power Modules: 48V in, 3.3V/10A out
S48SP12003NRFB DELTA-S48SP12003NRFB Datasheet
448Kb / 14P
   Delphi Series S48SP, 36W 1x1 Brick DC/DC Power Modules: 48V in, 12V/3A out
S48SP05007NRFB DELTA-S48SP05007NRFB Datasheet
449Kb / 14P
   Delphi Series S48SP, 35W 1x1 Brick DC/DC Power Modules: 48V in, 5V/7A out
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com