Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S24SE150R6 Datasheet(PDF) 2 Page - Delta Electronics, Inc.

Part # S24SE150R6
Description  10W Single/Dual Output DC/DC Converter
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

S24SE150R6 Datasheet(HTML) 2 Page - Delta Electronics, Inc.

  S24SE150R6 Datasheet HTML 1Page - Delta Electronics, Inc. S24SE150R6 Datasheet HTML 2Page - Delta Electronics, Inc. S24SE150R6 Datasheet HTML 3Page - Delta Electronics, Inc. S24SE150R6 Datasheet HTML 4Page - Delta Electronics, Inc. S24SE150R6 Datasheet HTML 5Page - Delta Electronics, Inc. S24SE150R6 Datasheet HTML 6Page - Delta Electronics, Inc. S24SE150R6 Datasheet HTML 7Page - Delta Electronics, Inc. S24SE150R6 Datasheet HTML 8Page - Delta Electronics, Inc. S24SE150R6 Datasheet HTML 9Page - Delta Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
S24SE/S24DE series
10W Single/Dual Output DC/DC Converter
DS_ S24SE/S24DE 10W _ 10172013
E-mail:DCDC@delta.com.tw
http://www.deltaww.com/dcdc
P2
Output Characteristics
Item
Conditions
Min.
Typ.
Max.
Unit
Output Voltage Accuracy
---
±1.0
±2.0
%Vo
Output Voltage Balance
Dual Output, Balanced Loads
---
±1.0
±2.0
%Vo
Line Regulation
Single output
±0.1
±0.2
%Vo
Dual output
±0.1
±0.5
%Vo
Cross Regulation
Dual output,Asymmetrical Load
25%-100% Full Load
±2
±3
%Vo
Total Outupt Voltage Range
Over Load, Line and Temperature
---
---
±3
%Vo
Ripple & Noise
12V, 15V, ±12V, ±15V
---
50
---
mV P-P
Ripple & Noise
3.3V, 5.0V
50
---
mV P-P
Dynamic load response
50%-75% full load, 0.1A/uS
3
%Vo
Output Over Current Protection
Output Voltage 10% Low, Hiccup
110
160
%Iomax
Short Output Protection
Long Term, Auto-recovery
Output Over-Voltage Protection
Hiccup, Auto-recovery
115
150
%Vo
Output Trim Range
Single Output
-10
+10
%Vo
General Characteristics
Item
Conditions
Min.
Typ.
Max.
Unit
I/O Isolation Voltage (rated)
---
---
1600
VDC
I/O Isolation Resistance
10
---
---
M
Ω
I/O Isolation Capacitance
1100
pF
Switching Frequency
450
KHz
Environmental Specifications
Parameter
Conditions
Min.
Max.
Unit
Operating Temperature Range (with Derating)
Ambient
-40
+85
Case Temperature
---
+105
Storage Temperature Range
-50
+125
Humidity (non condensing)
---
95
% rel. H
Cooling
Free-Air convection
Power Derating Curves(No Heat Sink)
0%
10%
20%
30%
40%
50%
60%
70%
80%
90%
100%
110%
-40
-30
-20
-10
0
10
20
30
40
50
60
70
80
90
100
110
120
Output Power(%)
Ambient Temperature (℃)
Natural
Convection
S24SE&S24DE_10W Series (Encapsulation) Output Power vs. Ambient Temperature
at Natural Convection
Notes
1
Specifications typical at Ta=+25℃, resistive load, nominal input voltage and rated output current unless otherwise noted.
2
Ripple & Noise measurement bandwidth is 0-20MHz, with 10µF, tantalum capacitor and 1µF ceramic capacitor.
‏‏3 All DC/DC converters should be externally fused at the front end for protection.
4
Specifications are subject to change without notice.


Similar Part No. - S24SE150R6

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
S24SE150R6 DELTA-S24SE150R6 Datasheet
705Kb / 12P
   10W Single/Dual Output DC/DC Converter
More results

Similar Description - S24SE150R6

ManufacturerPart #DatasheetDescription
logo
Chinfa Electronics Ind....
IDD10-03S1U CHINFA-IDD10-03S1U_10 Datasheet
391Kb / 8P
   DC - DC CONVERTER 10W SINGLE & DUAL OUTPUT
logo
Delta Electronics, Inc.
S24SE05002PDFA DELTA-S24SE05002PDFA Datasheet
928Kb / 14P
   10W Single/Dual Output DC/DC Converter
logo
Chinfa Electronics Ind....
IDD10-03S1U CHINFA-IDD10-03S1U Datasheet
405Kb / 8P
   DC - DC CONVERTER 10W SINGLE & DUAL OUTPUT
logo
Delta Electronics, Inc.
S24SE DELTA-S24SE Datasheet
705Kb / 12P
   10W Single/Dual Output DC/DC Converter
S24DE150R3PDFA DELTA-S24DE150R3PDFA Datasheet
928Kb / 14P
   10W Single/Dual Output DC/DC Converter
logo
Chinfa Electronics Ind....
IDD10U CHINFA-IDD10U_16 Datasheet
238Kb / 4P
   DC - DC CONVERTER 10W SINGLE & DUAL OUTPUT
logo
Mean Well Enterprises C...
DKE10 MEANWELL-DKE10 Datasheet
184Kb / 1P
   10W DC-DC Regulated Dual Output Converter
SKE10 MEANWELL-SKE10 Datasheet
179Kb / 1P
   10W DC-DC Regulated Single Output Converter
logo
Microdc power Technolog...
10A-ZMD MICRODC-10A-ZMD Datasheet
434Kb / 3P
   10W, WIDE INPUT, ISOLATED & REGULATED DUAL/SINGLE OUTPUT DC-DC CONVERTER
logo
MORNSUN Science& Techno...
URE2405LP-10WR3 MORNSUN-URE2405LP-10WR3 Datasheet
2Mb / 6P
   10W, Ultra wide input isolated & regulated dual/single Output,DC-DC converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com