Electronic Components Datasheet Search |
|
S24SE120R8 Datasheet(PDF) 1 Page - Delta Electronics, Inc. |
|
S24SE120R8 Datasheet(HTML) 1 Page - Delta Electronics, Inc. |
1 / 13 page S24SE/S24DE series 10W Single/Dual Output DC/DC Converter DS_ S24SE/S24DE 10W _ 10172013 E-mail:DCDC@delta.com.tw http://www.deltaww.com/dcdc P1 Model List Model Number Input Voltage (Range) Output Voltage Output Current Input Current (typ input voltage) Load Regulation Maxcapacitive Load Efficiency (typ.) Max. Min. @Max. Load @No Load @Max. Load VDC VDC mA mA mA(typ.) mA(typ.) mV uF % S24SE3R303 24 (9 ~ 36) 3.3V 3000 0 490 35 ±10 10000 87% S24SE05002 5.0V 2000 0 490 35 ±10 10000 87% S24SE120R8 12V 830 0 500 30 ±12 470 86% S24SE150R6 15V 670 0 490 25 ±15 470 87% S24DE120R4 ±12V 420 0 490 20 ±120 ±470 87% S24DE150R3 ±15V 330 0 490 30 ±150 ±470 87% Input Characteristics Item Model Min. Typ. Max. Unit Input Surge Voltage (100 msec) All Models 50 VDC Input Turn-On Voltage Threshold All Models 8 8.5 9 VDC Input Turn-Off Voltage Threshold All Models 7 7.5 8 VDC Input Under-Voltage Lockout Hysteresis All Models 0.4 1 1.7 VDC Off-Converter Input Current All Models 6 mA Input reflected ripple current All Models,with 12uH, 20MHz 5 20 mA Reverse Polarity Input Current All Models --- --- 0.3 A ON/OFF Control, Logic High All Models 2.4 10 VDC ON/OFF Control, Logic Low All Models -0.7 0.8 VDC Input Filter All Models Internal PI Filter FEATURES Efficiency up to 87% Wide input range, 9V-36V Package with Industry Standard Pinout Package Dimension: 25.4 x25.4 x10.2mm (1.0 ” x1.0” x0.40”)(No HSK) 31.0 x25.4 x17.5mm (1.22 ” x1.00” x0.69”)(HSK) Over voltage protection, hiccup mode Over current protection, hiccup mode Positive or Negative Remote ON/OFF Without tantalum capacitor inside module Operating Temperature range - 40°C to +85°C Input to Output Isolation: 1600VDC RoHs Compliant 3 Years Product Warranty Heat-sink is option UL60950, 2 nd Edition, 2011-12-19 Recognized The S24SE/S24DE series is miniature, isolated 10W DC/DC converters with 1600VDC isolation. The S24SE/S24DE family comes with a host of industry-standard features, such as over current protection, over voltage protection, over temperature protection and remote on/off. An optional heatsink is available for more extreme thermal requirements. All models have an untra-wide 4:1 input voltage range (9V to 36V). With operating temperature of - 40°C to +85°C, it is suitable for customers’ critical applications, such as process control and automation, transportation, data communication and telecom equipment, test equipment, medical device and everywhere where space on the PCB is critical. |
Similar Part No. - S24SE120R8 |
|
Similar Description - S24SE120R8 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |